Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPL-M43T Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-M43T
Description  Automotive Wide Operating Temperature 1MBd Digital Optocoupler in a 5-Pin Surface Mount Plastic Package
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-M43T Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  ACPL-M43T Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPL-M43T Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPL-M43T Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-M43T Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-M43T Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-M43T Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-M43T Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-M43T Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-M43T Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image

Absolute Maximum Ratings
Parameter
Symbol
Min.
Max.
Units
Note
Storage Temperature
TS
-55
150
°C
Operating Temperature
TA
-40
125
°C
Lead Soldering Cycle
Temperature
260
°C
Time
10
s
Average Forward Input Current
IF(avg)
20
mA
1
Peak Forward Input Current
(50% duty cycle, 1ms pulse width)
IF(peak)
40
mA
2,
Peak Transient Input Current
(<= 1us pulse width, 300ps)
IF(trans)
100
mA
Reversed Input Voltage
VR
5
V
Pin 3 - 1
Input Power Dissipation
PIN
30
mW
3
Output Power Dissipation
PO
100
mW
4
Average Output Current
IO
8
mA
Peak Output Current
Io(pk)
16
mA
Supply Voltage (Pins 6-4)
VCC
-0.5
30
V
Output Voltage (Pins 5-4)
VO
-0.5
20
V
Solder Reflow Temperature Profile
See Reflow Temperature Profile
Recommended Operating Conditions
Parameter
Symbol
Min.
Max.
Units
Note
Supply Voltage
VCC
4.5
15.0
V
Operating Temperature
TA
-40
125
°C


Similar Part No. - ACPL-M43T

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M43T-000E AVAGO-ACPL-M43T-000E Datasheet
136Kb / 9P
   Wide Operating Temperature Automotive Digital Optocoupler
ACPL-M43T-060E AVAGO-ACPL-M43T-060E Datasheet
136Kb / 9P
   Wide Operating Temperature Automotive Digital Optocoupler
ACPL-M43T-500E AVAGO-ACPL-M43T-500E Datasheet
136Kb / 9P
   Wide Operating Temperature Automotive Digital Optocoupler
ACPL-M43T-560E AVAGO-ACPL-M43T-560E Datasheet
136Kb / 9P
   Wide Operating Temperature Automotive Digital Optocoupler
More results

Similar Description - ACPL-M43T

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACFL-5211T-000E BOARDCOM-ACFL-5211T-000E Datasheet
312Kb / 12P
   Automotive R2CouplerTM Wide Operating Temperature 1MBd Digital Optocoupler in a Stretched 12-Pin Surface Mount Plastic Package
ACPL-K44T BOARDCOM-ACPL-K44T Datasheet
59Kb / 2P
   Automotive Wide Operating Temperature 1 MBd Digital Optocoupler in a Stretched 8-Pin Surface Mount Plastic Package
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-K44T AVAGO-ACPL-K44T Datasheet
59Kb / 2P
   Automotive Wide Operating Temperature 1 MBd Digital Optocoupler in a Stretched 8-Pin Surface Mount Plastic Package
ACPL-M43U-000E AVAGO-ACPL-M43U-000E Datasheet
240Kb / 8P
   Wide Operating Temperature 1MBd Digital Optocoupler with R2Coupler??Isolation
ACPL-M43T-500E AVAGO-ACPL-M43T-500E Datasheet
136Kb / 9P
   Wide Operating Temperature Automotive Digital Optocoupler
ACFL-5211U AVAGO-ACFL-5211U Datasheet
797Kb / 13P
   Bi-directional Wide Operating Temperature 1MBd Digital
logo
Broadcom Corporation.
ACFL-6211T-000E BOARDCOM-ACFL-6211T-000E Datasheet
477Kb / 13P
   Automotive High-Speed, Low-Power Digital Optocoupler with R2Coupler짰 Isolation in a Stretched 12-Pin Surface Mount Plastic Package
ACFL-6212T-000E BOARDCOM-ACFL-6212T-000E Datasheet
477Kb / 13P
   Automotive High-Speed, Low-Power Digital Optocoupler with R2Coupler짰 Isolation in a Stretched 12-Pin Surface Mount Plastic Package
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M50L-500E AVAGO-ACPL-M50L-500E Datasheet
165Kb / 16P
   Low Power, 1MBd Digital Optocoupler
logo
Broadcom Corporation.
ACNU-250L BOARDCOM-ACNU-250L Datasheet
1Mb / 11P
   1MBd Optocoupler in 11-mm
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com