Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM386N-1 Datasheet(PDF) 6 Page - Wing Shing Computer Components

Part # LM386N-1
Description  Low Voltage Adio Power Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINGS [Wing Shing Computer Components]
Direct Link  http://www.wingshing.com/en
Logo WINGS - Wing Shing Computer Components

LM386N-1 Datasheet(HTML) 6 Page - Wing Shing Computer Components

  LM386N-1 Datasheet HTML 1Page - Wing Shing Computer Components LM386N-1 Datasheet HTML 2Page - Wing Shing Computer Components LM386N-1 Datasheet HTML 3Page - Wing Shing Computer Components LM386N-1 Datasheet HTML 4Page - Wing Shing Computer Components LM386N-1 Datasheet HTML 5Page - Wing Shing Computer Components LM386N-1 Datasheet HTML 6Page - Wing Shing Computer Components LM386N-1 Datasheet HTML 7Page - Wing Shing Computer Components LM386N-1 Datasheet HTML 8Page - Wing Shing Computer Components  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Typical Applications (Continued)
Note 4: Twist Supply lead and supply ground very tightly.
Note 5: Twist speaker lead and ground very tightly.
Note 6: Ferrite bead in Ferroxcube K5-001-001/3B with 3 turns of wire.
Note 7: R1C1 band limits input signals.
Note 8: All components must be spaced very closely to IC.
Frequency Response with Bass Boost
AM Radio Power Amplifier
8-6
LM386-1


Similar Part No. - LM386N-1

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM386N-1 NSC-LM386N-1 Datasheet
251Kb / 9P
   Low Voltage Audio Power Amplifier
logo
Texas Instruments
LM386N-1 TI-LM386N-1 Datasheet
318Kb / 11P
[Old version datasheet]   LM386 Low Voltage Audio Power Amplifier
LM386N-1 TI1-LM386N-1 Datasheet
309Kb / 11P
[Old version datasheet]   LM386 Low Voltage Audio Power Amplifier
logo
ARTSCHIP ELECTRONICS CO...
LM386N-1 ARTSCHIP-LM386N-1 Datasheet
963Kb / 7P
   Low Voltage Audio Power Amplifier
logo
Texas Instruments
LM386N-1/NOPB TI1-LM386N-1/NOPB Datasheet
309Kb / 11P
[Old version datasheet]   Low Voltage Audio Power Amplifier
More results

Similar Description - LM386N-1

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2070 NJRC-NJM2070 Datasheet
127Kb / 4P
   LOW VOLTAGE POWER AMPLIFIER
logo
Toshiba Semiconductor
TA7140P TOSHIBA-TA7140P Datasheet
469Kb / 6P
   VOLTAGE AMPLIFIER LOW OUTPUT POWER AMPLIFIER
logo
Cirrus Logic
CS3013 CIRRUS-CS3013_09 Datasheet
316Kb / 10P
   Low-power / Low-voltage Precision Amplifier
CS3013_0910 CIRRUS-CS3013_0910 Datasheet
702Kb / 10P
   Low-power / Low-voltage Precision Amplifier
CS3014 CIRRUS-CS3014_07 Datasheet
485Kb / 8P
   Low-power / Low-voltage Precision Amplifier
logo
National Semiconductor ...
LMV651 NSC-LMV651 Datasheet
499Kb / 5P
   12MHz, Low Voltage, Low Power Amplifier
logo
Cirrus Logic
CS3014 CIRRUS-CS3014_09 Datasheet
286Kb / 10P
   Low-power / Low-voltage Precision Amplifier
CS3013 CIRRUS-CS3013 Datasheet
671Kb / 8P
   Low-power / Low-voltage Precision Amplifier
logo
New Japan Radio
NJM2135 NJRC-NJM2135 Datasheet
183Kb / 5P
   LOW VOLTAGE AUDIO POWER AMPLIFIER
NJM2076 NJRC-NJM2076 Datasheet
250Kb / 8P
   DUAL LOW VOLTAGE POWER AMPLIFIER?
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com