Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADNV-6330 Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # ADNV-6330
Description  High Performance Laser Mouse Bundles
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ADNV-6330 Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  ADNV-6330 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ADNV-6330 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ADNV-6330 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ADNV-6330 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ADNV-6330 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ADNV-6330 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ADNV-6330 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ADNV-6330 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ADNV-6330 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
Bundle Part Number
Part Number
Description
ADNB-6011
ADNS-6010
Laser Mouse Sensor
ADNV-6330
Single-Mode Vertical-Cavity Surface Emitting Laser (VCSEL)
ADNS-6120
Laser Mouse Round Lens
ADNS-6230-001
Laser Mouse VCSEL Assembly Clip
Bundle Part Number
Part Number
Description
ADNB-6012
ADNS-6010
Laser Mouse Sensor
ADNV-6330
Single-Mode Vertical-Cavity Surface Emitting Laser (VCSEL)
ADNS-6130-001
Laser Mouse Trim Lens
ADNS-6230-001
Laser Mouse VCSEL Assembly Clip
6330 laser diode form a complete and compact laser
mouse tracking system. There are no moving parts,
which means high reliability and less maintenance for the
end user. In addition, precision optical alignment is not
required, facilitating high volume assembly. Avago Tech-
nologies Lasers must be used with Avago Technologies
sensors and lenses to ensure proper product operation
and compliance to eye safety regulations.
This document will begin with some general information
and usage guidelines on the bundles, followed by indi-
vidual detailed information on ADNS-6010 laser mouse
sensor, ADNV-6330 VCSEL, ADNS-6120 and ADNS-6130-
001 lenses, and ADNS-6230-001 clip.
Description
The Avago Technologies ADNB-6011 and ADNB-6012
laser mouse bundles are the world’s first laser-illumi-
nated systems enabled for high performance navigation.
Driven by Avago Technologies’ LaserStream Technology,
the mouse can operate on many surfaces that prove
difficult for traditional LED-based optical navigation.
Its high-performance architecture is capable of sensing
high-speed mouse motion – with resolution up to 2000
counts per inch, velocities up to 45 inches per second
(ips) and accelerations up to 20G. This sensor is powered
for the extremely high sensitive user.
The ADNS-6010 sensor along with the ADNS-6120 or
ADNS-6130-001 lens, ADNS-6230-001 clip and ADNV-
ADNB-6011 and ADNB-6012 High Performance Laser Mouse Bundles include:
ADNB-6011 and ADNB-6012
High Performance Laser Mouse Bundles
Data Sheet


Similar Part No. - ADNV-6330

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ADNV-6330 HP-ADNV-6330 Datasheet
770Kb / 45P
   Low Power Laser Mouse Bundles
logo
AVAGO TECHNOLOGIES LIMI...
ADNV-6330 AVAGO-ADNV-6330 Datasheet
271Kb / 8P
   USB 2.4GHz RF Wireless Laser Mouse Designer?셲 Kit
logo
Broadcom Corporation.
ADNV-6330 BOARDCOM-ADNV-6330 Datasheet
271Kb / 8P
   USB 2.4GHz RF Wireless Laser Mouse Designer?셲 Kit
ADNV-6330 BOARDCOM-ADNV-6330 Datasheet
65Kb / 1P
   Sample Kit
ADNV-6330 BOARDCOM-ADNV-6330 Datasheet
305Kb / 24P
   Design Guide
More results

Similar Description - ADNV-6330

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ADNB-6011-EV AVAGO-ADNB-6011-EV Datasheet
1Mb / 52P
   High Performance Laser Mouse Bundles
logo
Agilent(Hewlett-Packard...
ADNB-6031 HP-ADNB-6031 Datasheet
770Kb / 45P
   Low Power Laser Mouse Bundles
ADNB-6032 HP-ADNB-6032 Datasheet
770Kb / 45P
   Low Power Laser Mouse Bundles
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-6000 AVAGO-ADNS-6000 Datasheet
928Kb / 41P
   Laser Mouse Sensor
ADNK-6010 AVAGO-ADNK-6010 Datasheet
103Kb / 1P
   Laser Mouse Sensor
ADNS-7050 AVAGO-ADNS-7050 Datasheet
401Kb / 34P
   Laser Mouse Sensor
logo
Broadcom Corporation.
ADNK-6010 BOARDCOM-ADNK-6010 Datasheet
103Kb / 1P
   Laser Mouse Sensor
logo
Agilent(Hewlett-Packard...
ADNS-3060 HP-ADNS-3060 Datasheet
520Kb / 38P
   High-performance Optical Mouse Sensor
logo
Pixart Imaging Inc.
ADNS-3090 PIXART-ADNS-3090 Datasheet
756Kb / 38P
   High-Performance Optical Mouse Sensor
logo
Agilent(Hewlett-Packard...
ADNS-3080 HP-ADNS-3080 Datasheet
512Kb / 40P
   High-performance Optical Mouse Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com