Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFBR-2528 Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # HFBR-2528
Description  10 Megabaud Versatile Link Fiber Optic Transmitter and Receiver for 1 mm POF and 200 關m HCS짰
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HFBR-2528 Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  HFBR-2528 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HFBR-2528 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HFBR-2528 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HFBR-2528 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HFBR-2528 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HFBR-2528 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HFBR-2528 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HFBR-2528 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
HFBR-2528 Receiver
The HFBR-2528 receiver consists of
a silicon PIN photodiode and digitiz-
ing IC to produce a logic compatible
output. The IC includes a unique
circuit to correct the pulse width
distortion of the first bit after a long
idle period. This enables operation
from DC to 10 MBd with low PWD
for arbitrary data patterns.
The receiver output is a “push-pull”
stage compatible with TTL and
CMOS logic. The receiver housing is
a dark, conductive plastic, compat-
ible with all Versatile Link connec-
tors.
Electrical and Optical Characteristics: T
A = -40° to +85°C, 4.75 V < VCC < 5.25 V, unless otherwise noted.
Parameter
Symbol
Min.
Typ.[1]
Max.
Unit
T
A (°C)
Condition
Note
Fig.
Peak POF Sensitivity:
P
RL,min
-23.0
-21.0
dBm
+25
1 mm POF,
2,6
2,4
Minimum Input for
-20.0
0 to +70
|PWD| < 30 ns
Logic “0”
-19.5
-40 to +85
Peak POF Overdrive
P
RL,max
+1.0
+5.0
dBm
+25
1 mm POF,
2,3,
1,2,
Limit:Maximum
+0.0
0 to +70
|PWD| < 30 ns
6
3
Input for Logic “0”
-1.0
-40 to +85
Peak POF Off State
P
RH,max
-42
dBm
1 mm POF
2,6,
Limit: Maximum
8
Input for Logic “1”
Peak HCS
P
RL,min
-25.0
-23.0
dBm
+25
200 µm HCS,
2,6
Sensitivity: Minimum
-22.0
0 to +70
|PWD| < 30 ns
Input for Logic “0”
-21.5
-40 to +85
Peak HCS Overdrive
P
RL,max
-1.0
+3.0
dBm
+25
200 µm HCS,
2,3,
Limit: Maximum
-2.0
0 to +70
|PWD| < 30 ns
6
Input for Logic “0”
-3.0
-40 to +85
Peak HCS Off State
P
RH,max
-44
dBm
200 µm HCS
2,6,
Limit: Maximum
8
Input for Logic “1”
Supply Current
I
CC
27
45
mA
V
O = Open
High Level Output
V
OH
4.2
4.7
V
I
O = -40 µA
Voltage
Low Level Output
V
OL
0.22
0.4
V
I
O = +1.6 mA
Voltage
Output Rise Time
t
r
12
30
ns
C
L = 10 pF
6
Output Fall Time
t
f
10
30
ns
C
L = 10 pF
6
Thermal Resistance,
θ
jc
200
°C/W
4
Junction to Case
Electric Field
E
MAX
8
V/m
Near Field,
5
Immunity
Electrical
Field Source
Power Supply
PSNI
0.1
0.4
V
pp
Sine Wave
6
Noise Immunity
DC - 10 MHz
Notes:
1. Typical data are at +25°C, V
CC = 5.0 V.
2. Input power levels are for peak (not average) optical input levels. For 50% duty cycle data, peak optical power is twice the average optical
power.
3. Receiver overdrive (P
RL,max) is specified as the limit where |PWD| will not exceed 30 ns. The receiver will be in the correct state (logic“0”) for opti-
cal powers above P
RL,max. However, it may not meet a 30% symbol period PWD if the overdrive limit is exceeded. Refer to Figure 2 for PWD per-
formance at high received optical powers.
4. Typical value measured from junction to PC board solder joint for horizontal mount package, HFBR-2528.
5. Pins 5 and 8 are electrically connected to the conductive housing and are also used for mounting and retaining purposes. It is required that
pins 5 and 8 be connected to ground to maintain conductive housing shield effectiveness.
6. In recommended receiver circuit, with an optical signal from the recommended transmitter circuit.
7. Pin 4 is electrically isolated internally. Pin 4 may be externally connected to pin 1 for board layout compatibility with HFBR-25X1, HFBR-25X2
and HFBR-25X4. Otherwise it is recommended pin 4 be grounded as in Figure 5.
8. BER ≤ 10E-9, includes a 10.8 dB margin below the receiver switching threshold level (signal to noise ratio = 12).
HFBR-2528 Receiver, Top View
NO CONNECT
4
VCC
3
GROUND
2
VO
1
GROUND 5
GROUND 8
SEE NOTES 5,7
HFBR-2528 Receiver
IC


Similar Part No. - HFBR-2528

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HFBR-2528 HP-HFBR-2528 Datasheet
438Kb / 19P
   Versatile Link The Versatile Fiber Optic Connection
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-2528Z AVAGO-HFBR-2528Z Datasheet
143Kb / 8P
   10 Megabaud Versatile Link Fiber Optic Transmitter and Receiver for 1 mm POF and 200 關m HCS짰
More results

Similar Description - HFBR-2528

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-0508Z AVAGO-HFBR-0508Z Datasheet
143Kb / 8P
   10 Megabaud Versatile Link Fiber Optic Transmitter and Receiver for 1 mm POF and 200 關m HCS짰
HFBR-1525EZ AVAGO-HFBR-1525EZ Datasheet
131Kb / 7P
   12 Megabaud Versatile Link Fiber Optic Transmitter and Receiver for 1 mm POF and 200 關m HCS짰
AFBR-1644Z AVAGO-AFBR-1644Z Datasheet
90Kb / 7P
   DC, 50 Megabaud Versatile Link Fiber Optic Transmitter and Receiver for 1 mm POF
AFBR-1624Z AVAGO-AFBR-1624Z Datasheet
99Kb / 7P
   DC, 50 Megabaud Versatile Link Fiber Optic Transmitter and Receiver for 1 mm POF
AFBR-2521CZ AVAGO-AFBR-2521CZ Datasheet
320Kb / 9P
   DC?? Megabaud Versatile Link Fiber Optic Receiver for 1mm POF and 200關m PCS
AFBR-T524Z AVAGO-AFBR-T524Z Datasheet
257Kb / 7P
   50 Megabaud Versatile Link Fiber Optic Transmitter and Receiver for 1mm POF
logo
Broadcom Corporation.
AFBR-25X1CZ BOARDCOM-AFBR-25X1CZ Datasheet
320Kb / 9P
   DC?? Megabaud Versatile Link Fiber Optic Receiver for 1mm POF and 200關m PCS
AFBR-1528CZ BOARDCOM-AFBR-1528CZ Datasheet
1Mb / 12P
   DC to 10-MBd Versatile Link Fiber Optic Analog Transmitter and Digital Receiver for 1-mm POF and 200-關m PCS
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-1529Z AVAGO-AFBR-1529Z Datasheet
199Kb / 5P
   DC to 10 Mbd Versatile Link Fiber Optic Analog Transmitter for 1 mm POF and 200 關m PCS
logo
Broadcom Corporation.
AFBR-15X1CZ BOARDCOM-AFBR-15X1CZ Datasheet
1Mb / 14P
   DC to 5-MBd Versatile Link Fiber Optic Analog Transmitter and Digital Receiver for 1-mm POF and 200-關m PCS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com