Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMR-C130 Datasheet(PDF) 9 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMR-C130
Description  High Performance Chip LED
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMR-C130 Datasheet(HTML) 9 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HSMR-C130 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMR-C130 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMR-C130 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSMR-C130 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSMR-C130 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSMR-C130 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HSMR-C130 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HSMR-C130 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HSMR-C130 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
Figure 12. Recommended Pb-free reflow soldering profile.
Figure 13. Recommended soldering pattern for HSMx-C110.
Figure 14. Recommended soldering pattern for HSMx-C170/177.
5.0 (0.200)
1.0 (0.039)
1.5
(0.059)
1.5
(0.059)
2.0
(0.079)
0.9 (0.035)
0.2 (0.008)
0.9 (0.035)
CENTERING
BOARD
NOTE:
1. ALL DIMENSIONS IN MILLIMETERS (INCHES).
1.2 (0.047)
1.2
(0.047)
0.9
(0.035)
1.2
(0.047)
Figure 16. Recommended soldering pattern for HSMx-C150.
1.5 (0.059)
1.5
(0.059)
1.5
(0.059)
2.0
(0.079)
Figure 15. Recommended soldering pattern
for HSMx-C130/190/191/197.
0.8 (0.031)
0.8
(0.031)
0.7
(0.028)
0.8
(0.031)
Figure 17. Recommended soldering pattern for HSMx-C120.
Figure 18. Recommended soldering pattern for HSMx-C265.
0.7 (0.028)
0.8
(0.031)
0.8
(0.031)
1.2
(0.047)
0.4 (0.016)
0.15 (0.006)
0.4 (0.016)
CENTERING
BOARD
1.25 (0.049)
1.4
(0.055)
2.3
(0.091)
1.4
(0.055)
2.2 (0.087) DIA. PCB HOLE
Figure 11. Recommended reflow soldering profile.
230°C MAX.
10 SEC. MAX.
4°C/SEC.
MAX.
OVER 2 MIN.
TIME
4°C/SEC. MAX.
140-160°C
3°C/SEC. MAX.
217
°C
200
°C
60 - 120 SEC.
6
°C/SEC. MAX.
3
°C/SEC. MAX.
3
°C/SEC. MAX.
150
°C
255 - 260
°C
100 SEC. MAX.
(Acc. to J-STD-020C)
10 to 30 SEC.
TIME


Similar Part No. - HSMR-C130

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMR-C130 HP-HSMR-C130 Datasheet
256Kb / 13P
   Agilent HSMx-C1xx High Performance Chip LED
More results

Similar Description - HSMR-C130

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMR-C110 HP-HSMR-C110 Datasheet
256Kb / 13P
   Agilent HSMx-C1xx High Performance Chip LED
logo
Mitel Networks Corporat...
1A314 MITEL-1A314 Datasheet
49Kb / 2P
   High-Performance LED
logo
Zarlink Semiconductor I...
MF388 ZARLINK-MF388 Datasheet
209Kb / 5P
   High Performance LED
logo
Microsemi Corporation
LX27901 MICROSEMI-LX27901 Datasheet
803Kb / 19P
   High Performance LED Controller
Rev. 1.1
logo
Mitel Networks Corporat...
1A439 MITEL-1A439 Datasheet
193Kb / 10P
   High-Performance LED(Datacom)
logo
Shenzhen Winsemi Microe...
WS3130 WINSEMI-WS3130 Datasheet
1Mb / 8P
   High Performance LED Driver
logo
Energizer
HD5HP32E ENERGIZER-HD5HP32E Datasheet
403Kb / 2P
   High Performance LED Headlight
logo
List of Unclassifed Man...
WS3130 ETC2-WS3130 Datasheet
1Mb / 8P
   High Performance LED Driver
logo
Mitel Networks Corporat...
1A301 MITEL-1A301 Datasheet
193Kb / 10P
   High-Performance LED(Datacom)
logo
AVAGO TECHNOLOGIES LIMI...
HSML-C197 AVAGO-HSML-C197 Datasheet
188Kb / 10P
   High Performance Chip LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com