Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP2C15A20Q324I6ES Datasheet(PDF) 10 Page - Altera Corporation

Part # EP2C15A20Q324I6ES
Description  Cyclone II Device Family
Download  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2C15A20Q324I6ES Datasheet(HTML) 10 Page - Altera Corporation

Back Button EP2C15A20Q324I6ES Datasheet HTML 6Page - Altera Corporation EP2C15A20Q324I6ES Datasheet HTML 7Page - Altera Corporation EP2C15A20Q324I6ES Datasheet HTML 8Page - Altera Corporation EP2C15A20Q324I6ES Datasheet HTML 9Page - Altera Corporation EP2C15A20Q324I6ES Datasheet HTML 10Page - Altera Corporation EP2C15A20Q324I6ES Datasheet HTML 11Page - Altera Corporation EP2C15A20Q324I6ES Datasheet HTML 12Page - Altera Corporation EP2C15A20Q324I6ES Datasheet HTML 13Page - Altera Corporation EP2C15A20Q324I6ES Datasheet HTML 14Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 168 page
background image
1–8
Altera Corporation
Cyclone II Device Handbook, Volume 1
February 2008
Features
Cyclone II devices are available in up to three speed grades: –6, –7, and
–8, with –6 being the fastest. Table 1–4 shows the Cyclone II device
speed-grade offerings.
Table 1–4. Cyclone II Device Speed Grades
Device
144-Pin
TQFP
208-Pin
PQFP
240-Pin
PQFP
256-Pin
FineLine
BGA
484-Pin
FineLine
BGA
484-Pin
Ultra
FineLine
BGA
672-Pin
FineLine
BGA
896-Pin
FineLine
BGA
EP2C5 (1)
6, 7, 8
7, 8
6, 7, 8
——
——
EP2C8
6, 7, 8
7, 8
6, 7, 8
——
——
EP2C8A (2)
——
8
——
——
EP2C15A
6, 7, 8 6, 7, 8
——
EP2C20
8
6, 7, 8 6, 7, 8
——
EP2C20A (2)
——
8
8
——
EP2C35
6, 7, 8 6, 7, 8 6, 7, 8
EP2C50
6, 7, 8 6, 7, 8 6, 7, 8
EP2C70
——
——
6, 7, 8 6, 7, 8
Notes to Table 1–4:
(1)
The EP2C5 optionally support the Fast On feature, which is designated with an “A” in the device ordering code.
The EP2C5A is only available in the automotive speed grade. Refer to the Cyclone II section in the Automotive-Grade
Device Handbook for detailed information.
(2)
EP2C8A and EP2C20A are only available in industrial grade.


Similar Part No. - EP2C15A20Q324I6ES

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2C15A ALTERA-EP2C15A Datasheet
2Mb / 182P
   Package Information Datasheet for Mature Altera Devices
EP2C15A ALTERA-EP2C15A Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C15AF484C7N ALTERA-EP2C15AF484C7N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C15AQ324C6ES ALTERA-EP2C15AQ324C6ES Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C15AQ324C6N ALTERA-EP2C15AQ324C6N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
More results

Similar Description - EP2C15A20Q324I6ES

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2C15AF484C7N ALTERA-EP2C15AF484C7N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C5F256I8N ALTERA-EP2C5F256I8N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C20F484C6N ALTERA-EP2C20F484C6N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C5F256C7N ALTERA-EP2C5F256C7N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C5F256C6N ALTERA-EP2C5F256C6N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C8Q208C6 ALTERA-EP2C8Q208C6 Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C5Q208C8N ALTERA-EP2C5Q208C8N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP4CE115F29I7N ALTERA-EP4CE115F29I7N Datasheet
372Kb / 14P
   Cyclone IV FPGA Device Family
EP3C10U256C6N ALTERA-EP3C10U256C6N Datasheet
7Mb / 274P
   Cyclone III Device Family Overview
EP4CE10E22C8N ALTERA-EP4CE10E22C8N Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com