Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV52-150-024.704M Datasheet(PDF) 2 Page - Connor-Winfield Corporation

Part # HV52-150-024.704M
Description  14 PIN 5.0V HCMOS VCXO
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

HV52-150-024.704M Datasheet(HTML) 2 Page - Connor-Winfield Corporation

  HV52-150-024.704M Datasheet HTML 1Page - Connor-Winfield Corporation HV52-150-024.704M Datasheet HTML 2Page - Connor-Winfield Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


Similar Part No. - HV52-150-024.704M

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
HV52-600 CONNOR-WINFIELD-HV52-600 Datasheet
81Kb / 2P
   HIGH SPEED CMOS VCXO
HV52-600-12.352M CONNOR-WINFIELD-HV52-600-12.352M Datasheet
81Kb / 2P
   HIGH SPEED CMOS VCXO
More results

Similar Description - HV52-150-024.704M

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
HV54I-100 CONNOR-WINFIELD-HV54I-100 Datasheet
210Kb / 2P
   14 PIN 5.0V HCMOS VCXO
logo
MMD Components
MVAH MMD-MVAH Datasheet
94Kb / 1P
   14 Pin DIP HCMOS VCXO
logo
Connor-Winfield Corpora...
ATV2G CONNOR-WINFIELD-ATV2G Datasheet
99Kb / 2P
   5.0V 14 Pin DIP HCMOS TCXO
OVB5AC3AB CONNOR-WINFIELD-OVB5AC3AB Datasheet
190Kb / 2P
   14 PIN DIP 5.0V HCMOS OCVCXO
OVA5GA3AB CONNOR-WINFIELD-OVA5GA3AB Datasheet
188Kb / 2P
   14 PIN DIP 5.0V HCMOS OCVCXO
ATV2G5 CONNOR-WINFIELD-ATV2G5 Datasheet
104Kb / 2P
   5.0V 14 Pin DIP HCMOS TCXO
logo
Fox Electronics
VCXO-CLF FOX-VCXO-CLF Datasheet
145Kb / 1P
   5.0V, HCMOS, Thru-Hole VCXO
logo
Connor-Winfield Corpora...
HC54R8RG CONNOR-WINFIELD-HC54R8RG Datasheet
168Kb / 2P
   5.0V 14 Pin DIP HCMOS Clock Oscillator
logo
Abracon Corporation
ASFV ABRACON-ASFV Datasheet
156Kb / 2P
   5.0V HCMOS COMPATIBLE SMD VCXO
07.11.07
logo
Connor-Winfield Corpora...
HC13R8G CONNOR-WINFIELD-HC13R8G Datasheet
140Kb / 2P
   5.0V 14 Pin DIP HCMOS Clock Oscillator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com