Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMS-2822-TR1G Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMS-2822-TR1G
Description  Surface Mount RF Schottky Barrier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMS-2822-TR1G Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HSMS-2822-TR1G Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMS-2822-TR1G Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMS-2822-TR1G Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMS-2822-TR1G Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSMS-2822-TR1G Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSMS-2822-TR1G Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSMS-2822-TR1G Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HSMS-2822-TR1G Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HSMS-2822-TR1G Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
7
Figure 14. Fabrication of Avago Diode Pairs.
In high power applications, coupling of RF energy from
the detector diode to the reference diode can introduce
error in the differential detector. The HSMS‑282K diode
pair, in the six lead SOT‑363 package, has a copper bar
between the diodes that adds 10 dB of additional isola‑
tion between them. As this part is manufactured in the
SOT‑363 package it also provides the benefit of being
40% smaller than larger SOT‑143 devices. The HSMS‑282K
is illustrated in Figure 15—note that the ground connec‑
tions must be made as close to the package as possible to
minimize stray inductance to ground.
PA
detector diode
reference diode
to differential amplifier
Vbias
HSMS-282K
Figure 15. High Power Differential Detector.
The concept of the voltage doubler can be applied to the
differential detector, permitting twice the output voltage
for a given input power (as well as improving input im‑
pedance and suppressing second harmonics).
matching
network
differential
amplifier
HSMS-2825
HSMS-2825
bias
Figure 16. Voltage Doubler Differential Detector.
[3] Hans Eriksson and RaymondW.Waugh,“ATemperature Compensated
Linear Diode Detector,” to be published.
differential
amplifier
HSMS-282P
bias
matching
network
Figure 17. Voltage Doubler Differential Detector.
However, care must be taken to assure that the two refer‑
ence diodes closely match the two detector diodes. One
possible configuration is given in Figure 16, using two
HSMS‑2825. Board space can be saved through the use of
the HSMS‑282P open bridge quad, as shown in Figure 17.
While the differential detector works well over tempera‑
ture, another design approach[3] works well for large signal
detectors. See Figure 18 for the schematic and a physical
layout of the circuit. In this design, the two 4.7 KΩ resis‑
tors and diode D2 act as a variable power divider, assuring
constant output voltage over temperature and improving
output linearity.
RFin
Vo
D1
33 pF
HSMS-2825
or
HSMS-282K
HSMS-282K
4.7 K
33 pF
4.7 K
4.7 K
D2
68
68
RFin
Vo
Figure 18. Temperature Compensated Detector.
In certain applications, such as a dual‑band cellphone
handset operating at both 900 and 1800 MHz, the second
harmonics generated in the power control output detec‑
tor when the handset is working at 900 MHz can cause
problems. A filter at the output can reduce unwanted
emissions at 1800 MHz in this case, but a lower cost so‑
lution is available[4]. Illustrated schematically in Figure
19, this circuit uses diode D2 and its associated passive
components to cancel all even order harmonics at the
detector’s RF input. Diodes D3 and D4 provide tempera‑
ture compensation as described above. All four diodes are
contained in a single HSMS‑ 282R package, as illustrated
in the layout shown in Figure 20.


Similar Part No. - HSMS-2822-TR1G

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMS-2822-TR1G HP-HSMS-2822-TR1G Datasheet
212Kb / 14P
   Surface Mount RF Schottky Barrier Diodes
More results

Similar Description - HSMS-2822-TR1G

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-281B-BLKG AVAGO-HSMS-281B-BLKG Datasheet
457Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
logo
Agilent(Hewlett-Packard...
HSMS-281X HP-HSMS-281X Datasheet
147Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
HSMS-282X HP-HSMS-282X Datasheet
212Kb / 14P
   Surface Mount RF Schottky Barrier Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-2813 AVAGO-HSMS-2813 Datasheet
457Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
logo
Broadcom Corporation.
HSMS-2803 BOARDCOM-HSMS-2803 Datasheet
196Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
HSMS-2804 BOARDCOM-HSMS-2804 Datasheet
196Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
HSMS-2805 BOARDCOM-HSMS-2805 Datasheet
196Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
HSMS-2813 BOARDCOM-HSMS-2813 Datasheet
457Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
HSMS-2823 BOARDCOM-HSMS-2823 Datasheet
1Mb / 15P
   Surface Mount RF Schottky Barrier Diodes
HSMS-2828 BOARDCOM-HSMS-2828 Datasheet
1Mb / 15P
   Surface Mount RF Schottky Barrier Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com