Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP2C8A15F324I6ES Datasheet(PDF) 42 Page - Altera Corporation

Part # EP2C8A15F324I6ES
Description  Cyclone II Device Family
Download  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2C8A15F324I6ES Datasheet(HTML) 42 Page - Altera Corporation

Back Button EP2C8A15F324I6ES Datasheet HTML 38Page - Altera Corporation EP2C8A15F324I6ES Datasheet HTML 39Page - Altera Corporation EP2C8A15F324I6ES Datasheet HTML 40Page - Altera Corporation EP2C8A15F324I6ES Datasheet HTML 41Page - Altera Corporation EP2C8A15F324I6ES Datasheet HTML 42Page - Altera Corporation EP2C8A15F324I6ES Datasheet HTML 43Page - Altera Corporation EP2C8A15F324I6ES Datasheet HTML 44Page - Altera Corporation EP2C8A15F324I6ES Datasheet HTML 45Page - Altera Corporation EP2C8A15F324I6ES Datasheet HTML 46Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 168 page
background image
2–30
Altera Corporation
Cyclone II Device Handbook, Volume 1
February 2007
Embedded Memory
Memory Modes
Table 2–7 summarizes the different memory modes supported by the
M4K memory blocks.
1
Embedded Memory can be inferred in your HDL code or
directly instantiated in the Quartus II software using the
MegaWizard® Plug-in Manager Memory Compiler feature.
Table 2–7. M4K Memory Modes
Memory Mode
Description
Single-port memory
M4K blocks support single-port mode, used when
simultaneous reads and writes are not required.
Single-port memory supports non-simultaneous
reads and writes.
Simple dual-port memory
Simple dual-port memory supports a
simultaneous read and write.
Simple dual-port with mixed
width
Simple dual-port memory mode with different
read and write port widths.
True dual-port memory
True dual-port mode supports any combination of
two-port operations: two reads, two writes, or one
read and one write at two different clock
frequencies.
True dual-port with mixed
width
True dual-port mode with different read and write
port widths.
Embedded shift register
M4K memory blocks are used to implement shift
registers. Data is written into each address
location at the falling edge of the clock and read
from the address at the rising edge of the clock.
ROM
The M4K memory blocks support ROM mode. A
MIF initializes the ROM contents of these blocks.
FIFO buffers
A single clock or dual clock FIFO may be
implemented in the M4K blocks. Simultaneous
read and write from an empty FIFO buffer is not
supported.


Similar Part No. - EP2C8A15F324I6ES

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2C8A ALTERA-EP2C8A Datasheet
2Mb / 182P
   Package Information Datasheet for Mature Altera Devices
EP2C8A ALTERA-EP2C8A Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C8AQ324C6ES ALTERA-EP2C8AQ324C6ES Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C8AQ324C6N ALTERA-EP2C8AQ324C6N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C8AQ324C7ES ALTERA-EP2C8AQ324C7ES Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
More results

Similar Description - EP2C8A15F324I6ES

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2C15AF484C7N ALTERA-EP2C15AF484C7N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C5F256I8N ALTERA-EP2C5F256I8N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C20F484C6N ALTERA-EP2C20F484C6N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C5F256C7N ALTERA-EP2C5F256C7N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C5F256C6N ALTERA-EP2C5F256C6N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C8Q208C6 ALTERA-EP2C8Q208C6 Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C5Q208C8N ALTERA-EP2C5Q208C8N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP4CE115F29I7N ALTERA-EP4CE115F29I7N Datasheet
372Kb / 14P
   Cyclone IV FPGA Device Family
EP3C10U256C6N ALTERA-EP3C10U256C6N Datasheet
7Mb / 274P
   Cyclone III Device Family Overview
EP4CE10E22C8N ALTERA-EP4CE10E22C8N Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com