Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMS-2825-TR1G Datasheet(PDF) 11 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMS-2825-TR1G
Description  Surface Mount RF Schottky Barrier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMS-2825-TR1G Datasheet(HTML) 11 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HSMS-2825-TR1G Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSMS-2825-TR1G Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSMS-2825-TR1G Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HSMS-2825-TR1G Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HSMS-2825-TR1G Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HSMS-2825-TR1G Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HSMS-2825-TR1G Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED HSMS-2825-TR1G Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED HSMS-2825-TR1G Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11
Figure 28. Surface Mount Assembly Profile.
Lead-Free Reflow Profile Recommendation (IPC/JEDEC J-STD-020C)
Reflow Parameter
Lead-Free Assembly
Average ramp‑up rate (Liquidus Temperature (T
S(max) to Peak)
3°C/ second max
Preheat
Temperature Min (T
S(min))
150°C
Temperature Max (T
S(max))
200°C
Time (min to max) (t
S)
60‑180 seconds
Ts(max) to TL Ramp‑up Rate
3°C/second max
Time maintained above:
Temperature (T
L)
217°C
Time (t
L)
60‑150 seconds
Peak Temperature (T
P)
260 +0/‑5°C
Time within 5 °C of actual
Peak temperature (t
P)
20‑40 seconds
Ramp‑down Rate
6°C/second max
Time 25 °C to Peak Temperature
8 minutes max
Note 1: All temperatures refer to topside of the package, measured on the package body surface
25
Time
Tp
T L
tp
tL
t 25
° C to Peak
Ramp-up
ts
Ts min
Ramp-down
Preheat
Critical Zone
T L to Tp
Ts max
SMT Assembly
Reliable assembly of surface mount components is a com‑
plex process that involves many material, process, and
equipment factors, including: method of heating (e.g., IR
or vapor phase reflow, wave soldering, etc.) circuit board
material, conductor thickness and pattern, type of solder
alloy, and the thermal conductivity and thermal mass of
components. Components with a low mass, such as the
SOT packages, will reach solder reflow temperatures fast‑
er than those with a greater mass.
Avago’s diodes have been qualified to the time‑tempera‑
ture profile shown in Figure 28. This profile is representa‑
tive of an IR reflow type of surface mount assembly pro‑
cess.
After ramping up from room temperature, the circuit
board with components attached to it (held in place with
solder paste) passes through one or more preheat zones.
The preheat zones increase the temperature of the board
and components to prevent thermal shock and begin
evaporating solvents from the solder paste. The reflow
zone briefly elevates the temperature sufficiently to pro‑
duce a reflow of the solder.
The rates of change of temperature for the ramp‑up and
cool‑down zones are chosen to be low enough to not
cause deformation of the board or damage to compo‑
nents due to thermal shock. The maximum temperature
in the reflow zone (T
MAX) should not exceed 260°C.
These parameters are typical for a surface mount assem‑
bly process for Avago diodes. As a general guideline, the
circuit board and components should be exposed only
to the minimum temperatures and times necessary to
achieve a uniform reflow of solder.


Similar Part No. - HSMS-2825-TR1G

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMS-2825-TR1G HP-HSMS-2825-TR1G Datasheet
212Kb / 14P
   Surface Mount RF Schottky Barrier Diodes
More results

Similar Description - HSMS-2825-TR1G

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-281B-BLKG AVAGO-HSMS-281B-BLKG Datasheet
457Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
logo
Agilent(Hewlett-Packard...
HSMS-281X HP-HSMS-281X Datasheet
147Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
HSMS-282X HP-HSMS-282X Datasheet
212Kb / 14P
   Surface Mount RF Schottky Barrier Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-2813 AVAGO-HSMS-2813 Datasheet
457Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
logo
Broadcom Corporation.
HSMS-2803 BOARDCOM-HSMS-2803 Datasheet
196Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
HSMS-2804 BOARDCOM-HSMS-2804 Datasheet
196Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
HSMS-2805 BOARDCOM-HSMS-2805 Datasheet
196Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
HSMS-2813 BOARDCOM-HSMS-2813 Datasheet
457Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
HSMS-2823 BOARDCOM-HSMS-2823 Datasheet
1Mb / 15P
   Surface Mount RF Schottky Barrier Diodes
HSMS-2828 BOARDCOM-HSMS-2828 Datasheet
1Mb / 15P
   Surface Mount RF Schottky Barrier Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com