Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV64-200 Datasheet(PDF) 1 Page - Connor-Winfield Corporation

Part # HV64-200
Description  HIGH FREQUENCY VCXO OSCILLATORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

HV64-200 Datasheet(HTML) 1 Page - Connor-Winfield Corporation

  HV64-200 Datasheet HTML 1Page - Connor-Winfield Corporation HV64-200 Datasheet HTML 2Page - Connor-Winfield Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - HV64-200

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
HV6 DIOTEC-HV6 Datasheet
97Kb / 2P
   Fast Switching High Voltage Silicon Rectifier Diodes
HV6 DIOTEC-HV6 Datasheet
98Kb / 2P
   Fast Switching High Voltage Silicon Rectifier Diodes
HV6 DIOTEC-HV6 Datasheet
138Kb / 2P
   Fast Recovery High Voltage Rectifier Diodes
logo
Kemet Corporation
HV60-HV66 KEMET-HV60-HV66 Datasheet
5Mb / 66P
   Aluminum Electrolytic Capacitors
logo
HBH Microwave GmbH
HV6001 HBH-HV6001 Datasheet
19Kb / 1P
   10.6 GHz to 10.9 GHz VCO
More results

Similar Description - HV64-200

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
HV51-50 CONNOR-WINFIELD-HV51-50 Datasheet
68Kb / 2P
   HIGH FREQUENCY VCXO OSCILLATORS
HV41-100 CONNOR-WINFIELD-HV41-100 Datasheet
91Kb / 2P
   HIGH FREQUENCY VCXO
logo
List of Unclassifed Man...
FVO11AAH3 ETC2-FVO11AAH3 Datasheet
193Kb / 1P
   HIGH FREQUENCY VCXO
logo
Nel Frequency Controls,...
AE-X32BXX-X NEL-AE-X32BXX-X Datasheet
226Kb / 5P
   voltage controlled crystal oscillators (VCXO) provides high frequency with CMOS/LVCMOS output
AE-X3A2XX-X NEL-AE-X3A2XX-X Datasheet
345Kb / 5P
   voltage controlled crystal oscillators (VCXO) provides high frequency with Sine-Wave output
logo
Golledge Electronics Lt...
GVXO36 GOLLEDGE-GVXO36 Datasheet
68Kb / 1P
   5V VCXO High Frequency
GV93 GOLLEDGE-GV93 Datasheet
64Kb / 1P
   HIGH FREQUENCY PECL VCXO
GVXO42 GOLLEDGE-GVXO42 Datasheet
61Kb / 1P
   5V VCXO High Frequency
GVXO-36 GOLLEDGE-GVXO-36 Datasheet
563Kb / 4P
   5V VCXO - High Frequency
GVXO44 GOLLEDGE-GVXO44 Datasheet
62Kb / 1P
   3.3V VCXO High Frequency
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com