Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDSY Datasheet(PDF) 6 Page - Linear Technology

Part # LDSY
Description  200MHz, 30V/關s 16-Bit Accurate AV ??2 Op Amp
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LDSY Datasheet(HTML) 6 Page - Linear Technology

Back Button LDSY Datasheet HTML 2Page - Linear Technology LDSY Datasheet HTML 3Page - Linear Technology LDSY Datasheet HTML 4Page - Linear Technology LDSY Datasheet HTML 5Page - Linear Technology LDSY Datasheet HTML 6Page - Linear Technology LDSY Datasheet HTML 7Page - Linear Technology LDSY Datasheet HTML 8Page - Linear Technology LDSY Datasheet HTML 9Page - Linear Technology LDSY Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
LT1468-2
6
14682f
TYPICAL PERFORMANCE CHARACTERISTICS
Input Bias Current
vs Temperature
Input Noise Spectral Density
0.1Hz to 10Hz Voltage Noise
Warm-Up Drift vs Time
Open-Loop Gain
vs Resistive Load
Open-Loop Gain
vs Temperature
Output Voltage Swing
vs Supply Voltage
Output Voltage Swing
vs Load Current
Output Short-Circuit Current
vs Temperature
TEMPERATURE (°C)
–50
0
10
IB
IB
+
30
25
75
14682 G04
–10
–20
–25
0
50
100
125
–30
–40
20
VS = ±15V
FREQUENCY (Hz)
1
1
100
1000
10
100
1k
10k
100k
14682 G05
10
0.01
1
in
en
10
0.1
VS = ±15V
TA = 25°C
AV = 101
RS = 100k FOR in
TIME (1s/DIV)
14682 G06
VS = ±15V
TIME AFTER POWER UP (s)
0
20
40
60
80
100
120
140
–40
–35
–25
–20
–15
5
14682 G07
–30
–10
–5
0
S0-8 ±5V
S0-8 ±15V
LOAD RESISTANCE (Ω)
10
110
130
135
140
100
1k
10k
14682 G08
125
120
115
TA = 25°C
VS = ±15V
VS = ±5V
TEMPERATURE (°C)
–50
130
140
160
25
75
14682 G09
120
110
–25
0
50
100
125
100
90
150
RL = 2k
VS = ±15V
VS = ±5V
SUPPLY VOLTAGE (±V)
0
1
V
4
3
2
–4
–3
–2
V+
–1
5
14682 G10
10
15
20
RL = 2k
RL = 10k
RL = 2k
TA = 25°C
RL = 10k
OUTPUT CURRENT (mA)
–20
V0.5
1.0
2.0
2.5
V+ –0.5
–2.0
–10
0
5
14682 G11
1.5
–1.5
–1.0
–2.5
–15
–5
10
15
20
VS = ±15V
85°C
85°C
40°C
25°C
25°C
–40°C
TEMPERATURE (°C)
–50
10
15
25
30
35
60
45
0
50
75
14682 G12
20
50
55
40
–25
25
100
125
VS = ±15V
VIN = ±0.2V
SOURCE
SINK


Similar Part No. - LDSY

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
LDS SCHURTER-LDS Datasheet
370Kb / 4P
   Frontpanel Switch / Momentary Action, Medium Stroke, 10 mm
logo
TE Connectivity Ltd
LDS TEC-LDS Datasheet
223Kb / 4P
   HORIZONTAL SHORT-SWING LIQUID LEVEL SENSORS
logo
Schurter Inc.
LDS SCHURTER-LDS Datasheet
404Kb / 4P
   Frontpanel Switch / Momentary or Latching, Medium Stroke, 10 mm
17.08.2020
logo
Roithner LaserTechnik G...
LDS-1310-005-BL ROITHNER-LDS-1310-005-BL Datasheet
141Kb / 3P
   Output Power: 5 mW Typical 1310 nm Emission Wavelength Single mode High Reliability, High Effciency
LDS-1310-005-FW ROITHNER-LDS-1310-005-FW Datasheet
216Kb / 3P
   Optical Fiber Communication Free-space Optical Communication
More results

Similar Description - LDSY

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1469-2 LINER-LT1469-2 Datasheet
190Kb / 12P
   Dual 200MHz, 30V/關s 16-Bit Accurate AV ??2 Op Amp
LT1468-2 LINER-LT1468-2_15 Datasheet
260Kb / 14P
   200MHz, 30V/s 16-Bit Accurate
LT1469-2 LINER-LT1469-2_15 Datasheet
201Kb / 12P
   Dual 200MHz, 30V/s 16-Bit Accurate
LT1468 LINER-LT1468_1 Datasheet
215Kb / 16P
   90MHz, 22V/關s 16-Bit Accurate Operational Amplifi er
LT1469 LINER-LT1469_1 Datasheet
238Kb / 20P
   Dual 90MHz, 22V/關s 16-Bit Accurate Operational Amplifi er
logo
Micrel Semiconductor
MIC912 MICREL-MIC912_07 Datasheet
1Mb / 12P
   200MHz Low-Power SOT23-5 Op Amp
logo
Linear Technology
LT6274 LINER-LT6274 Datasheet
1Mb / 20P
   90MHz, 2200V/關s 30V Low Power Op Amps
LT1468 LINER-LT1468_15 Datasheet
228Kb / 16P
   90MHz, 22V/s 16-Bit Accurate Operational Amplifier
logo
Micrel Semiconductor
MIC912 MICREL-MIC912 Datasheet
554Kb / 12P
   200MHz Low-Power SOT-23-5 Op Amp
logo
National Semiconductor ...
CLC436 NSC-CLC436 Datasheet
119Kb / 6P
   200MHz, 짹15V, Low-Power Voltage Feedback Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com