Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP3NB80 Datasheet(PDF) 2 Page - Suntac Electronic Corp.

Part # STP3NB80
Description  POWER MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNTAC [Suntac Electronic Corp.]
Direct Link  
Logo SUNTAC - Suntac Electronic Corp.

STP3NB80 Datasheet(HTML) 2 Page - Suntac Electronic Corp.

  STP3NB80 Datasheet HTML 1Page - Suntac Electronic Corp. STP3NB80 Datasheet HTML 2Page - Suntac Electronic Corp. STP3NB80 Datasheet HTML 3Page - Suntac Electronic Corp. STP3NB80 Datasheet HTML 4Page - Suntac Electronic Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ELECTRICAL CHARACTERISTICS
Unless otherwise specified, TJ = 25
.
STP3NB80
Characteristic
Symbol
Min
Typ
Max
Units
Drain-Source Breakdown Voltage
(VGS = 0 V, ID = 250 µA)
V(BR)DSS
800
V
Drain-Source Leakage Current
(VDS =800 V , VGS = 0 V )
IDSS
1
µA
Gate-body Leakage Current
(VGS = ±30 V, VDS = 0 V)
IGSS
100
nA
Gate-Source Leakage Current-Reverse
(Vgsr = 20 V, VDS = 0 V)
IGSSR
-100
nA
Gate Threshold Voltage
(VDS = VGS, ID = 250 µA)
VGS(th)
3.0
5.0
V
Static Drain-Source On-Resistance (VGS = 10 V, ID = 1.5A) *
RDS(on)
2.5
4.0
mhos
Forward Transconductance (VDS = ID(ON) X RDS(ON)max , ID = 1.5 A) *
gFS
1.5
S
Input Capacitance
Ciss
445
580
pF
(VDS = 25 V, VGS = 0 V,
Output Capacitance
Coss
60
80
pF
Reverse Transfer Capacitance
f = 1.0 MHz)
Crss
7
9
pF
Turn-On Delay Time
td(on)
12
17
ns
Rise Time
tr
10
14
ns
(VDD = 400 V, ID = 1.5 A,
VGS = 10 V,
Turn-Off Delay Time
td(off)
19
40
ns
Fall Time
RG = 4.7 ) *
tf
10
20
ns
Total Gate Charge
Qg
17
24
nC
(VDS = 640 V, ID = 3.0 A,
Gate-Source Charge
Qgs
6.5
nC
Gate-Drain Charge
VGS = 10 V)*
Qgd
7.5
nC
Internal Drain Inductance
(Measured from the drain lead 0.25” from package to center of die)
LD
4.5
nH
Internal Drain Inductance
(Measured from the source lead 0.25” from package to source bond pad)
LS
7.5
nH
SOURCE-DRAIN DIODE CHARACTERISTICS
Forward On-Voltage(1)
VSD
1.6
V
Forward Turn-On Time
ton
**
ns
Reverse Recovery Time
(ISD = 3.0 A,
dIS/dt = 100A/µs)
trr
650
ns
ORDERING INFORMATION
Part Number
Package
STP3NB80
TO-220 Full Package
STP3NB80
POWER MOSFET
Page 2
* Pulse Test: Pulse Width
300µs, Duty Cycle
2%
** Negligible, Dominated by circuit inductance


Similar Part No. - STP3NB80

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP3NB80 STMICROELECTRONICS-STP3NB80 Datasheet
106Kb / 9P
   N - CHANNEL 800V - 4.6ohm - 2.6A - TO-220/TO-220FP PowerMESH MOSFET
STP3NB80FP STMICROELECTRONICS-STP3NB80FP Datasheet
106Kb / 9P
   N - CHANNEL 800V - 4.6ohm - 2.6A - TO-220/TO-220FP PowerMESH MOSFET
logo
VBsemi Electronics Co.,...
STP3NB80FP VBSEMI-STP3NB80FP Datasheet
2Mb / 9P
   Power MOSFET
More results

Similar Description - STP3NB80

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com