Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA5F-020.0M Datasheet(PDF) 4 Page - Connor-Winfield Corporation

Part # TA5F-020.0M
Description  High Precision TCXO / VCTCXO
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

TA5F-020.0M Datasheet(HTML) 4 Page - Connor-Winfield Corporation

  TA5F-020.0M Datasheet HTML 1Page - Connor-Winfield Corporation TA5F-020.0M Datasheet HTML 2Page - Connor-Winfield Corporation TA5F-020.0M Datasheet HTML 3Page - Connor-Winfield Corporation TA5F-020.0M Datasheet HTML 4Page - Connor-Winfield Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Table 13.0
Package
Ceramic Surface Mount Package.
2111 Comprehensive Drive
Aurora, Illinois 60505
Phone: 630-851-4722
Fax: 630-851-5040
www.conwin.com
US Headquarters:
630-851-4722
European Headquarters:
+353-61-472221
Bulletin
Page
Revision
Date
Tx180
4of4
05
25 Aug 2008
Specifications subject to change without notice. All dimensions in inches. © Copyright 2008 The Connor-Winfield Corporation
120°C
150°C
180°C
260°C
0
220°C
360 Sec. Max.
120 S
Max.
10 S
60 S
Max.
Time
Temperature
260°C
90%
50%
10%
200 mV/Div
0
Design Recommendations
1
Tape and Reel Specifications
OSC
TOP LAYER
GROUND LAYER
BOTTOM LAYER
Output
Buffer
50 Ohm Trace
Without
Vias
Model TA5C-020.0MHz
Typical Phase Noise
Solder Profile
LVCMOS Output Waveform
Clipped Sinewave Output Waveform
Package Characteristics
Environmental Characteristics
Table 14.0
Vibration:
Vibration per Mil Std 883E Method 2007.3 Test Condition A
Shock:
Mechanical Shock per Mil Std 883E Method 2002.4 Test Condition B.
Soldering:
SMD product suitable for Convection Reflow soldering. Peak
temperature 260 C. Maximum time above 220 C, 60 seconds.
Solderability
Solderability per Mil Std 883E Method 2003
Suggested Pad Layout
Vcc, should have
a large copper
area for reduced
inductance.
Connect a 0.01uF
bypass capacitor
<0.1”(2.54mm)
from the pad.
Ground,
should have
a large copper
area for reduced
inductance.
0.010”(0.254mm)
Recommended
clearance
inductance
for internal
copper flood.
Top View
1
3
4
5
6
8
9
10
Buffer
Ground
50 Ohm trace
<1”by design
Vcc
Ground
Top View
0.215
(5.46mm)
0.037
(0.94mm)
0.051
(1.28mm)
0.051
(1.28mm)
0.295
(7.49mm)
0.030
(0.76mm)
Keep Out Area
Top View
1
Dimensional Tolerance:
±.005 (.127mm)
±.02 (.508mm)


Similar Part No. - TA5F-020.0M

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
TA5 TIMOTION-TA5 Datasheet
673Kb / 3P
   TA5 series
logo
Clare, Inc.
TA5.0 CLARE-TA5.0 Datasheet
77Kb / 3P
   HIGH-ENERGY TRIGGERED SPARK GAPS
logo
Transko Electronics, In...
TA500AP TRANSKO-TA500AP Datasheet
327Kb / 4P
   Wireless, RF SAW Filter
Revision 0: May 2009
logo
Pico Technology Ltd.
TA501 PICO-TA501 Datasheet
10Mb / 39P
   Smarter scopes for faster debug
logo
DIWELL Electronics Co.,...
TA50A DIWELL-TA50A Datasheet
499Kb / 5P
   Topstek Current Transducer TA5A4V
10/11/2011
More results

Similar Description - TA5F-020.0M

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
TFLD5C-010.0M CONNOR-WINFIELD-TFLD5C-010.0M Datasheet
198Kb / 4P
   High Precision TCXO / VCTCXO
M100V-010M CONNOR-WINFIELD-M100V-010M Datasheet
457Kb / 4P
   High Precision TCXO / VCTCXO Oscillators
T100F-020M CONNOR-WINFIELD-T100F-020M Datasheet
502Kb / 6P
   High Precision TCXO / VCTCXO Oscillators
T100F-010M CONNOR-WINFIELD-T100F-010M Datasheet
502Kb / 6P
   High Precision TCXO / VCTCXO Oscillators
T200F-040M CONNOR-WINFIELD-T200F-040M Datasheet
502Kb / 6P
   High Precision TCXO / VCTCXO Oscillators
C31020.0M CONNOR-WINFIELD-C31020.0M Datasheet
90Kb / 2P
   Ultra-Miniature Precision TCXO / VCTCXO
DOT050F-012M CONNOR-WINFIELD-DOT050F-012M Datasheet
464Kb / 4P
   Precision TCXO / VCTCXO Models DOT050F / DOT050V
M602-012.8M CONNOR-WINFIELD-M602-012.8M Datasheet
186Kb / 4P
   Precision Sub-Miniature 5.0x3.2mm TCXO / VCTCXO
M77F-010.0M CONNOR-WINFIELD-M77F-010.0M Datasheet
170Kb / 4P
   Precision Sub-Miniature 3.2x5.0mm TCXO / VCTCXO
logo
Abracon Corporation
ASGTX ABRACON-ASGTX Datasheet
5Mb / 10P
   Configurable High Performance SMD TCXO/VCTCXO
10.16.14
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com