Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3856C161102CL Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 3856C161102CL
Description  Diameter Panel Control
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

3856C161102CL Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  3856C161102CL Datasheet HTML 1Page - Bourns Electronic Solutions 3856C161102CL Datasheet HTML 2Page - Bourns Electronic Solutions 3856C161102CL Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
3851/3852/3856 - 3/4 ” Diameter Panel Control
Initial Electrical Characteristics
1
3851
3852/3856
Conductive Plastic Element
Cermet Element
Standard Resistance Range
Linear Tapers (A, B, E, and H) ............................................................1 K to 1 megohm.........................................100 ohms to 1 megohm
Audio Tapers (C, D, F, and G) .............................................................1 K to 1 megohm.........................................1 K ohms to 1 megohm
Total Resistance Tolerance .....................................................................±10 % or ±20 %..........................................±5 % or ±10 %
Independent Linearity .............................................................................±10 %..........................................................(A & H tapers) ±5 %
Absolute Minimum Resistance ...............................................................2 ohms maximum........................................ 2 ohms maximum
Effective Electrical Angle ........................................................................250 ° ±5 °.....................................................250 ° ±5 °
Contact Resistance Variation .................................................................±1 %............................................................±3 % of total resistance or 3 ohms
(whichever is greater)
Dielectric Withstanding Voltage (MIL-STD-202, Method 301)
Sea Level............................................................................................900 VAC minimum.......................................900 VAC minimum
70,000 Feet ........................................................................................350 VAC minimum.......................................350 VAC minimum
Insulation Resistance (500 VDC) ............................................................1,000 megohms minimum...........................1,000 megohms minimum
Power Rating (Voltage Limited By Power Dissipation or 350 VAC, Whichever Is Less)
+70 °C ...............................................................................................(Linear tapers) 1 watt...................................(Linear tapers) 2 watts
(Audio tapers) 0.5 watt
(Audio tapers) 1 watt
+125 °C ..............................................................................................0 watt
+150 °C ...................................................................................................................................................................0 watt
Theoretical Resolution ............................................................................Essentially infinite ........................................Essentially infinite
Environmental Characteristics
1
Operating Temperature Range ...............................................................-1 °C to +125 °C..........................................-1 °C to +125 °C
Storage Temperature Range...................................................................-65 °C to +125 °C........................................-65 °C to +150 °C
Temperature Coefficient Over Storage Temperature Range...................±1,000 ppm/°C............................................±150 ppm/°C
Vibration..................................................................................................20 G.............................................................20 G
Total Resistance Shift.........................................................................±2 % maximum ...........................................±2 % maximum
Voltage Ratio Shift..............................................................................±5 % maximum ...........................................±6 % maximum
Shock......................................................................................................100 G...........................................................100 G
Total Resistance Shift.........................................................................±2 % maximum ...........................................±2 % maximum
Voltage Ratio Shift..............................................................................±5 % maximum ...........................................±6 % maximum
Load Life.................................................................................................1,000 hours .................................................1,000 hours
Total Resistance Shift.........................................................................±10 % maximum .........................................±3 % maximum
Rotational Life (No Load) ........................................................................100,000 cycles ............................................50,000 cycles
Total Resistance Shift.........................................................................±15 % TRS maximum ................................±5 % or 5 ohms TRS whichever is greater
Contact Resistance Variation .............................................................±3 %............................................................±3 %
Moisture Resistance (MIL-STD-202, Method 103, Condition B)
Total Resistance Shift.........................................................................±10 % maximum ........................................±2 % maximum
IP Rating .................................................................................................IP 40 ............................................................IP 40
Mechanical Characteristics
1
Stop Strength ..............................................................................................................................................................................................56.5 N-cm (5 lb.-in.)
Mechanical Angle ....................................................................................................................................................................280 ° ±5 ° / 3856 – 1350 ° ±50 °
Torque (Starting and Running) ..............................................................................................................A & B bushings 0.35 to 4.23 N-cm (0.05 to 6.0 oz.-in.)
C & E bushings 0.21 to 4.23 N-cm (0.3 to 6.0 oz.-in.)
3856 – 0.11 to 2.12 N-cm (0.15 to 3.0 oz.-in.)
Mounting (Torque on Bushing) ......................................................................................................................................1.7-2.0 N-m (15-18 lb.-in.) maximum
Weight (Single Section) ................................................................................................................................................................................30 grams maximum
Terminals ........................................................................................................................................................................Printed circuit terminals or solder lugs
Soldering Condition ......................................................................Recommended hand soldering using Sn95/Ag5 no clean solder, 0.025 ” wire diameter.
Maximum temperature 399 °C (750 °F) for 3 seconds. No wash process to be used with no clean flux.
Part can be wave soldered at 260 °C (500 °F) for 5 seconds, no wash process with no clean flux.
Marking....................................................................................................Manufacturer’s trademark, wiring diagram, resistance, date code, and part number
Ganging (Multiple Section Potentiometers) ......................................................................................................................................................1 cup maximum
Hardware ............................................One lockwasher and one mounting nut is shipped with each potentiometer, except where noted in the part number.
1AT ROOM AMBIENT: +25 °C NOMINAL AND 50 % RELATIVE HUMIDITY NOMINAL, EXCEPT AS NOTED.
Features
Single-turn (3851 and 3852)
Linear and audio tapers
3-3/4-turn (3856)
Wide resistance range
Minimal depth package
Good resolution
Non-RoHS compliant versions are
currently available, although not
recommended for new designs.


Similar Part No. - 3856C161102CL

ManufacturerPart #DatasheetDescription
logo
ebm-papst
3856 EBMPAPST-3856 Datasheet
423Kb / 1P
   TUBEAXIAL
3856 EBMPAPST-3856 Datasheet
291Kb / 4P
   AC axial compact fan
logo
Bourns Electronic Solut...
3856 BOURNS-3856 Datasheet
645Kb / 6P
   3/4 ˝ Diameter Panel Control
Mar 31, 2015
3856A-121-102AL BOURNS-3856A-121-102AL Datasheet
237Kb / 3P
   3851/3852/3856 - 3/4 Diameter Panel Control
3856A-121-102BL BOURNS-3856A-121-102BL Datasheet
237Kb / 3P
   3851/3852/3856 - 3/4 Diameter Panel Control
More results

Similar Description - 3856C161102CL

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3852A-282-103AL BOURNS-3852A-282-103AL_16 Datasheet
250Kb / 3P
   Diameter Panel Control
3851 BOURNS-3851 Datasheet
645Kb / 6P
   3/4 ˝ Diameter Panel Control
Mar 31, 2015
3862 BOURNS-3862 Datasheet
215Kb / 3P
   1/2 Diameter Single-Turn Panel Control
385126-45223 BOURNS-385126-45223 Datasheet
642Kb / 7P
   3851/3852/3856 – 3/4 ˝ Diameter Panel Control
3852A-282-103AL BOURNS-3852A-282-103AL_09 Datasheet
237Kb / 3P
   3851/3852/3856 - 3/4 Diameter Panel Control
PTF01-152A-102B1 BOURNS-PTF01-152A-102B1 Datasheet
204Kb / 3P
   Panel Control
logo
Nuvotem Talema
SFB0160-230-12 TALEMA-SFB0160-230-12 Datasheet
147Kb / 1P
   Control Panel Transformers
logo
Schneider Electric
HFNF120IESE020 SCHNEIDER-HFNF120IESE020 Datasheet
90Kb / 1P
   Industrial/Control Panel
12-Feb-2023
HFNF240IESE020 SCHNEIDER-HFNF240IESE020 Datasheet
90Kb / 1P
   Industrial/Control Panel
12-Feb-2023
HFNF120ICSE007 SCHNEIDER-HFNF120ICSE007 Datasheet
79Kb / 3P
   Industrial/Control Panel
19-Feb-2023
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com