Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT520 Datasheet(PDF) 4 Page - Seoul Semiconductor

Part # LT520
Description  GREEN LAMP LED
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

LT520 Datasheet(HTML) 4 Page - Seoul Semiconductor

  LT520 Datasheet HTML 1Page - Seoul Semiconductor LT520 Datasheet HTML 2Page - Seoul Semiconductor LT520 Datasheet HTML 3Page - Seoul Semiconductor LT520 Datasheet HTML 4Page - Seoul Semiconductor LT520 Datasheet HTML 5Page - Seoul Semiconductor LT520 Datasheet HTML 6Page - Seoul Semiconductor LT520 Datasheet HTML 7Page - Seoul Semiconductor LT520 Datasheet HTML 8Page - Seoul Semiconductor LT520 Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Rev. 00
Rev. 00
December 2007
December 2007
www.ZLED.com
www.ZLED.com
<080924> Rev. 0.4
Document No. : SSC-QP-7-07-24 (Rev.00)
2. Absolute Maximum Ratings ( Ta = 25ºC )
mW
125
P
D
Power Dissipation
V
5
V
R
Reverse Voltage
ºC
260ºC for 10seconds [2]
T
s
Solder Temperature
ºC
-30 ~ 85
T
opr
Operating Temperature
mA
100
I
FP
[1]
Forward Peak Pulse Current
ºC
-40 ~ 100
T
stg
Storage Temperature
mA
30
I
F
DC Forward Current
Unit
Value
Symbol
Item
Notes :
[1] t ≤ 0.1ms, D = 1/10
[2] No lower than 3mm from the base of the epoxy bulb.
3. Electro-Optical Characteristics ( Ta = 25ºC, IF=20mA )
536
525
V
4.0
3.4
-
V
F
Forward Voltage [6]
22
deg.
2
θ
½
View Angle
nm
518
λ
d
Dominant Wavelength[5]
5
-
-
7000
3000
µA
-
I
R
Reverse Current (at V
R = 5V)
Max.
Typ.
Min.
mcd
I
V
[4]
Luminous Intensity [3]
Unit
Value
Symbol
Item
Notes :
[3] SSC maintains a tolerance of
±10% on intensity and power measurements.
[4]
I
V is the luminous intensity output as measured with a cylinder.
[5] Dominant wavelength is derived from the CIE 1931 Chromaticity diagram.
A tolerance of
±0.5nm for dominant wavelength.
[6] A tolerance of
±0.05V on forward voltage measurements


Similar Part No. - LT520

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LT520 SEOUL-LT520 Datasheet
345Kb / 10P
   GREEN LAMP LED
LT520Z SEOUL-LT520Z Datasheet
390Kb / 12P
   GREEN OVAL LAMP LED
More results

Similar Description - LT520

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LT520 SEOUL-LT520 Datasheet
345Kb / 10P
   GREEN LAMP LED
LT370 SEOUL-LT370 Datasheet
343Kb / 10P
   GREEN LAMP LED
logo
Micro Electronics
MGB31DA MICRO-ELECTRONICS-MGB31DA Datasheet
109Kb / 1P
   GREEN LED LAMP
logo
Seoul Semiconductor
LT370 SEOUL-LT370_1 Datasheet
396Kb / 12P
   GREEN LAMP LED
LT770D SEOUL-LT770D Datasheet
390Kb / 12P
   GREEN OVAL LAMP LED
logo
TT Electronics.
OVLKGGT6 TTELEC-OVLKGGT6 Datasheet
772Kb / 4P
   Oval Green LED Lamp
logo
OPTEK Technologies
OVLKGGT6 OPTEK-OVLKGGT6 Datasheet
770Kb / 4P
   Oval Green LED Lamp (3mm)
logo
Micro Electronics
MGB100D MICRO-ELECTRONICS-MGB100D Datasheet
42Kb / 1P
   HIGH BRIGHTNESS GREEN LED LAMP
MGB34TA MICRO-ELECTRONICS-MGB34TA Datasheet
41Kb / 1P
   3mm CYLINDRIC GREEN LED LAMP
logo
TT Electronics.
OVLHGKD8 TTELEC-OVLHGKD8 Datasheet
667Kb / 4P
   Oval Green LED Lamp (5mm)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com