Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6231-50.00M Datasheet(PDF) 2 Page - Connor-Winfield Corporation

Part # 6231-50.00M
Description  1.8V LVCMOS Surface Mount Crystal Clock Oscillator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

6231-50.00M Datasheet(HTML) 2 Page - Connor-Winfield Corporation

  6231-50.00M Datasheet HTML 1Page - Connor-Winfield Corporation 6231-50.00M Datasheet HTML 2Page - Connor-Winfield Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications subject to change without notice. All dimensions in inches. © Copyright 1998 The Connor-Winfield Corporation
2111 Comprehensive Drive
Aurora, Illinois 60505
Phone: 630- 851- 4722
Fax: 630- 851- 5040
www.conwin.com
Bulletin
Sm085
Page
2 of 2
Revision
01
Date
30 May 2002
Pad Connection
1:
Tri-State E/D
2:
Ground
3:
Output
4:
VDD
OSCILLOSCOPE
FREQ
COUNTER
OSC
POWER
SUPPLY
INPUT FOR E/D
PROBE
Meets EIA-481A and EIAJ-1009B
3,000 PCS/Reel
Bypass capacitor, C-by, should
be ceramic capacitor ≥ .01uf.
SYMMETRY=(T1/T0)X100%
90%
50%
10%
GND. LEVEL
T0 = 1/ fo
T1
T
T
FR
Dimensional Tolerance: ±.008 (.20mm)
Soldering
General Conditions
260°C max x 10 sec max x 2 times max or
230°C max x 180 sec max x 1 time
Typical Operation Data
(Vapor phase reflow)
20 to 100 sec up to 215°C, 50 sec
at 215°C, then down to room temperature per 1 to 5°C / sec
Environmental Characteristics
Temperature Cycle
The specimen shall meet electrical characteristics after
tested 5 cycles of -55°C / 30 minutes and +125°C / 30 minutes
Hermetical
No bubbles appear in Flourinert (FC-43) at 125°C ±5°C for 5 minutes
Solvent Resistance
Marking will withstand immersion in
Isopropyl Alcohol or Trichloroethylene
Suggested Pad Layout
Ordering Information
Mechanical Characteristics
Free Drop
The specimen shall meet electrical characteristics after tested 3 times,
Free Drop testing on the hard wooden board from a height of 75 cm.
Vibration
The specimen shall meet electrical characteristics after tested
by the following conditions: 10-55Hz 1.5mm Amplitude,
55-2000 Hz 20 G's, 2 hours for each plane
Thermal Shock
After applied Thermal Shock of 260°C
max x 10 sec max x 2 times, or 230°C max x 180 sec max,
the specimen shall meet electrical characteristics
Solderability
(EIAJ-RCX-0102.101 Condition 1a)
1) Flux: MIL-F-14256 (WW Rosin=25%, Isopropyl Alcohol = 75%)
2) Solder: QQ-S-571 (Sn = 63%, Pb = 37%)
3) Solder bath temperature: 235°C ±5°C
4) Depth of immersion: Up to electrical terminal
5) Immersing time: Within 2 sec ±0.5 sec into solder bath
After performing the above procedures, a newly soldered coverage shall be greater than 90%
After performing the above procedures, a newly soldered coverage shall be greater than 90%
After performing the above procedures, a newly soldered coverage shall be greater than 90%
After performing the above procedures, a newly soldered coverage shall be greater than 90%
After performing the above procedures, a newly soldered coverage shall be greater than 90%
Test Circuit
Output Waveform
Tape and Reel Dimensions
Package Characteristics
Package
Hermetically sealed ceramic package and metal cover
Dimensional Tolerance: ±.02" (.508mm)
±.005" (.127mm)
6211
- 50.00 MHz
CLOCK
SERIES
CENTER
FREQUENCY


Similar Part No. - 6231-50.00M

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6231 POMONA-6231 Datasheet
22Kb / 1P
   Minigrabber To Multimeter Plug & Kit
logo
Spectrum Microwave, Inc...
623115 SPECTRUM-623115 Datasheet
93Kb / 2P
   PHASE LOCKED OSCILLATOR
logo
API Technologies Corp
623115 APITECH-623115 Datasheet
94Kb / 2P
   PHASE LOCKED OSCILLATOR MODEL
More results

Similar Description - 6231-50.00M

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
5211 CONNOR-WINFIELD-5211 Datasheet
82Kb / 2P
   1.8V LVCMOS Surface Mount Crystal Clock Oscillator
6111 CONNOR-WINFIELD-6111 Datasheet
84Kb / 2P
   1.8V LVCMOS Surface Mount Crystal Clock Oscillator
5111 CONNOR-WINFIELD-5111 Datasheet
82Kb / 2P
   1.8V LVCMOS Surface Mount Crystal Clock Oscillator
X221 CONNOR-WINFIELD-X221 Datasheet
230Kb / 2P
   1.8V LVCMOS SURFACE MOUNT 7.5x5mm CRYSTAL CLOCK OSCILLATOR
5216 CONNOR-WINFIELD-5216 Datasheet
82Kb / 2P
   2.8V LVCMOS Surface Mount Crystal Clock Oscillator
5116 CONNOR-WINFIELD-5116 Datasheet
82Kb / 2P
   2.8V LVCMOS Surface Mount Crystal Clock Oscillator
6213 CONNOR-WINFIELD-6213 Datasheet
84Kb / 2P
   3.3V LVCMOS Surface Mount Crystal Clock Oscillator
X813 CONNOR-WINFIELD-X813 Datasheet
225Kb / 2P
   3.3V LVCMOS SURFACE MOUNT 7.5x5mm CRYSTAL CLOCK OSCILLATOR
5112 CONNOR-WINFIELD-5112 Datasheet
155Kb / 2P
   2.5V LVCMOS SURFACE MOUNT 7.5x5mm CRYSTAL CLOCK OSCILLATOR
5212 CONNOR-WINFIELD-5212 Datasheet
96Kb / 2P
   2.5V LVCMOS SURFACE MOUNT 7.5x5mm CRYSTAL CLOCK OSCILLATOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com