Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL5255 Datasheet(PDF) 2 Page - Surge Components

Part # SL5255
Description  SILICON PLANAR ZENER DIODES, 500mW,MINIMELF PACKAGE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SURGE [Surge Components]
Direct Link  http://www.surgecomponents.com
Logo SURGE - Surge Components

SL5255 Datasheet(HTML) 2 Page - Surge Components

  SL5255 Datasheet HTML 1Page - Surge Components SL5255 Datasheet HTML 2Page - Surge Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


Similar Part No. - SL5255

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
SL52 DYELEC-SL52 Datasheet
742Kb / 2P
   Plastic package Underwirters Laboratory Flammability Classification 94V-0
logo
DAESAN ELECTRONIC CORP.
SL52 DAESAN-SL52 Datasheet
282Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Diotec Semiconductor
SL52-3G DIOTEC-SL52-3G Datasheet
131Kb / 2P
   SMD Schottky Barrier Rectifier Diodes
logo
PACELEADER INDUSTRIAL
SL52-A PACELEADER-SL52-A Datasheet
863Kb / 5P
   5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS-20V~40V
logo
DIYI Electronic Technol...
SL520 DYELEC-SL520 Datasheet
742Kb / 2P
   Plastic package Underwirters Laboratory Flammability Classification 94V-0
More results

Similar Description - SL5255

ManufacturerPart #DatasheetDescription
logo
Surge Components
SMBZ5230 SURGE-SMBZ5230 Datasheet
75Kb / 3P
   SILICON PLANAR ZENER DIODES, 500mW, SOT-23 PACKAGE?
logo
Zibo Seno Electronic En...
ZMM5221B ZSELEC-ZMM5221B Datasheet
115Kb / 3P
   500mW Silicon Planar Zener Diodes
MM1Z2V0 ZSELEC-MM1Z2V0 Datasheet
388Kb / 4P
   500mW Silicon Planar Zener Diodes
logo
Guangdong Juxing Electr...
MMSZXVXCW JUXING-MMSZXVXCW Datasheet
376Kb / 3P
   500mW Silicon Planar Zener Diodes
MMSZ5221BW JUXING-MMSZ5221BW Datasheet
1Mb / 3P
   500mW Silicon Planar Zener Diodes
MMSZ JUXING-MMSZ Datasheet
718Kb / 3P
   500mW Silicon Planar Zener Diodes
logo
Microsemi Corporation
1N753A MICROSEMI-1N753A Datasheet
75Kb / 2P
   SILICON 500MW ZENER DIODES
logo
Micro Commercial Compon...
MMSZ4678-TP MCC-MMSZ4678-TP Datasheet
346Kb / 5P
   500mW Silicon Zener Diodes
LLZ2V4 MCC-LLZ2V4 Datasheet
630Kb / 6P
   500mW Silicon Zener Diodes
DL4678 MCC-DL4678 Datasheet
432Kb / 5P
   500mW Silicon Zener Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com