Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z0103MN5AA4 Datasheet(PDF) 7 Page - STMicroelectronics

Part # Z0103MN5AA4
Description  1A TRIACS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

Z0103MN5AA4 Datasheet(HTML) 7 Page - STMicroelectronics

  Z0103MN5AA4 Datasheet HTML 1Page - STMicroelectronics Z0103MN5AA4 Datasheet HTML 2Page - STMicroelectronics Z0103MN5AA4 Datasheet HTML 3Page - STMicroelectronics Z0103MN5AA4 Datasheet HTML 4Page - STMicroelectronics Z0103MN5AA4 Datasheet HTML 5Page - STMicroelectronics Z0103MN5AA4 Datasheet HTML 6Page - STMicroelectronics Z0103MN5AA4 Datasheet HTML 7Page - STMicroelectronics Z0103MN5AA4 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Z01
Ordering information scheme
Doc ID 7474 Rev 10
7/12
Table 5.
Product Selector
Order code
Voltage
Sensitivity
Type
Package
600 V
800 V
Z0103MA
X
3 mA
Standard
TO-92
Z0103MN
X
3 mA
Standard
SOT-223
Z0103NA
X
3 mA
Standard
TO-92
Z0103NN
X
3 mA
Standard
SOT-223
Z0107MA
X
5 mA
Standard
TO-92
Z0107MN
X
5 mA
Standard
SOT-223
Z0107NA
X
5 mA
Standard
TO-92
Z0107NN
X
5 mA
Standard
SOT-223
Z0109MA
X
10 mA
Standard
TO-92
Z0109MN
X
10 mA
Standard
SOT-223
Z0109NA
X
10 mA
Standard
TO-92
Z0109NN
X
10 mA
Standard
SOT-223
Z0110MA
X
25 mA
Standard
TO-92
Z0110MN
X
25 mA
Standard
SOT-223
Z0110NA
X
25 mA
Standard
TO-92
Z0110NN
X
25 mA
Standard
SOT-223
Z0103MUF
X
3 mA
Standard
SMBflat-3L
Z0107MUF
X
5 mA
Standard
SMBflat-3L
Z0109MUF
X
10 mA
Standard
SMBflat-3L


Similar Part No. - Z0103MN5AA4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
Z0103MN5AA4 STMICROELECTRONICS-Z0103MN5AA4 Datasheet
96Kb / 9P
   1 A Triacs
Z0103MN5AA4 STMICROELECTRONICS-Z0103MN5AA4 Datasheet
130Kb / 12P
   Standard 1A Triacs
Z0103MN5AA4-ND STMICROELECTRONICS-Z0103MN5AA4-ND Datasheet
130Kb / 12P
   Standard 1A Triacs
More results

Similar Description - Z0103MN5AA4

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
Z0103MA TGS-Z0103MA Datasheet
153Kb / 1P
   1A TRIACS
logo
JIEJIE MICROELECTRONICS...
ACJT1 JIEJIE-ACJT1 Datasheet
376Kb / 5P
   1A TRIACs
JST131 JIEJIE-JST131 Datasheet
257Kb / 5P
   1A TRIACs
JST01 JIEJIE-JST01 Datasheet
416Kb / 4P
   1A TRIACs
logo
Unisonic Technologies
UZ0103 UTC-UZ0103 Datasheet
166Kb / 3P
   1A TRIACS
logo
Kersemi Electronic Co.,...
Z0103MN KERSEMI-Z0103MN Datasheet
1Mb / 10P
   Standard 1A Triacs
logo
STMicroelectronics
Z01 STMICROELECTRONICS-Z01 Datasheet
130Kb / 12P
   Standard 1A Triacs
logo
Nell Semiconductor Co.,...
1T06E-D NELLSEMI-1T06E-D Datasheet
469Kb / 5P
   Standard TRIACs, 1A
logo
First Components Intern...
FTC131 FCI-FTC131 Datasheet
189Kb / 4P
   1A 500V/600V BIDIRECTIONAL TRIACS
logo
NXP Semiconductors
BT137SE PHILIPS-BT137SE Datasheet
54Kb / 6P
   Triacs Triacs
October 1997 Rev 1.200
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com