Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z0109MN5AA4 Datasheet(PDF) 8 Page - STMicroelectronics

Part # Z0109MN5AA4
Description  1A TRIACS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

Z0109MN5AA4 Datasheet(HTML) 8 Page - STMicroelectronics

  Z0109MN5AA4 Datasheet HTML 1Page - STMicroelectronics Z0109MN5AA4 Datasheet HTML 2Page - STMicroelectronics Z0109MN5AA4 Datasheet HTML 3Page - STMicroelectronics Z0109MN5AA4 Datasheet HTML 4Page - STMicroelectronics Z0109MN5AA4 Datasheet HTML 5Page - STMicroelectronics Z0109MN5AA4 Datasheet HTML 6Page - STMicroelectronics Z0109MN5AA4 Datasheet HTML 7Page - STMicroelectronics Z0109MN5AA4 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Packaging information
Z01
8/12
Doc ID 7474 Rev 10
3
Packaging information
Epoxy meets UL94, V0
Lead-free packages
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Figure 15.
SOT-223 footprint dimensions (in millimeters)
Table 6.
SOT-223 dimensions
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
1.80
0.071
A1
0.02
0.10
0.001 0.004
B
0.60
0.70
0.85
0.024 0.027 0.033
B1
2.90
3.00
3.15
0.114 0.118 0.124
c
0.24
0.26
0.35
0.009 0.010 0.014
D(1)
1.
Do not include mold flash or protrusions. Mold flash or protrusions shall not exceed 0.15mm (0.006inches)
6.30
6.50
6.70
0.248 0.256 0.264
e
2.3
0.090
e1
4.6
0.181
E(1)
3.30
3.50
3.70
0.130 0.138 0.146
H
6.70
7.00
7.30
0.264 0.276 0.287
V10° max
A
A1
e1
D
B1
H
E
e
12
4
3
B
V
c
3.25
1.32
7.80
5.16
1.32
2.30
0.95


Similar Part No. - Z0109MN5AA4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
Z0109MN5AA4 STMICROELECTRONICS-Z0109MN5AA4 Datasheet
96Kb / 9P
   1 A Triacs
Z0109MN5AA4 STMICROELECTRONICS-Z0109MN5AA4 Datasheet
130Kb / 12P
   Standard 1A Triacs
logo
Inchange Semiconductor ...
Z0109MN5AA4 ISC-Z0109MN5AA4 Datasheet
231Kb / 2P
   isc Triacs
logo
STMicroelectronics
Z0109MN5AA4-ND STMICROELECTRONICS-Z0109MN5AA4-ND Datasheet
130Kb / 12P
   Standard 1A Triacs
More results

Similar Description - Z0109MN5AA4

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
Z0103MA TGS-Z0103MA Datasheet
153Kb / 1P
   1A TRIACS
logo
JIEJIE MICROELECTRONICS...
ACJT1 JIEJIE-ACJT1 Datasheet
376Kb / 5P
   1A TRIACs
JST131 JIEJIE-JST131 Datasheet
257Kb / 5P
   1A TRIACs
JST01 JIEJIE-JST01 Datasheet
416Kb / 4P
   1A TRIACs
logo
Unisonic Technologies
UZ0103 UTC-UZ0103 Datasheet
166Kb / 3P
   1A TRIACS
logo
Kersemi Electronic Co.,...
Z0103MN KERSEMI-Z0103MN Datasheet
1Mb / 10P
   Standard 1A Triacs
logo
STMicroelectronics
Z01 STMICROELECTRONICS-Z01 Datasheet
130Kb / 12P
   Standard 1A Triacs
logo
Nell Semiconductor Co.,...
1T06E-D NELLSEMI-1T06E-D Datasheet
469Kb / 5P
   Standard TRIACs, 1A
logo
First Components Intern...
FTC131 FCI-FTC131 Datasheet
189Kb / 4P
   1A 500V/600V BIDIRECTIONAL TRIACS
logo
NXP Semiconductors
BT137SE PHILIPS-BT137SE Datasheet
54Kb / 6P
   Triacs Triacs
October 1997 Rev 1.200
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com