Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1713CMS8 Datasheet(PDF) 10 Page - Linear Technology

Part # LT1713CMS8
Description  Single/Dual, 7ns, Low Power,3V/5V/짹5V Rail-to-Rail Comparators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1713CMS8 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1713CMS8 Datasheet HTML 6Page - Linear Technology LT1713CMS8 Datasheet HTML 7Page - Linear Technology LT1713CMS8 Datasheet HTML 8Page - Linear Technology LT1713CMS8 Datasheet HTML 9Page - Linear Technology LT1713CMS8 Datasheet HTML 10Page - Linear Technology LT1713CMS8 Datasheet HTML 11Page - Linear Technology LT1713CMS8 Datasheet HTML 12Page - Linear Technology LT1713CMS8 Datasheet HTML 13Page - Linear Technology LT1713CMS8 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
LT1713/LT1714
Figure 2. Various Configurations for Introducing Hysteresis
+
50k
VIN
50
Q
Q
V+ = 5V
V= –5V
VHYST = 5mV
(ALL 3 CASES)
Q
Q
+
50k
VIN
VREF
50
Q
Q
+
100k
100k
VIN
+
VIN
50
50
171314 F02
LT1713
LT1713
LT1713
Hysteresis
Another useful technique to avoid oscillations is to provide
positive feedback, also known as hysteresis, from the
output to the input. Increased levels of hysteresis, how-
ever, reduce the sensitivity of the device to input voltage
levels, so the amount of positive feedback should be
tailored to particular system requirements. The
LT1713/LT1714 are completely flexible regarding the ap-
plication of hysteresis, due to rail-to-rail inputs and the
complementary outputs. Specifically, feedback resistors
can be connected from one or both outputs to their
corresponding inputs without regard to common mode
considerations. Figure 2 shows several configurations.
APPLICATIO S I FOR ATIO


Similar Part No. - LT1713CMS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1713CMS8#PBF LINER-LT1713CMS8#PBF Datasheet
238Kb / 16P
   Single/Dual, 7ns, Low Power
More results

Similar Description - LT1713CMS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1712 LINER-LT1712_15 Datasheet
226Kb / 12P
   Single/Dual 4.5ns, 3V/5V/5V, Rail-to-Rail Comparators
LT1711 LINER-LT1711_15 Datasheet
226Kb / 12P
   Single/Dual 4.5ns, 3V/5V/5V, Rail-to-Rail Comparators
LT1711 LINER-LT1711 Datasheet
214Kb / 12P
   Single/Dual 4.5ns, 3V/5V, Rail-to-Rail Comparators
logo
Maxim Integrated Produc...
MAX9140 MAXIM-MAX9140_10 Datasheet
342Kb / 15P
   40ns, Low-Power, 3V/5V, Rail-to-Rail Single-Supply Comparators
Rev 3; 1/10
MAX9140 MAXIM-MAX9140 Datasheet
326Kb / 12P
   40ns, Low-Power, 3V/5V, Rail-to-Rail Single-Supply Comparators
Rev 0; 6/01
MAX941 MAXIM-MAX941_08 Datasheet
266Kb / 14P
   High-Speed, Low-Power, 3V/5V, Rail-to-Rail, Single-Supply Comparators
Rev 8; 11/08
MAX941 MAXIM-MAX941 Datasheet
165Kb / 12P
   High-Speed, Low-Power, 3V/5V, Rail-to-Rail Single-Supply Comparators
Rev 3; 6/97
MAX941 MAXIM-MAX941_09 Datasheet
893Kb / 14P
   High-Speed, Low-Power, 3V/5V, Rail-to-Rail, Single-Supply Comparators
Rev 9; 3/09
logo
Linear Technology
LT1720 LINER-LT1720 Datasheet
317Kb / 28P
   Dual/Quad, 4.5ns, Single Supply 3V/5V Comparators with Rail-to-Rail Outputs
LT1721 LINER-LT1721_15 Datasheet
273Kb / 28P
   Dual/Quad, 4.5ns, Single Supply 3V/5V Comparators with Rail-to-Rail Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com