Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1715HMSPBF Datasheet(PDF) 3 Page - Linear Technology

Part # LT1715HMSPBF
Description  4ns, 150MHz Dual Comparator with Independent Input/Output Supplies
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1715HMSPBF Datasheet(HTML) 3 Page - Linear Technology

  LT1715HMSPBF Datasheet HTML 1Page - Linear Technology LT1715HMSPBF Datasheet HTML 2Page - Linear Technology LT1715HMSPBF Datasheet HTML 3Page - Linear Technology LT1715HMSPBF Datasheet HTML 4Page - Linear Technology LT1715HMSPBF Datasheet HTML 5Page - Linear Technology LT1715HMSPBF Datasheet HTML 6Page - Linear Technology LT1715HMSPBF Datasheet HTML 7Page - Linear Technology LT1715HMSPBF Datasheet HTML 8Page - Linear Technology LT1715HMSPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LT1715
3
1715fa
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 5V, VEE = –5V, +VS = 5V, VCM = 1V, COUT = 10pF, VOVERDRIVE = 20mV,
unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
(Note 6)
LT1715C, LT1715I
LT1715H
l
l
0.4
2.5
3.5
4
mV
mV
mV
VHYST
Input Hysteresis Voltage
(Note 6)
LT1715C, LT1715I
LT1715H
l
l
2
2
3.5
6
7
mV
mV
VOS/ΔT
Input Offset Voltage Drift
l
10
μV/°C
IB
Input Bias Current
LT1715C, LT1715I
LT1715H
l
l
–6
–7
–2.5
0
0
μA
μA
IOS
Input Offset Current
LT1715C, LT1715I
LT1715H
l
l
0.2
0.6
1
μA
μA
CMRR
Common Mode Rejection Ratio
(Note 7)
LT1715C, LT1715I
LT1715H
l
l
60
55
70
dB
dB
PSRR
Power Supply Rejection Ratio
(Note 8)
l
65
80
dB
AV
Voltage Gain
(Note 9)
VOH
Output High Voltage
ISOURCE = 4mA, VIN = VTRIP+ + 20mV
l +VS – 0.4
V
VOL
Output Low Voltage
ISINK = 10mA, VIN = VTRIP– – 20mV
l
0.4
V
fMAX
Maximum Toggle Frequency
(Note 10)
150
MHz
tPD20
Propagation Delay
VOVERDRIVE = 20mV (Note 11),
VCC = 5V, VEE = –5V
LT1715C, LT1715I
LT1715H
l
l
2.8
2.8
2.8
46
7
8
ns
ns
ns
VOVERDRIVE = 20mV, VCC = 5V, VEE = 0V
4.4
ns
VOVERDRIVE = 20mV, VCC = 3V, VEE = 0V
LT1715C, LT1715I
LT1715H
l
l
3
3
3
4.8
6.5
7.5
8
ns
ns
ns
tPD5
Propagation Delay
VOVERDRIVE = 5mV, VEE = 0V (Notes 11, 12)
l
69
12
ns
ns
tSKEW
Propagation Delay Skew
(Note 13) Between tPD+/tPD–, VEE = 0V
l
0.5
1.5
ns
ΔtPD
Differential Propagation Delay
(Note 14) Between Channels
l
0.3
1
ns
tr
Output Rise Time
10% to 90%
2
ns
tf
Output Fall Time
90% to 10%
2
ns
tJITTER
Output Timing Jitter
VIN = 1.2VP-P (6dBm), ZIN = 50
tPD+
f = 20MHz (Note 15)
tPD–
15
11
psRMS
psRMS
ICC
Positive Input Stage Supply Current
(per Comparator)
+VS = VCC = 5V, VEE = –5V LT1715C, LT1715I
LT1715H
l
l
12
2.2
mA
mA
+VS = VCC = 3V, VEE = 0V
LT1715C, LT1715I
LT1715H
l
l
0.9
1.6
1.8
mA
mA
IEE
Negative Input Stage Supply Current
(per Comparator)
+VS = VCC = 5V, VEE = –5V LT1715C, LT1715I
LT1715H
l
l
–4.8
–5.3
–2.9
mA
mA
+VS = VCC = 3V, VEE = 0V
LT1715C, LT1715I
LT1715H
l
l
–3.8
–4.3
–2.4
mA
mA
IS
Positive Output Stage Supply Current
(per Comparator)
+VS = VCC = 5V, VEE = –5V LT1715C, LT1715I
LT1715H
l
l
4.6
7.5
8
mA
mA
VS = VCC = 3V, VEE = 0V
LT1715C, LT1715I
LT1715H
l
l
3.7
6
6.5
mA
mA


Similar Part No. - LT1715HMSPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1715 LINER-LT1715 Datasheet
239Kb / 16P
   4ns, 150MHz Dual Comparator with Independent Input/Output Supplies
LT1715 LINER-LT1715 Datasheet
1Mb / 36P
   Low Phase Noise, Dual Output Buffer/Driver/Logic Converter
LT1715 LINER-LT1715 Datasheet
246Kb / 28P
   UltraFast:4.5ns at 20mV Overdrive 7ns at 5mV Overdrive
LT1715 LINER-LT1715 Datasheet
700Kb / 30P
   280MHz, 2.9ns Comparator Family with Rail-to-Rail Inputs and CMOS Outputs
LT1715CMS LINER-LT1715CMS Datasheet
239Kb / 16P
   4ns, 150MHz Dual Comparator with Independent Input/Output Supplies
More results

Similar Description - LT1715HMSPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1715 LINER-LT1715 Datasheet
239Kb / 16P
   4ns, 150MHz Dual Comparator with Independent Input/Output Supplies
LT1715 LINER-LT1715_15 Datasheet
255Kb / 20P
   4ns, 150MHz Dual Comparator with Independent Input/Output Supplies
logo
Intersil Corporation
EL5285I INTERSIL-EL5285I Datasheet
136Kb / 9P
   Dual 4ns High-Speed Comparator
EL5185 INTERSIL-EL5185 Datasheet
100Kb / 9P
   4ns High-Speed Comparator
logo
Elantec Semiconductor
EL5185C ELANTEC-EL5185C Datasheet
301Kb / 11P
   4ns High-Speed Comparator
logo
Intersil Corporation
HA4905 INTERSIL-HA4905 Datasheet
25Kb / 2P
   Window Comparator With Independent Adjustments
April 1998
EL5287 INTERSIL-EL5287 Datasheet
136Kb / 8P
   Window 4ns High-Speed Comparator
logo
Jingjing Microelectroni...
EG393 EGMICRO-EG393 Datasheet
503Kb / 12P
   Dual independent high precision voltage comparator chip
logo
Connor-Winfield Corpora...
H52DF CONNOR-WINFIELD-H52DF Datasheet
55Kb / 1P
   INDEPENDENT DUAL OUTPUT OSCILLATOR
S52DF CONNOR-WINFIELD-S52DF Datasheet
54Kb / 1P
   INDEPENDENT DUAL OUTPUT OSCILLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com