Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV300 Datasheet(PDF) 1 Page - Supertex, Inc

Part # HV300
Description  Hotswap, Inrush Current Limiter Controllers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV300 Datasheet(HTML) 1 Page - Supertex, Inc

  HV300 Datasheet HTML 1Page - Supertex, Inc HV300 Datasheet HTML 2Page - Supertex, Inc HV300 Datasheet HTML 3Page - Supertex, Inc HV300 Datasheet HTML 4Page - Supertex, Inc HV300 Datasheet HTML 5Page - Supertex, Inc HV300 Datasheet HTML 6Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
HV300/HV310
08/26/02
Supertex Inc. does not recommend the use of its products in life support applications and will not knowingly sell its products for use in such applications unless it receives an adequate "products liability
indemnification insurance agreement." Supertex does not assume responsibility for use of devices described and limits its liability to the replacement of devices determined to be defective due to
workmanship. No responsibility is assumed for possible omissions or inaccuracies. Circuitry and specifications are subject to change without notice. For the latest product specifications, refer to the
Supertex website: http://www.supertex.com. For complete liability information on all Supertex products, refer to the most current databook or to the Legal/Disclaimer page on the Supertex website.
HV300
HV310
Applications
Central Office Switching
Servers
POTS Line Cards
ISDN Line Cards
xDSL Line Cards
PBX Systems
Powered Ethernet for VoIP
Distributed Power Systems
Negative Power Supply Control
Antenna and Fixed Wireless Systems
General Description
The Supertex HV300 (and HV310),
Hotswap Controller, Negative
Supply control power supply connection during insertion of
cards or modules into live backplanes. They may be used in
traditional ‘negative 48V’ powered systems or for higher voltage
busses up to negative 90V.
Operation during the initial power up prevents turn-on glitches,
and after complete charging of load capacitors (typically found
in filters at the input of DC-DC converters) the HV300 (and
HV310) issues a power good signal. This signal is typically
used to enable the DC-DC converter.
The only difference between the HV300 and the HV310 is the
polarity of the PWRGD signal line to accommodate different
DC-DC converter models. Once PWRGD signal has been
established the device sleeps in a low power state, important
for large systems with many individual hotswap cards or
modules.
An external power MOSFET is required as the pass element,
plus a ramp capacitor, and resistors to establish current limiting
and over and under voltage lockouts. There is no need for
additional external snubber components.
Features are programmable over voltage and under voltage
detection of the input voltage which locks out the load connection
if the bus (input) voltage is out of range. An internal voltage
regulator creates a stable reference, and maintains accurate
gate drive voltage. The unique control loop scheme provides
full current control and limiting during start up.
Theory of Operation
Initially the external N-channel MOSFET is held off by the gate
signal, preventing an input glitch. After a delay (while internal
circuits are activated) the inrush current to the load is limited by
the gate control output. The current may ramp up and limit at
a maximum value programmed by an external resistor. Initial
time delay, to allow for contact bounce, and charging operation
is determined by the single external ramp capacitor connected
to the RAMP pin. When the load capacitor is fully charged, the
controller emerges from current limit mode, an additional time
delay occurs before the external N-channel MOSFET pass
transistor is switched to full conduction, and the
PWRGD
output signal is activated. The controller will then transition to
a low power standby mode.
The HV300LG PWRGD is active high (open drain), while the
HV310LG PWRGD is active low (VEE).
Ordering Information
V E
E
s
n
o
i
t
p
O
e
g
a
k
c
a
P
n
i
Mx
a
M
d
o
o
G
r
e
w
o
P
l
a
n
g
i
S
C
I
O
S
n
i
P
8
V
0
9
-V
0
1
-H
G
I
H
e
v
i
t
c
AG
L
0
0
3
V
H
V
0
9
-V
0
1
-W
O
L
e
v
i
t
c
AG
L
0
1
3
V
H
Demo
Kit
Available
Features
HV300, PWRGD=Active HIGH
HV310, PWRGD=Active LOW
-10V to -90V Input Voltage Range
Few External Components
0.33mA Typical Standby Supply Current
Programmable Over/Under Voltage Limits with
Hysteresis
Programmable Current Limit
Active control during all phases of start-up
Programmable timing
8 Lead SOIC
Hotswap, Inrush Current Limiter Controllers
(Negative Supply Rail)


Similar Part No. - HV300

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV300 SUTEX-HV300 Datasheet
705Kb / 7P
   Hotswap, Inrush Current Limiter Controllers (Negative Supply Rail)
HV300DB1 SUTEX-HV300DB1 Datasheet
372Kb / 2P
   HV300 Hot Swap Demo Board
HV300LG SUTEX-HV300LG Datasheet
372Kb / 2P
   HV300 Hot Swap Demo Board
HV300LG SUTEX-HV300LG Datasheet
705Kb / 7P
   Hotswap, Inrush Current Limiter Controllers (Negative Supply Rail)
HV300LG-G SUTEX-HV300LG-G Datasheet
705Kb / 7P
   Hotswap, Inrush Current Limiter Controllers (Negative Supply Rail)
More results

Similar Description - HV300

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV100 SUTEX-HV100 Datasheet
83Kb / 5P
   3-Pin Hotswap, Inrush Current Limiter Controllers
HV310 SUTEX-HV310_09 Datasheet
674Kb / 7P
   Hotswap, Inrush Current Limiter Controllers (Negative Supply Rail)
HV300 SUTEX-HV300_09 Datasheet
705Kb / 7P
   Hotswap, Inrush Current Limiter Controllers (Negative Supply Rail)
HV100 SUTEX-HV100_07 Datasheet
591Kb / 8P
   3-Pin Hotswap, Inrush Current Limiter Controllers (Negative Supply Rail)
HV101 SUTEX-HV101_13 Datasheet
832Kb / 8P
   3-Pin Hotswap, Inrush Current Limiter Controllers (Negative Supply Rail)
HV100 SUTEX-HV100_13 Datasheet
838Kb / 8P
   3-Pin Hotswap, Inrush Current Limiter Controllers (Negative Supply Rail)
HV111 SUTEX-HV111 Datasheet
551Kb / 9P
   Inrush Limiter/Circuit Breaker/Hotswap Controller IC
logo
Freescale Semiconductor...
CL-21 FREESCALE-CL-21 Datasheet
112Kb / 4P
   NTC Inrush Current Limiter
logo
List of Unclassifed Man...
MHIC-48100A ETC1-MHIC-48100A Datasheet
197Kb / 1P
   Inrush Current Limiter HIC
logo
STMicroelectronics
STIL STMICROELECTRONICS-STIL Datasheet
155Kb / 11P
   AC INRUSH CURRENT LIMITER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com