Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC1SS400 Datasheet(PDF) 1 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

Part # TC1SS400
Description  200mW SOD-523 SURFACE MOUNT Very Small Outline Flat Lead Plastic Package General Purpose Application High Speed Switching Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAK_CHEONG [Tak Cheong Electronics (Holdings) Co.,Ltd]
Direct Link  http://www.takcheong.com/en/index.asp
Logo TAK_CHEONG - Tak Cheong Electronics (Holdings) Co.,Ltd

TC1SS400 Datasheet(HTML) 1 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

  TC1SS400 Datasheet HTML 1Page - Tak Cheong Electronics (Holdings) Co.,Ltd TC1SS400 Datasheet HTML 2Page - Tak Cheong Electronics (Holdings) Co.,Ltd TC1SS400 Datasheet HTML 3Page - Tak Cheong Electronics (Holdings) Co.,Ltd TC1SS400 Datasheet HTML 4Page - Tak Cheong Electronics (Holdings) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Oct 2008, Revision E
Page 1
TAK CHEONG
®
SEMICONDUCTOR
200mW SOD-523 SURFACE MOUNT
Very Small Outline Flat Lead Plastic Package
General Purpose Application
High Speed Switching Diode
Absolute Maximum Ratings
TA = 25°C unless otherwise noted
Symbol
Parameter
Value
Units
PD
Power Dissipation
200
mW
TSTG
Storage Temperature Range
-55 to +150
°C
TJ
Operating Junction Temperature
+150
°C
VRSM
Non-Repetitive Peak Reverse Voltage
100
V
IFSM
Peak Forward Surge Current
500
mA
IFM
Forward Current
200
mA
These ratings are limiting values above which the serviceability of the diode may be impaired.
Specification Features:
Fast Switching Device (TRR <4.0 nS)
High Speed Switching Diodes
Extremely Small SOD-523 Package
Flat Lead SOD-523 Small Outline Plastic Package
Surface Device Type Mounting
RoHS Compliant
Green EMC
Matte Tin(Sn) Lead Finish
Band Indicates Cathode
DEVICE MARKING CODE:
Device Type
Device Marking
TC1SS400
E4
Electrical Characteristics
TA = 25°C unless otherwise noted
Limits
Symbol
Parameter
Test Condition
Min
Max
Unit
BV
Breakdown Voltage
IR=100µA
100
Volts
IR
Reverse Leakage Current
VR=80V
100
nA
VF
Forward Voltage
IF=100mA
1.2
Volts
TRR
Reverse Recovery Time
IF=10mA
VR=6V
RL=100Ω
4
nS
C
Capacitance
VR=0.5V, f=1MHZ
4
pF


Similar Part No. - TC1SS400

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
TC1SS400 TAK_CHEONG-TC1SS400 Datasheet
186Kb / 5P
   200mW SOD-523 SURFACE MOUNT High Speed Switching Diode
TC1SS400 TAK_CHEONG-TC1SS400_11 Datasheet
186Kb / 5P
   200mW SOD-523 SURFACE MOUNT High Speed Switching Diode
More results

Similar Description - TC1SS400

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
1SS422 TAK_CHEONG-1SS422 Datasheet
165Kb / 4P
   200mW SOD-523 SURFACE MOUNT Very Small Outline Flat Lead Plastic Package General Purpose Application High Speed Switching Diode
logo
Yea Shin Technology Co....
1SS400 YEASHIN-1SS400 Datasheet
1,011Kb / 4P
   200mW SOD-523 SURFACE MOUNT Very Small Outline Flat Lead Plastic Package General Purpose Application High Speed Switching Diode
logo
Tak Cheong Electronics ...
TCBAS16 TAK_CHEONG-TCBAS16 Datasheet
166Kb / 4P
   200mW SOD-523 SURFACE MOUNT Very Small Outline Flat Lead Plastic Package General Purpose Application High Speed Switching Diode
TC1N4148WT TAK_CHEONG-TC1N4148WT Datasheet
678Kb / 4P
   200mW SOD-523 SURFACE MOUNT Very Small Outline Flat Lead Plastic Package General Purpose Application Fast Switching Diode
logo
Yea Shin Technology Co....
1N4148WT YEASHIN-1N4148WT Datasheet
508Kb / 4P
   200mW SOD-523 SURFACE MOUNT Very Small Outline Flat Lead Plastic Package General Purpose Application Fast Switching Diode
1N4448WT YEASHIN-1N4448WT Datasheet
508Kb / 4P
   200mW SOD-523 SURFACE MOUNT Very Small Outline Flat Lead Plastic Package General Purpose Application Fast Switching Diode
logo
Tak Cheong Electronics ...
TCRB521S-30 TAK_CHEONG-TCRB521S-30 Datasheet
578Kb / 3P
   200mW SOD-523 SURFACE MOUNT Very Small Outline Flat Lead Plastic Package Schottky Barrier Diode
logo
Rectron Semiconductor
RB520S-40 RECTRON-RB520S-40 Datasheet
422Kb / 5P
   200mW Sod-523 SURFACE MOUNT Very Small Outline Flat Lead Plastic Package Schottky Barrier Diode
logo
Tak Cheong Electronics ...
RB520S-40 TAK_CHEONG-RB520S-40 Datasheet
107Kb / 4P
   200mW SOD-523 SURFACE MOUNT Very Small Outline Flat Lead Plastic Package Schottky Barrier Diode
TCRB751S-40 TAK_CHEONG-TCRB751S-40 Datasheet
107Kb / 4P
   200mW SOD-523 SURFACE MOUNT Very Small Outline Flat Lead Plastic Package Schottky Barrier Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com