Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV20320PJ Datasheet(PDF) 11 Page - Supertex, Inc

Part # HV20320PJ
Description  Low Charge Injection 8-Channel High Voltage Analog Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV20320PJ Datasheet(HTML) 11 Page - Supertex, Inc

Back Button HV20320PJ Datasheet HTML 4Page - Supertex, Inc HV20320PJ Datasheet HTML 5Page - Supertex, Inc HV20320PJ Datasheet HTML 6Page - Supertex, Inc HV20320PJ Datasheet HTML 7Page - Supertex, Inc HV20320PJ Datasheet HTML 8Page - Supertex, Inc HV20320PJ Datasheet HTML 9Page - Supertex, Inc HV20320PJ Datasheet HTML 10Page - Supertex, Inc HV20320PJ Datasheet HTML 11Page - Supertex, Inc HV20320PJ Datasheet HTML 12Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
HV20220GA Package Outline (
µ-BGA)
0.375
0.75
DATUM AXIS 'X'
DATUM
AXIS 'Y'
5.7
± 0.05
2.85
A
B
C
D
E
F
A
B
C
D
E
F
DIE
4.65
LOT #
1 2 345 6 7
A1 CORNER
INDEX
7 6 543 2 1
NOTES:
1. Dimensioning and tolerance per ASME Y14.5M-1994.
2. Do not subject part to ultrasonic cleaning or intense UV.
3. Contact ball position per JESD 95-1, SPP-010.
4. Units are in millimeters.
BUMP VIEW
BACK VIEW
0.75
Polyimide Tape
Adhesive
Elastomer Seal
4 Sides/Edges
Lead
Die
Elastomer
0.243
± 0.03
0.99
± 0.05
0.05
0.323
± 0.03
ENLARGED VIEW
HV20220/HV20320


Similar Part No. - HV20320PJ

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV20320PJ SUTEX-HV20320PJ Datasheet
1,008Kb / 11P
   Low Charge Injection 8-Channel High Voltage Analog Switches
HV20320PJ-G SUTEX-HV20320PJ-G Datasheet
1,008Kb / 11P
   Low Charge Injection 8-Channel High Voltage Analog Switches
More results

Similar Description - HV20320PJ

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CPC7220 IXYS-CPC7220_12 Datasheet
1Mb / 14P
   Low Charge Injection, 8-Channel High Voltage Analog Switch
logo
Supertex, Inc
HV2203 SUTEX-HV2203 Datasheet
841Kb / 9P
   Low Charge Injection, 8-Channel High Voltage Analog Switch
logo
Clare, Inc.
CPC7220 CLARE-CPC7220 Datasheet
218Kb / 11P
   Low Charge Injection 8-Channel High Voltage Analog Switch
logo
Supertex, Inc
HV20320 SUTEX-HV20320_13 Datasheet
687Kb / 9P
   Low Charge Injection 8-Channel High Voltage Analog Switch
logo
IXYS Corporation
CPC7220 IXYS-CPC7220 Datasheet
260Kb / 11P
   Low Charge Injection, 8-Channel High Voltage Analog Switch
logo
Supertex, Inc
HV20420 SUTEX-HV20420 Datasheet
42Kb / 6P
   Low Charge Injection 8-Channel High Voltage Analog Switch
HV219 SUTEX-HV219_07 Datasheet
797Kb / 9P
   Low Charge Injection 8-Channel High Voltage Analog Switch
HV21716 SUTEX-HV21716 Datasheet
94Kb / 10P
   Low Charge Injection 8-Channel High Voltage Analog Switch
HV219 SUTEX-HV219 Datasheet
572Kb / 8P
   Low Charge Injection 8-Channel High Voltage Analog Switch
HV219 SUTEX-HV219_13 Datasheet
848Kb / 9P
   200V Low Charge Injection 8-Channel High Voltage Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com