Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC1N6003B Datasheet(PDF) 2 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

Part # TC1N6003B
Description  500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAK_CHEONG [Tak Cheong Electronics (Holdings) Co.,Ltd]
Direct Link  http://www.takcheong.com/en/index.asp
Logo TAK_CHEONG - Tak Cheong Electronics (Holdings) Co.,Ltd

TC1N6003B Datasheet(HTML) 2 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

  TC1N6003B Datasheet HTML 1Page - Tak Cheong Electronics (Holdings) Co.,Ltd TC1N6003B Datasheet HTML 2Page - Tak Cheong Electronics (Holdings) Co.,Ltd TC1N6003B Datasheet HTML 3Page - Tak Cheong Electronics (Holdings) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
November 2006 / B
Page 2
SEMICONDUCTOR
TAK CHEONG
®
Electrical Characteristics
TA = 25°C unless otherwise noted
Zener Voltage
Zener Impedance
Leakage Current
VZ (Volts)
@ IZT
ZZT @ IZT
ZZK @ IZK
IR @ VR
Device
Min
Nom
Max
(mA)
(
Ω)
(
Ω)
(mA)
(
µA)
(Volts)
TC1N6002B
11.40
12
12.60
5
22
600
0.25
0.1
9.1
TC1N6003B
12.35
13
13.65
5
25
600
0.25
0.1
9.9
TC1N6004B
14.25
15
15.75
5
32
600
0.25
0.1
11
TC1N6005B
15.20
16
16.80
5
36
600
0.25
0.1
12
TC1N6006B
17.10
18
18.90
5
42
600
0.25
0.1
14
TC1N6007B
19.00
20
21.00
5
48
600
0.25
0.1
15
TC1N6008B
20.90
22
23.10
5
55
600
0.25
0.1
17
TC1N6009B
22.80
24
25.20
5
62
600
0.25
0.1
18
TC1N6010B
25.65
27
28.35
5
70
600
0.25
0.1
21
TC1N6011B
28.50
30
31.50
5
78
600
0.25
0.1
23
TC1N6012B
31.35
33
34.65
5
88
700
0.25
0.1
25
TC1N6013B
34.20
36
37.80
5
95
700
0.25
0.1
27
TC1N6014B
37.05
39
40.95
2
130
800
0.25
0.1
30
TC1N6015B
40.85
43
45.15
2
150
900
0.25
0.1
33
TC1N6016B
44.65
47
49.35
2
170
1000
0.25
0.1
36
TC1N6017B
48.45
51
53.55
2
180
1300
0.25
0.1
39
TC1N6018B
53.20
56
58.80
2
200
1400
0.25
0.1
43
TC1N6019B
58.90
62
65.10
2
225
1400
0.25
0.1
47
TC1N6020B
64.60
68
71.40
2
240
1600
0.25
0.1
52
TC1N6021B
71.25
75
78.75
2
265
1700
0.25
0.1
56
Notes:
1. TOLERANCE AND VOLTAGE DESIGNATION
The type numbers listed have zener voltage as shown and have a standard tolerance on the nominal zener voltage of ±5%. Suffix A =
±10%, C = ±2% and D = ±1%.
2. SPECIALS AVAILABLE INCLUDE
Nominal zener voltages between the voltages shown and tighter voltage, for detailed information on price, availability and delivery,
contact you nearest Tak Cheong representative.
3. ZENER VOLTAGE (VZ) MEASUREMENT
The zener voltage (VZ) is tested under pulse conditions such that TJ is no more than 2℃ above TA.
4. ZENER IMPEDANCE (ZZ) DERIVATION
Zener impedance is derived from the 60-cycle ac voltage, which results when an ac current having an RMS value equal to 10% of the
dc zener current (IZT) is superimposed to IZT .


Similar Part No. - TC1N6003B

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
TC1N60 TAK_CHEONG-TC1N60 Datasheet
75Kb / 2P
   500 mW DO-35 Hermetically Sealed Glass Small Signal Schottky Diodes
TC1N60 TAK_CHEONG-TC1N60 Datasheet
92Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Small Signal Schottky Diodes
TC1N60P TAK_CHEONG-TC1N60P Datasheet
75Kb / 2P
   500 mW DO-35 Hermetically Sealed Glass Small Signal Schottky Diodes
TC1N60P TAK_CHEONG-TC1N60P Datasheet
92Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Small Signal Schottky Diodes
TC1N60 TAK_CHEONG-TC1N60_09 Datasheet
92Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Small Signal Schottky Diodes
More results

Similar Description - TC1N6003B

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
BZX79C110 TAK_CHEONG-BZX79C110_10 Datasheet
178Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
Yea Shin Technology Co....
ZX2V0 YEASHIN-ZX2V0 Datasheet
815Kb / 5P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
ZL2V4B YEASHIN-ZL2V4B Datasheet
604Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N5221B YEASHIN-1N5221B Datasheet
1Mb / 10P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
Tak Cheong Electronics ...
TCBZX55C2V0 TAK_CHEONG-TCBZX55C2V0 Datasheet
181Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TCZL2V4B TAK_CHEONG-TCZL2V4B Datasheet
174Kb / 5P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N750A TAK_CHEONG-1N750A Datasheet
316Kb / 4P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N4370A TAK_CHEONG-1N4370A Datasheet
166Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TC1N5221B TAK_CHEONG-TC1N5221B Datasheet
92Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TCRD2V2 TAK_CHEONG-TCRD2V2 Datasheet
173Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N5221B TAK_CHEONG-1N5221B Datasheet
133Kb / 4P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com