Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCBZX584C3V0 Datasheet(PDF) 1 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

Part # TCBZX584C3V0
Description  200mW SOD-523 SURFACE MOUNT Very Small Outline Flat Lead Plastic Package Zener Voltage Regulators
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAK_CHEONG [Tak Cheong Electronics (Holdings) Co.,Ltd]
Direct Link  http://www.takcheong.com/en/index.asp
Logo TAK_CHEONG - Tak Cheong Electronics (Holdings) Co.,Ltd

TCBZX584C3V0 Datasheet(HTML) 1 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

  TCBZX584C3V0 Datasheet HTML 1Page - Tak Cheong Electronics (Holdings) Co.,Ltd TCBZX584C3V0 Datasheet HTML 2Page - Tak Cheong Electronics (Holdings) Co.,Ltd TCBZX584C3V0 Datasheet HTML 3Page - Tak Cheong Electronics (Holdings) Co.,Ltd TCBZX584C3V0 Datasheet HTML 4Page - Tak Cheong Electronics (Holdings) Co.,Ltd TCBZX584C3V0 Datasheet HTML 5Page - Tak Cheong Electronics (Holdings) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Oct 2008, Revision E
Page 1
TAK CHEONG
®
SEMICONDUCTOR
200mW SOD-523 SURFACE MOUNT
Very Small Outline Flat Lead Plastic Package
Zener Voltage Regulators
Green Product
Absolute Maximum Ratings
TA = 25°C unless otherwise noted
Symbol
Parameter
Value
Units
PD
Power Dissipation
200
mW
TSTG
Storage Temperature Range
-55 to +150
°C
TOPR
Operating Temperature Range
-55 to +150
°C
These ratings are limiting values above which the serviceability of the diode may be impaired.
Specification Features:
Wide Zener Voltage Range Selection, 2.4V to 75V
Flat Lead SOD-523 Small Outline Plastic Package
Extremely Small SOD-523 Package
Surface Device Type Mounting
RoHS Compliant
Green EMC
Matte Tin(Sn) Lead Finish
Band Indicates Cathode
Electrical Characteristics
TA = 25°C unless otherwise noted
VZ @ IZT
(Volts)
Device
Type
Device
Marking
Min
Nom
Max
IZT
(mA)
ZZT @ IZT
(
Ω)
Max
IZK
(mA)
ZZK @ IZK
(
Ω)
Max
IR @ VR
(
μA)
Max
VR
(Volts)
TCBZX584C2V4
50
2.2
2.4
2.6
5
100
1
1000
50
1
TCBZX584C2V7
51
2.5
2.7
2.9
5
100
1
1000
20
1
TCBZX584C3V0
52
2.8
3.0
3.2
5
100
1
1000
10
1
TCBZX584C3V3
53
3.1
3.3
3.5
5
95
1
1000
5
1
TCBZX584C3V6
54
3.4
3.6
3.8
5
90
1
1000
5
1
TCBZX584C3V9
55
3.7
3.9
4.1
5
90
1
1000
3
1
TCBZX584C4V3
56
4.0
4.3
4.6
5
90
1
1000
3
1
TCBZX584C4V7
57
4.4
4.7
5.0
5
80
1
800
3
2
TCBZX584C5V1
58
4.8
5.1
5.4
5
60
1
500
2
2
TCBZX584C5V6
59
5.2
5.6
6.0
5
40
1
200
1
2
TCBZX584C6V2
5A
5.8
6.2
6.6
5
10
1
100
3
4
TCBZX584C6V8
5B
6.4
6.8
7.2
5
15
1
160
2
4
TCBZX584C7V5
5C
7.0
7.5
7.9
5
15
1
160
1
5
TCBZX584C8V2
5D
7.7
8.2
8.7
5
15
1
160
0.7
5
TCBZX584C9V1
5E
8.5
9.1
9.6
5
15
1
160
0.2
7
TCBZX584C10V
5F
9.4
10
10.6
5
20
1
160
0.1
8
TCBZX584C11V
5G
10.4
11
11.6
5
20
1
160
0.1
8
TCBZX584C12V
5H
11.4
12
12.7
5
25
1
80
0.1
8
TCBZX584C13V
5J
12.4
13
14.1
5
30
1
80
0.1
8
TCBZX584C15V
5K
14.3
15
15.8
5
30
1
80
0.05
10.5
TCBZX584C16V
5L
15.3
16
17.1
5
40
1
80
0.05
11.2
TCBZX584C18V
5M
16.8
18
19.1
5
45
1
80
0.05
12.6
TCBZX584C20V
5N
18.8
20
21.2
5
55
1
100
0.05
14
ELECTRICAL SYMBOL
Anode
SOD-523 Flat Lead
Cathode


Similar Part No. - TCBZX584C3V0

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
TCBZX55B10 TAK_CHEONG-TCBZX55B10 Datasheet
181Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TCBZX55B11 TAK_CHEONG-TCBZX55B11 Datasheet
181Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TCBZX55B12 TAK_CHEONG-TCBZX55B12 Datasheet
181Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TCBZX55B13 TAK_CHEONG-TCBZX55B13 Datasheet
181Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TCBZX55B15 TAK_CHEONG-TCBZX55B15 Datasheet
181Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
More results

Similar Description - TCBZX584C3V0

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
MM5Z2V4B TAK_CHEONG-MM5Z2V4B Datasheet
278Kb / 5P
   200mW SOD-523 SURFACE MOUNT Very Small Outline Flat Lead Plastic Package Zener Voltage Regulators
TCMM5Z2V4 TAK_CHEONG-TCMM5Z2V4 Datasheet
243Kb / 5P
   200mW SOD-523 SURFACE MOUNT Very Small Outline Flat Lead Plastic Package Zener Voltage Regulators
logo
Shanghai Leiditech Elec...
MM5Z5V1 LEIDITECH-MM5Z5V1 Datasheet
527Kb / 4P
   200mW SOD-523 SURFACE MOUNT Very Small Outline Flat Lead Plastic Package Zener Voltage Regulators
logo
Tak Cheong Electronics ...
MMSZ5221BSW TAK_CHEONG-MMSZ5221BSW Datasheet
222Kb / 5P
   200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Zener Voltage Regulators
logo
Yea Shin Technology Co....
UDZS2V0B YEASHIN-UDZS2V0B Datasheet
799Kb / 3P
   200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Zener Voltage Regulators
logo
Tak Cheong Electronics ...
MM3Z2V4CW TAK_CHEONG-MM3Z2V4CW Datasheet
268Kb / 5P
   200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Zener Voltage Regulators
MM3Z2V4BW TAK_CHEONG-MM3Z2V4BW_09 Datasheet
289Kb / 5P
   200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Zener Voltage Regulators
MM3Z2V4BW TAK_CHEONG-MM3Z2V4BW Datasheet
267Kb / 5P
   200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Zener Voltage Regulators
MMSZ5221CSW TAK_CHEONG-MMSZ5221CSW Datasheet
239Kb / 5P
   200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Zener Voltage Regulators
MM3Z2V4CW TAK_CHEONG-MM3Z2V4CW_09 Datasheet
290Kb / 5P
   200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Zener Voltage Regulators
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com