Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCBZX55C18 Datasheet(PDF) 2 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

Part # TCBZX55C18
Description  500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAK_CHEONG [Tak Cheong Electronics (Holdings) Co.,Ltd]
Direct Link  http://www.takcheong.com/en/index.asp
Logo TAK_CHEONG - Tak Cheong Electronics (Holdings) Co.,Ltd

TCBZX55C18 Datasheet(HTML) 2 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

  TCBZX55C18 Datasheet HTML 1Page - Tak Cheong Electronics (Holdings) Co.,Ltd TCBZX55C18 Datasheet HTML 2Page - Tak Cheong Electronics (Holdings) Co.,Ltd TCBZX55C18 Datasheet HTML 3Page - Tak Cheong Electronics (Holdings) Co.,Ltd TCBZX55C18 Datasheet HTML 4Page - Tak Cheong Electronics (Holdings) Co.,Ltd TCBZX55C18 Datasheet HTML 5Page - Tak Cheong Electronics (Holdings) Co.,Ltd TCBZX55C18 Datasheet HTML 6Page - Tak Cheong Electronics (Holdings) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Number: DB-034
June 2008 / F
Page 2
SEMICONDUCTOR
TAK CHEONG
®
Electrical Characteristics
TA = 25°C unless otherwise noted
VZ @ IZT
(Volts)
Device Type
Min
Max
IZT
(mA)
ZZT @ IZT
(
Ω)
Max
IZK
(mA)
ZZK @ IZK
(
Ω)
Max
IR @ VR
(
μA)
Max
VR
(Volts)
TCBZX55C 15
13.8
15.6
5
30
1
110
0.1
11
TCBZX55C 16
15.3
17.1
5
40
1
170
0.1
12
TCBZX55C 18
16.8
19.1
5
50
1
170
0.1
13
TCBZX55C 20
18.8
21.1
5
55
1
220
0.1
15
TCBZX55C 22
20.8
23.3
5
55
1
220
0.1
16
TCBZX55C 24
22.8
25.6
5
80
1
220
0.1
18
TCBZX55C 27
25.1
28.9
5
80
1
220
0.1
20
TCBZX55C 30
28
32
5
80
1
220
0.1
22
TCBZX55C 33
31
35
5
80
1
220
0.1
24
TCBZX55C 36
34
38
5
80
1
220
0.1
27
TCBZX55C 39
37
41
2.5
90
0.5
500
0.1
28
TCBZX55C 43
40
46
2.5
90
0.5
600
0.1
32
TCBZX55C 47
44
50
2.5
110
0.5
700
0.1
35
TCBZX55C 51
48
54
2.5
125
0.5
700
0.1
38
TCBZX55C 56
52
60
2.5
135
0.5
1000
0.1
42
TCBZX55C 62
58
66
2.5
150
0.5
1000
0.1
47
TCBZX55C 68
64
72
2.5
160
0.5
1000
0.1
51
TCBZX55C 75
70
80
2.5
170
0.5
1000
0.1
56
VF Forward Voltage = 1.0 V Maximum @ IF = 100 mA for all types
VZ @ IZT
(Volts)
Device Type
Min
Max
IZT
(mA)
ZZT @ IZT
(
Ω)
Max
IZK
(mA)
ZZK @ IZK
(
Ω)
Max
IR @ VR
(
μA)
Max
VR
(Volts)
TCBZX55B 2V4
2.35
2.45
5
85
1
600
50
1
TCBZX55B 2V7
2.65
2.75
5
85
1
600
10
1
TCBZX55B 3V0
2.94
3.06
5
85
1
600
4
1
TCBZX55B 3V3
3.23
3.37
5
85
1
600
2
1
TCBZX55B 3V6
3.53
3.67
5
85
1
600
2
1
TCBZX55B 3V9
3.82
3.98
5
85
1
600
2
1
TCBZX55B 4V3
4.21
4.39
5
75
1
600
1
1
TCBZX55B 4V7
4.61
4.79
5
60
1
600
0.5
1
TCBZX55B 5V1
5.00
5.20
5
35
1
550
0.1
1
TCBZX55B 5V6
5.49
5.71
5
25
1
450
0.1
1
TCBZX55B 6V2
6.08
6.32
5
10
1
200
0.1
2
TCBZX55B 6V8
6.66
6.94
5
8
1
150
0.1
3
TCBZX55B 7V5
7.33
7.63
5
7
1
50
0.1
5
TCBZX55B 8V2
8.04
8.36
5
7
1
50
0.1
6.2
TCBZX55B 9V1
8.92
9.28
5
10
1
50
0.1
6.8
TCBZX55B 10
9.80
10.20
5
15
1
70
0.1
7.5
TCBZX55B 11
10.78
11.22
5
20
1
70
0.1
8.2
TCBZX55B 12
11.76
12.24
5
20
1
90
0.1
9.1
TCBZX55B 13
12.74
13.26
5
26
1
110
0.1
10
TCBZX55B 15
14.70
15.30
5
30
1
110
0.1
11
TCBZX55B 16
15.68
16.32
5
40
1
170
0.1
12
TCBZX55B 18
17.64
18.36
5
50
1
170
0.1
13
TCBZX55B 20
19.60
20.40
5
55
1
220
0.1
15
TCBZX55B 22
21.56
22.44
5
55
1
220
0.1
16
TCBZX55B 24
23.52
24.48
5
80
1
220
0.1
18
TCBZX55B 27
26.46
27.54
5
80
1
220
0.1
20
TCBZX55B 30
29.40
30.60
5
80
1
220
0.1
22
TCBZX55B 33
32.34
33.66
5
80
1
220
0.1
24
TCBZX55B 36
35.28
36.72
5
80
1
220
0.1
27
TCBZX55B 39
38.22
39.78
2.5
90
0.5
500
0.1
28
TCBZX55B 43
42.14
43.86
2.5
90
0.5
600
0.1
32
TCBZX55B 47
46.06
47.94
2.5
110
0.5
700
0.1
35


Similar Part No. - TCBZX55C18

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
TCBZX584C10V TAK_CHEONG-TCBZX584C10V Datasheet
255Kb / 5P
   200mW SOD-523 SURFACE MOUNT Very Small Outline Flat Lead Plastic Package Zener Voltage Regulators
TCBZX584C11V TAK_CHEONG-TCBZX584C11V Datasheet
255Kb / 5P
   200mW SOD-523 SURFACE MOUNT Very Small Outline Flat Lead Plastic Package Zener Voltage Regulators
TCBZX584C12V TAK_CHEONG-TCBZX584C12V Datasheet
255Kb / 5P
   200mW SOD-523 SURFACE MOUNT Very Small Outline Flat Lead Plastic Package Zener Voltage Regulators
TCBZX584C13V TAK_CHEONG-TCBZX584C13V Datasheet
255Kb / 5P
   200mW SOD-523 SURFACE MOUNT Very Small Outline Flat Lead Plastic Package Zener Voltage Regulators
TCBZX584C15V TAK_CHEONG-TCBZX584C15V Datasheet
255Kb / 5P
   200mW SOD-523 SURFACE MOUNT Very Small Outline Flat Lead Plastic Package Zener Voltage Regulators
More results

Similar Description - TCBZX55C18

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
BZX79C110 TAK_CHEONG-BZX79C110_10 Datasheet
178Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
Yea Shin Technology Co....
ZX2V0 YEASHIN-ZX2V0 Datasheet
815Kb / 5P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
ZL2V4B YEASHIN-ZL2V4B Datasheet
604Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N5221B YEASHIN-1N5221B Datasheet
1Mb / 10P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
Tak Cheong Electronics ...
TCZL2V4B TAK_CHEONG-TCZL2V4B Datasheet
174Kb / 5P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N750A TAK_CHEONG-1N750A Datasheet
316Kb / 4P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N4370A TAK_CHEONG-1N4370A Datasheet
166Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TC1N5221B TAK_CHEONG-TC1N5221B Datasheet
92Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TCRD2V2 TAK_CHEONG-TCRD2V2 Datasheet
173Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N5221B TAK_CHEONG-1N5221B Datasheet
133Kb / 4P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com