Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV302DB1 Datasheet(PDF) 1 Page - Supertex, Inc

Part # HV302DB1
Description  Hotswap Controller
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV302DB1 Datasheet(HTML) 1 Page - Supertex, Inc

  HV302DB1 Datasheet HTML 1Page - Supertex, Inc HV302DB1 Datasheet HTML 2Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HV302DB1
Hotswap Controller
rev 0 21MAY021
1
Introduction
The Supertex HV302DB1 demo board contains all circuitry
necessary to demonstrate the features of the HV302
hotswap controller. Intended primarily as a negative
hotswap controller, the HV302 controls the negative supply
path. Four sequenced power-good signals are provided,
with timing controlled via 3 resistors.
Included on board is a 100+F capacitor to provide a
capacitive load for testing. Additional capacitance may be
connected to the VOUT terminals. Or the 100+F may be
removed altogether
The board may be modified to meet custom requirements.
Instructions are provided on the next page for modifications.
Specifications
Input Voltage
10V to 90V
Inrush Limit
1A ±20%
Circuit Breaker Trip
6.7A ±20%
Retry Interval
16sec typ
On Resistance
40m 8 max
Undervoltage Trip
38.0V on, 32.2V off
Overvoltage Trip
64.5V on, 70.0V off
Power Good Signals
PWRGD A
PWRGD B
PWRGD C
PWRGD D
Active High
~5ms after CLOAD charged
~200ms after ‘A’
~100ms after ‘B’
~5ms after ‘C’
Board Layout and Connections
VIN
Connect the supply voltage to these terminals. Supply
voltage may range from 10 volts to 90 volts.
A high source impedance may cause oscillations when the
input voltage is near the undervoltage trip point. A high
source impedance results in a large voltage drop when
loaded, causing undervoltage lockout to kick in,
disconnecting the load. With the load removed, input voltage
rises, causing undervoltage to release and reconnecting the
load. The cycle repeats, resulting in oscillations. Source
impedance must be less than the following to avoid
oscillations:
LOAD
SOURCE
I
R
V
3
<
VOUT
Connect the power supply or other load to these terminals.
VOUT+ is connected to VIN+, it is VOUT– that is switched.
Application of a DC load during start-up extends the time
inrush limiting is active. If this time exceeds 100ms, the
HV302 shuts off, retrying as quickly as 12s later. For this
reason, DC load at start-up should be less than 900mA.
Note that DC start-up load limitation decreases with added
load capacitance.
Connecting additional load capacitance alters the inrush
current limit. See the HV302/312 data sheet for details.
PWRGD
Connect to the power supply’s ENABLE inputs. Depending
on the power supply, it may be necessary to level-translate
this signal via opto-isolator or discrete circuit. Refer to the
HV302/312 data sheet for a description of PWRGD and
related application circuits.
PWRGD is an open-drain output. During start-up and
whenever VIN is lower than the undervoltage trip point or
greater than the overvoltage trip point, PWRGD is pulled
down to VIN–. Once VIN is within the proper range and the
load capacitance has fully charged, PWRGD assumes a high
impedance state.
HV302
R10
R9
R8
R4
C3
R7
C4
R6
C2
C1
R5
Q1
C6
DC/DC
Converter
DC/DC
Converter
DC/DC
Converter
DC/DC
Converter
+
+
+
+
enable
enable
enable
enable
VIN
first enabled
last enabled


Similar Part No. - HV302DB1

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV302 SUTEX-HV302 Datasheet
618Kb / 10P
   Sequencing Hotswap Controllers
HV302NG SUTEX-HV302NG Datasheet
618Kb / 10P
   Sequencing Hotswap Controllers
More results

Similar Description - HV302DB1

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV312DB1 SUTEX-HV312DB1 Datasheet
320Kb / 2P
   Hotswap Controller
HV100DB1 SUTEX-HV100DB1 Datasheet
443Kb / 2P
   3-Pin Hotswap Controller
HV101DB1 SUTEX-HV101DB1 Datasheet
443Kb / 2P
   3-Pin Hotswap Controller
logo
Texas Instruments
LM5066I TI1-LM5066I Datasheet
4Mb / 71P
[Old version datasheet]   10 to 80 V, Hotswap Controller
logo
Supertex, Inc
HV111 SUTEX-HV111 Datasheet
551Kb / 9P
   Inrush Limiter/Circuit Breaker/Hotswap Controller IC
logo
Texas Instruments
TPS2482 TI1-TPS2482_15 Datasheet
1Mb / 56P
[Old version datasheet]   36-V Hotswap Controller with Precision I2C Power Monitoring
TPS2490 TI-TPS2490 Datasheet
519Kb / 20P
[Old version datasheet]   POSITIVE HIGH-VOLTAGE POWER-LIMITING HOTSWAP CONTROLLER
TPS2490 TI-TPS2490_07 Datasheet
566Kb / 22P
[Old version datasheet]   POSITIVE HIGH-VOLTAGE POWER-LIMITING HOTSWAP CONTROLLER
TPS2490 TI-TPS2490_08 Datasheet
519Kb / 20P
[Old version datasheet]   POSITIVE HIGH-VOLTAGE POWER-LIMITING HOTSWAP CONTROLLER
TPS2482 TI-TPS2482 Datasheet
1Mb / 56P
[Old version datasheet]   36-V Hotswap Controller with Precision I2C Power Monitoring
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com