Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCBZX584C16V Datasheet(PDF) 2 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

Part # TCBZX584C16V
Description  200mW SOD-523 SURFACE MOUNT Very Small Outline Flat Lead Plastic Package Zener Voltage Regulators
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAK_CHEONG [Tak Cheong Electronics (Holdings) Co.,Ltd]
Direct Link  http://www.takcheong.com/en/index.asp
Logo TAK_CHEONG - Tak Cheong Electronics (Holdings) Co.,Ltd

TCBZX584C16V Datasheet(HTML) 2 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

  TCBZX584C16V Datasheet HTML 1Page - Tak Cheong Electronics (Holdings) Co.,Ltd TCBZX584C16V Datasheet HTML 2Page - Tak Cheong Electronics (Holdings) Co.,Ltd TCBZX584C16V Datasheet HTML 3Page - Tak Cheong Electronics (Holdings) Co.,Ltd TCBZX584C16V Datasheet HTML 4Page - Tak Cheong Electronics (Holdings) Co.,Ltd TCBZX584C16V Datasheet HTML 5Page - Tak Cheong Electronics (Holdings) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Oct 2008, Revision E
Page 2
TAK CHEONG
®
SEMICONDUCTOR
Electrical Characteristics
TA = 25°C unless otherwise noted
VZ @ IZT
(Volts)
Device
Type
Device
Marking
Min
Nom
Max
IZT
(mA)
ZZT @ IZT
(
Ω)
Max
IZK
(mA)
ZZK @ IZK
(
Ω)
Max
IR @ VR
(
μA)
Max
VR
(Volts)
TCBZX584C22V
5P
20.8
22
23.3
5
55
1
100
0.05
15.4
TCBZX584C24V
5R
22.8
24
25.6
5
70
1
120
0.05
16.8
TCBZX584C27V
5S
25.1
27
28.9
2
80
0.5
300
0.05
18.9
TCBZX584C30V
5T
28
30
32
2
80
0.5
300
0.05
21
TCBZX584C33V
5U
31
33
35
2
80
0.5
300
0.05
23.2
TCBZX584C36V
5V
34
36
38
2
90
0.5
500
0.05
25.2
TCBZX584C39V
5X
37
39
41
2
130
0.5
500
0.05
27.3
TCBZX584C43V
5Y
40
43
46
2
150
0.5
500
0.05
30.1
TCBZX584C47V
5Z
44
47
50
2
170
0.5
500
0.05
32.9
TCBZX584C51V
5−
48
51
54
2
180
0.5
500
0.05
35.7
TCBZX584C56V
5=
52
56
60
2
200
0.5
500
0.05
39.2
TCBZX584C62V
5≡
58
62
66
2
215
0.5
500
0.05
43.4
TCBZX584C68V
5>
64
68
72
2
240
0.5
500
0.05
47.6
TCBZX584C75V
5<
70
75
79
2
255
0.5
500
0.05
52.5
VF Forward Voltage = 1 V Maximum @ IF = 10 mA for all types
Notes:
1.
The Zener Voltage (V
Z) is tested under pulse condition of 10mS.
2.
For detailed information on price, availability and delivery of nominal zener voltages between the voltages shown and tighter
voltage tolerances, contact your nearest Tak Cheong Electronics representative.
3.
The zener impedance is derived from the 60-cycle ac voltage, which results when an ac current having an rms value equal to
10% of the dc zener current (I
ZT or IZK) is superimposed to IZT or IZK.


Similar Part No. - TCBZX584C16V

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
TCBZX55B10 TAK_CHEONG-TCBZX55B10 Datasheet
181Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TCBZX55B11 TAK_CHEONG-TCBZX55B11 Datasheet
181Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TCBZX55B12 TAK_CHEONG-TCBZX55B12 Datasheet
181Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TCBZX55B13 TAK_CHEONG-TCBZX55B13 Datasheet
181Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TCBZX55B15 TAK_CHEONG-TCBZX55B15 Datasheet
181Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
More results

Similar Description - TCBZX584C16V

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
MM5Z2V4B TAK_CHEONG-MM5Z2V4B Datasheet
278Kb / 5P
   200mW SOD-523 SURFACE MOUNT Very Small Outline Flat Lead Plastic Package Zener Voltage Regulators
TCMM5Z2V4 TAK_CHEONG-TCMM5Z2V4 Datasheet
243Kb / 5P
   200mW SOD-523 SURFACE MOUNT Very Small Outline Flat Lead Plastic Package Zener Voltage Regulators
logo
Shanghai Leiditech Elec...
MM5Z5V1 LEIDITECH-MM5Z5V1 Datasheet
527Kb / 4P
   200mW SOD-523 SURFACE MOUNT Very Small Outline Flat Lead Plastic Package Zener Voltage Regulators
logo
Tak Cheong Electronics ...
MMSZ5221BSW TAK_CHEONG-MMSZ5221BSW Datasheet
222Kb / 5P
   200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Zener Voltage Regulators
logo
Yea Shin Technology Co....
UDZS2V0B YEASHIN-UDZS2V0B Datasheet
799Kb / 3P
   200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Zener Voltage Regulators
logo
Tak Cheong Electronics ...
MM3Z2V4CW TAK_CHEONG-MM3Z2V4CW Datasheet
268Kb / 5P
   200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Zener Voltage Regulators
MM3Z2V4BW TAK_CHEONG-MM3Z2V4BW_09 Datasheet
289Kb / 5P
   200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Zener Voltage Regulators
MM3Z2V4BW TAK_CHEONG-MM3Z2V4BW Datasheet
267Kb / 5P
   200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Zener Voltage Regulators
MMSZ5221CSW TAK_CHEONG-MMSZ5221CSW Datasheet
239Kb / 5P
   200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Zener Voltage Regulators
MM3Z2V4CW TAK_CHEONG-MM3Z2V4CW_09 Datasheet
290Kb / 5P
   200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Zener Voltage Regulators
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com