Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP2C15A70U324I7ES Datasheet(PDF) 9 Page - Altera Corporation

Part # EP2C15A70U324I7ES
Description  Cyclone II Device Family
Download  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2C15A70U324I7ES Datasheet(HTML) 9 Page - Altera Corporation

Back Button EP2C15A70U324I7ES Datasheet HTML 5Page - Altera Corporation EP2C15A70U324I7ES Datasheet HTML 6Page - Altera Corporation EP2C15A70U324I7ES Datasheet HTML 7Page - Altera Corporation EP2C15A70U324I7ES Datasheet HTML 8Page - Altera Corporation EP2C15A70U324I7ES Datasheet HTML 9Page - Altera Corporation EP2C15A70U324I7ES Datasheet HTML 10Page - Altera Corporation EP2C15A70U324I7ES Datasheet HTML 11Page - Altera Corporation EP2C15A70U324I7ES Datasheet HTML 12Page - Altera Corporation EP2C15A70U324I7ES Datasheet HTML 13Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 168 page
background image
Altera Corporation
1–7
February 2008
Cyclone II Device Handbook, Volume 1
Introduction
Vertical migration means that you can migrate to devices whose
dedicated pins, configuration pins, and power pins are the same for a
given package across device densities.
1
When moving from one density to a larger density, I/O pins are
often lost because of the greater number of power and ground
pins required to support the additional logic within the larger
device. For I/O pin migration across densities, you must cross
reference the available I/O pins using the device pin-outs for all
planned densities of a given package type to identify which I/O
pins are migratable.
To ensure that your board layout supports migratable densities within
one package offering, enable the applicable vertical migration path
within the Quartus II software (go to Assignments menu, then Device,
then click the Migration Devices button). After compilation, check the
information messages for a full list of I/O, DQ, LVDS, and other pins that
are not available because of the selected migration path. Table 1–3 lists the
Cyclone II device package offerings and shows the total number of
non-migratable I/O pins when migrating from one density device to a
larger density device.
Table 1–3. Total Number of Non-Migratable I/O Pins for Cyclone II Vertical Migration Paths
Vertical
Migration Path
144-Pin TQFP
208-Pin
PQFP
256-Pin
FineLine BGA
(1)
484-Pin
FineLine BGA
(2)
484-Pin Ultra
FineLine BGA
672-Pin
FineLine BGA
(3)
EP2C5 to
EP2C8
44
1 (4)
——
EP2C8 to
EP2C15
——
30
EP2C15 to
EP2C20
——
0
0
——
EP2C20 to
EP2C35
——
16
EP2C35 to
EP2C50
28
28 (5)
28
EP2C50 to
EP2C70
——
——
28
28
Notes to Table 1–3:
(1)
Vertical migration between the EP2C5F256 to the EP2C15AF256 and the EP2C5F256 to the EP2C20F256 devices is
not supported.
(2)
When migrating from the EP2C20F484 device to the EP2C50F484 device, a total of 39 I/O pins are non-migratable.
(3)
When migrating from the EP2C35F672 device to the EP2C70F672 device, a total of 56 I/O pins are non-migratable.
(4)
In addition to the one non-migratable I/O pin, there are 34 DQ pins that are non-migratable.
(5)
The pinouts of 484 FBGA and 484 UBGA are the same.


Similar Part No. - EP2C15A70U324I7ES

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2C15A ALTERA-EP2C15A Datasheet
2Mb / 182P
   Package Information Datasheet for Mature Altera Devices
EP2C15A ALTERA-EP2C15A Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C15AF484C7N ALTERA-EP2C15AF484C7N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C15AQ324C6ES ALTERA-EP2C15AQ324C6ES Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C15AQ324C6N ALTERA-EP2C15AQ324C6N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
More results

Similar Description - EP2C15A70U324I7ES

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2C15AF484C7N ALTERA-EP2C15AF484C7N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C5F256I8N ALTERA-EP2C5F256I8N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C20F484C6N ALTERA-EP2C20F484C6N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C5F256C7N ALTERA-EP2C5F256C7N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C5F256C6N ALTERA-EP2C5F256C6N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C8Q208C6 ALTERA-EP2C8Q208C6 Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C5Q208C8N ALTERA-EP2C5Q208C8N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP4CE115F29I7N ALTERA-EP4CE115F29I7N Datasheet
372Kb / 14P
   Cyclone IV FPGA Device Family
EP3C10U256C6N ALTERA-EP3C10U256C6N Datasheet
7Mb / 274P
   Cyclone III Device Family Overview
EP4CE10E22C8N ALTERA-EP4CE10E22C8N Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com