Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XZ10150 Datasheet(PDF) 5 Page - Seoul Semiconductor

Part # XZ10150
Description  Z Power LED
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

XZ10150 Datasheet(HTML) 5 Page - Seoul Semiconductor

  XZ10150 Datasheet HTML 1Page - Seoul Semiconductor XZ10150 Datasheet HTML 2Page - Seoul Semiconductor XZ10150 Datasheet HTML 3Page - Seoul Semiconductor XZ10150 Datasheet HTML 4Page - Seoul Semiconductor XZ10150 Datasheet HTML 5Page - Seoul Semiconductor XZ10150 Datasheet HTML 6Page - Seoul Semiconductor XZ10150 Datasheet HTML 7Page - Seoul Semiconductor XZ10150 Datasheet HTML 8Page - Seoul Semiconductor XZ10150 Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Rev. 01
Rev. 01
November 2008
November 2008
www.ZLED.com
www.ZLED.com
Document No. : SSC-QP-7-07-24 (Rev.00)
3.Absolute maximum ratings
3-1. Pure White (WZ10150)
4. Electric & Optical characteristics
1-1 Electro-Optical characteristics at IF=400mA, TA=25ºC
Thermal resistance [8]
Thermal resistance [7]
View Angle
Forward Voltage [6]
CRI
Correlated Color Temperature [5]
Luminous Flux [3]
Parameter
lm
-
105
-
ФV [4]
ºC /W
16.5
J-B
ºC /W
11
J-C
V
4.8
4.2
-
VF
K
-
6300
-
CCT
Max
Typ
Min
-
68
deg.
120
2Θ ½
-
-
Ra
Unit
Value
Symbol
mA
450(@ Tj = 90 ºC) [1]
IF
Forward Current
800(@ Pulse width 10ms, 1/10 duty)
W
2.16
Pd
Power Dissipation
ºC
125
Tj
Junction Temperature
-
±
10,000V HBM
-
ESD Sensitivity [2]
ºC
-40 ~ +100
Tstg
Storage Temperature
ºC
-30 ~ +85
Topr
Operating Temperature
Unit
Value
Symb
ol
Parameter
*Notes :
[1] IF Max is guaranteed under the TJ ≤90 ºC.
[2] It is included the zener chip to protect the product from ESD.
[3] SSC maintains a tolerance of
±10% on flux and power measurements.
[4] ФV is the total luminous flux output as measured with an integrated sphere.
[5] Correlated Color Temperature is derived from the CIE 1931 Chromaticity diagram. CCT
±5% tester tolerance.
[6] A tolerance of
±0.06V on forward voltage measurements
[7], [8] RθJ-B is measured with a SSC metal core pcb.(25 ºC ≤TJ ≤ 110 ºC)
J-C is measured with only emitter. (25 ºC ≤TJ ≤ 110 ºC)
Break voltage of Metal PCB is 6.5kVAC.
* All measurements were made under the standardized environment of SSC
--------------------------Caution--------------------------
Please do not drive at rated current more than 5 sec. without proper heat sink


Similar Part No. - XZ10150

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XZ1003-QT MIMIX-XZ1003-QT Datasheet
1Mb / 1P
   Hi-RF Front End IC
logo
M/A-COM Technology Solu...
XZ1003-QT MA-COM-XZ1003-QT Datasheet
102Kb / 1P
   Front End GaAs IC 775-1525 MHz Integrated PA Bias Control
XZ1003-QT-0G0T MA-COM-XZ1003-QT-0G0T Datasheet
1Mb / 13P
   MoCA Compliant Front-End GaAs IC
XZ1003-QT-EV1 MA-COM-XZ1003-QT-EV1 Datasheet
1Mb / 13P
   MoCA Compliant Front-End GaAs IC
XZ1003-QT MA-COM-XZ1003-QT_15 Datasheet
1Mb / 13P
   MoCA Compliant Front-End GaAs IC
More results

Similar Description - XZ10150

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
W724C0 SEOUL-W724C0 Datasheet
477Kb / 15P
   Z Power LED
W47182 SEOUL-W47182 Datasheet
438Kb / 18P
   Z Power LED
W47180 SEOUL-W47180 Datasheet
276Kb / 17P
   Z Power LED
X42182 SEOUL-X42182 Datasheet
998Kb / 30P
   Z Power LED
XS2182 SEOUL-XS2182 Datasheet
912Kb / 24P
   Z Power LED
X42180 SEOUL-X42180 Datasheet
788Kb / 29P
   Z Power LED
XS2180 SEOUL-XS2180 Datasheet
702Kb / 23P
   Z Power LED
logo
List of Unclassifed Man...
W42180 ETC2-W42180 Datasheet
379Kb / 16P
   Z-POWER LED
logo
Seoul Semiconductor
X42180 SEOUL-X42180_11 Datasheet
724Kb / 32P
   Z Power LED
F50381 SEOUL-F50381 Datasheet
410Kb / 18P
   Z-POWER LED Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com