Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMO3ECC Datasheet(PDF) 1 Page - MTRONPTI

Part # CMO3ECC
Description  5 x 7 mm, 3.3 Volt, CMOS, Clock Oscillator
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MTRONPTI [MTRONPTI]
Direct Link  http://www.mtronpti.com
Logo MTRONPTI - MTRONPTI

CMO3ECC Datasheet(HTML) 1 Page - MTRONPTI

  CMO3ECC Datasheet HTML 1Page - MTRONPTI CMO3ECC Datasheet HTML 2Page - MTRONPTI CMO3ECC Datasheet HTML 3Page - MTRONPTI  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application.
Please see www.mtronpti.com for our complete offering and detailed datasheets. Contact us for your application specific requirements: MtronPTI 1-800-762-8800.
CMOS Compatible
Tri-State Feature for Auto Test Systems
Tape & Reel Packaging
±20ppm Available - Please Contact Factory
2553 N. Edgington Street, Franklin Park, IL 60131
Phone: 847.451.1000
Fax: 847.451.7585
800-888-1499 or www.champtech.com
1
MODEL
CMO3
Frequency Range (MHz)
1.5 to 156.250
Frequency Stability (ppm)
Overall (Typical)
Inclusive of calibration, temperature, voltage, load, shock,vibration, aging
0°C to 70°C
±25
-40°C to +85°C
±50
Temperature Range (°C)
Operating
-40°C to +85°C
Storage
-40°C to +125°C
Supply Voltage (V)
+3.3 ±10%
Input Current (mA)
1.5MHz to 35MHz
Symmetry (%) CMOS
45/55
ELECTRICAL SPECIFICATIONS
Start up Time (ms)
<10
PART NUMBERING GUIDE
CMO3XXXC - Specify Frequency
“Blank” = 0oC to 70oC Operating Temp.
“M” = -40oC to 85oC Operating Temp.
“A” = ±25ppm (-40oC to 85oC Excluding Aging)
“B” = ±50ppm
“C” = ±100ppm
“D” = ±20ppm Excluding Aging (Contact Factory)
“Blank” = Fixed Frequency
“E” = Tri-State
CMO3 Series
3.3V 5x7mm Surface Mount Crystal Clock Oscillators
<10
Rise Time (ns)
Fall Time (ns)
<5
<5
Load
15pF
Transistion Times
“0” Level (VOL)
“1” Level (VOH)
0.3
3.0
>35MHz to 50MHz >50MHz to 100MHz >100MHz to 156.25MHz
<15
<25
<30
1.5MHz to 50MHz
>50MHz to 156.250MHz
<3
<3
THIS PRODUCT IS NOT RECOMMENDED FOR NEW DESIGNS.
PLEASE REFER TO THE M2 PRODUCT SERIES.
Revision: 03-01-07
CMO3 Series
5 x 7 mm, 3.3 Volt, CMOS, Clock Oscillator
ELECTRICAL SPECIFICATIONS
MODEL
CMO3
Frequency Range (MHz)
1.5 to 156.250
Frequency Stability (ppm)
Overall (Typical)
Inclusive of calibration, temperature, voltage, load, shock, vibration, aging
0ºC to 70ºC
±25
-40ºC to +85ºC
±50
Temperature Range (°C)
Operating
-40°C to +85°C
Storage
-40°C to +125°C
Supply Voltage (V)
+3.3 ±10%
Input Current (mA)
1.5 MHz to 20 MHz >20 MHz to 50 MHz >50 MHz to 67 MHz >67 MHz to 156.25 MHz
<10
<20
<30
<55
Symmetry (%) CMOS
45/55
Transition Time
20% to 80% Vdd
1.5 MHz to 50 MHz
>50 MHz to 156.250 MHz
Rise Time (ns)
<5
<3
Fall Time (ns)
<5
<3
Load
15pF
“0” Level (V
OL) max
10% Vdd
“1” Level (V
OH) min
90% Vdd
Start up Time (ms)
<10


Similar Part No. - CMO3ECC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMO3 ETC1-CMO3 Datasheet
409Kb / 2P
   3.3V 5x7mm Surface Mount Crystal Clock Oscillators
CMO3AC ETC1-CMO3AC Datasheet
409Kb / 2P
   3.3V 5x7mm Surface Mount Crystal Clock Oscillators
CMO3AEC ETC1-CMO3AEC Datasheet
409Kb / 2P
   3.3V 5x7mm Surface Mount Crystal Clock Oscillators
CMO3BC ETC1-CMO3BC Datasheet
409Kb / 2P
   3.3V 5x7mm Surface Mount Crystal Clock Oscillators
CMO3BEC ETC1-CMO3BEC Datasheet
409Kb / 2P
   3.3V 5x7mm Surface Mount Crystal Clock Oscillators
More results

Similar Description - CMO3ECC

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
CMO5 MTRONPTI-CMO5 Datasheet
336Kb / 3P
   5 x 7 mm, 5.0 Volt, CMOS/TTL, Clock Oscillator
M2060 MTRONPTI-M2060 Datasheet
603Kb / 7P
   3.2 x 5 mm, 3.3 Volt, LVPECL, Clock Oscillator
M2001_0611 MTRONPTI-M2001_0611 Datasheet
350Kb / 3P
   5x7 mm, 3.3 Volt, CMOS/LVPECL/LVDS, Clock Oscillator
M2001 MTRONPTI-M2001 Datasheet
310Kb / 2P
   5x7 mm, 3.3 Volt, CMOS/LVPECL/LVDS, Clock Oscillator
M2532 MTRONPTI-M2532 Datasheet
216Kb / 1P
   2.5 x 3.2 mm, 3.3 Volt, HCMOS, Clock Oscillator
M2532 MTRONPTI-M2532 Datasheet
322Kb / 1P
   2.5 x 3.2 mm, 3.3 Volt, HCMOS, Clock Oscillator
M2052 MTRONPTI-M2052 Datasheet
864Kb / 6P
   5 x 7 mm, 3.0, 3.3 & 3.6 Volt, HCMOS/TTL
M2001 MTRONPTI-M2001_07 Datasheet
509Kb / 3P
   M2001 Series 5x7 mm, 3.3 Volt, CMOS/LVPECL/LVDS, Clock Oscillator
K3500G MTRONPTI-K3500G_07 Datasheet
272Kb / 2P
   8 pin DIP, 3.3 Volt, CMOS, Clock Oscillator
M3R MTRONPTI-M3R_08 Datasheet
456Kb / 2P
   9x14 mm, 3.3 Volt, HCMOS/TTL, Clock Oscillator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com