Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP2C8A15Q324C8ES Datasheet(PDF) 87 Page - Altera Corporation

Part # EP2C8A15Q324C8ES
Description  Cyclone II Device Family
Download  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2C8A15Q324C8ES Datasheet(HTML) 87 Page - Altera Corporation

Back Button EP2C8A15Q324C8ES Datasheet HTML 83Page - Altera Corporation EP2C8A15Q324C8ES Datasheet HTML 84Page - Altera Corporation EP2C8A15Q324C8ES Datasheet HTML 85Page - Altera Corporation EP2C8A15Q324C8ES Datasheet HTML 86Page - Altera Corporation EP2C8A15Q324C8ES Datasheet HTML 87Page - Altera Corporation EP2C8A15Q324C8ES Datasheet HTML 88Page - Altera Corporation EP2C8A15Q324C8ES Datasheet HTML 89Page - Altera Corporation EP2C8A15Q324C8ES Datasheet HTML 90Page - Altera Corporation EP2C8A15Q324C8ES Datasheet HTML 91Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 168 page
background image
Altera Corporation
4–5
February 2007
Cyclone II Device Handbook, Volume 1
Hot Socketing & Power-On Reset
Figure 4–2. Transistor Level Diagram of FPGA Device I/O Buffers
Notes to Figure 4–2:
(1)
This is the logic array signal or the larger of either the VCCIO or VPAD signal.
(2)
This is the larger of either the VCCIO or VPAD signal.
Power-On Reset
Circuitry
Cyclone II devices contain POR circuitry to keep the device in a reset state
until the power supply voltage levels have stabilized during power-up.
The POR circuit monitors the VCCINT voltage levels and tri-states all user
I/O pins until the VCC reaches the recommended operating levels. In
addition, the POR circuitry also monitors the VCCIO level of the two I/O
banks that contains configuration pins (I/O banks 1 and 3 for EP2C5 and
EP2C8, I/O banks 2 and 6 for EP2C15A, EP2C20, EP2C35, EP2C50, and
EP2C70) and tri-states all user I/O pins until the VCC reaches the
recommended operating levels.
After the Cyclone II device enters user mode, the POR circuit continues to
monitor the VCCINT voltage level so that a brown-out condition during
user mode can be detected. If the VCCINT voltage sags below the POR trip
point during user mode, the POR circuit resets the device. If the VCCIO
voltage sags during user mode, the POR circuit does not reset the device.
"Wake-up" Time for Cyclone II Devices
In some applications, it may be necessary for a device to wake up very
quickly in order to begin operation. The Cyclone II device family offers
the Fast-On feature to support fast wake-up time applications. Devices
that support the Fast-On feature are designated with an “A” in the
ordering code and have stricter power up requirements compared to non-
A devices.
Logic Array
Signal
(1)
(2)
VCCIO
VPAD
n+
n+
n-well
n+
p+
p+
p-well
p-substrate


Similar Part No. - EP2C8A15Q324C8ES

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2C8A ALTERA-EP2C8A Datasheet
2Mb / 182P
   Package Information Datasheet for Mature Altera Devices
EP2C8A ALTERA-EP2C8A Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C8AQ324C6ES ALTERA-EP2C8AQ324C6ES Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C8AQ324C6N ALTERA-EP2C8AQ324C6N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C8AQ324C7ES ALTERA-EP2C8AQ324C7ES Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
More results

Similar Description - EP2C8A15Q324C8ES

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2C15AF484C7N ALTERA-EP2C15AF484C7N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C5F256I8N ALTERA-EP2C5F256I8N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C20F484C6N ALTERA-EP2C20F484C6N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C5F256C7N ALTERA-EP2C5F256C7N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C5F256C6N ALTERA-EP2C5F256C6N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C8Q208C6 ALTERA-EP2C8Q208C6 Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C5Q208C8N ALTERA-EP2C5Q208C8N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP4CE115F29I7N ALTERA-EP4CE115F29I7N Datasheet
372Kb / 14P
   Cyclone IV FPGA Device Family
EP3C10U256C6N ALTERA-EP3C10U256C6N Datasheet
7Mb / 274P
   Cyclone III Device Family Overview
EP4CE10E22C8N ALTERA-EP4CE10E22C8N Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com