Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV5122PG Datasheet(PDF) 2 Page - Supertex, Inc

Part # HV5122PG
Description  32-Channel Serial To Parallel Converter With Open Drain Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV5122PG Datasheet(HTML) 2 Page - Supertex, Inc

  HV5122PG Datasheet HTML 1Page - Supertex, Inc HV5122PG Datasheet HTML 2Page - Supertex, Inc HV5122PG Datasheet HTML 3Page - Supertex, Inc HV5122PG Datasheet HTML 4Page - Supertex, Inc HV5122PG Datasheet HTML 5Page - Supertex, Inc HV5122PG Datasheet HTML 6Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
HV5122/HV5222
Electrical Characteristics (over recommended operating conditions unless noted)
DC Characteristics
V
OL
Low-level output voltage
AC Characteristics (V
DD
= 12V, T
C
= 25°C)
Symbol
Parameter
Min
Typ
Max
Units
Conditions
f
CLK
Clock frequency
8
MHz
tW
Clock width high or low
62
ns
tSU
Data set-up time before clock falls
25
ns
t
H
Data hold time after clock falls
10
ns
tON
Turn ON time, HVOUT from strobe
500
ns
RL = 2KΩ to 200V
tDHL
Delay time clock to data high to low
100
ns
CL = 15pF
t
DLH
Delay time clock to data low to high
100
ns
C
L = 15pF
Recommended Operating Conditions
Symbol
Parameter
Min
Typ
Max
Units
V
DD
Logic supply voltage
10.8
12
13.2
V
HVOUT
High voltage output
-0.3
225
V
V
IH
High-level input voltage
V
DD - 2V
V
DD
V
V
IL
Low-level input voltage
0
2.0
V
fCLK
Clock frequency
8
MHz
Plastic
-40
+85
°C
Ceramic
-55
+125
°C
Notes:
Power-up sequence should be the following:
1. Connect ground.
2. Apply VDD.
3. Connect all inputs to a known state.
Power-down sequence should be the reverse of the above.
T
A
Operating free-air temperature
Symbol
Parameter
Min
Typ
Max
Units
Conditions
I
DD
V
DD supply current
15
mA
f
CLK = 8MHz
F
DATA = 4MHz
I
DDQ
Quiescent V
DD supply current
100
µA
All V
IN = 0V
IO(OFF)
Off state output current
10
µA
All outputs high
All SWS parallel
IIH
High-level logic input current
1
µAVIH = 12V
I
IL
Low-level logic input current
-1
µAVIL = 0V
V
OH
High-level output data out
V
DD - 1.0V
V
I
Dout = -100µA
HVOUT
15.0
V
IHVout = +100mA
Data out
1.0
V
I
Dout = +100µA
V
OC
HV
OUT Clamp Voltage
-1.5
V
I
OL = -100mA


Similar Part No. - HV5122PG

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
HV5122PG-G MICROCHIP-HV5122PG-G Datasheet
349Kb / 15P
   32-Channel, Serial-to-Parallel Converter
07/14/15
More results

Similar Description - HV5122PG

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV5522 SUTEX-HV5522_13 Datasheet
812Kb / 8P
   32-Channel Serial to Parallel Converter With Open Drain Outputs
HV5622 SUTEX-HV5622_13 Datasheet
800Kb / 8P
   32-Channel Serial to Parallel Converter With Open Drain Outputs
HV5522 SUTEX-HV5522_07 Datasheet
951Kb / 8P
   32-Channel Serial To Parallel Converter With Open Drain Outputs
HV5622PJ-G SUTEX-HV5622PJ-G Datasheet
468Kb / 6P
   32-Channel Serial To Parallel Converter With Open Drain Outputs
HV5122PJ-G SUTEX-HV5122PJ-G Datasheet
856Kb / 10P
   32-Channel Serial to Parallel Converter With Open Drain Outputs
HV5530PJ-G SUTEX-HV5530PJ-G Datasheet
690Kb / 8P
   32-Channel Serial to Parallel Converter With Open Drain Outputs
HV5522 SUTEX-HV5522 Datasheet
462Kb / 6P
   32-Channel Serial To Parallel Converter With Open Drain Outputs
HV5530 SUTEX-HV5530_13 Datasheet
798Kb / 8P
   32-Channel Serial to Parallel Converter With Open Drain Outputs
HV5523 SUTEX-HV5523 Datasheet
734Kb / 6P
   32-Channel Serial To Parallel Converter With Open Drain Outputs
HV5630 SUTEX-HV5630_13 Datasheet
627Kb / 6P
   32-Channel Serial to Parallel Converter With Open Drain Outputs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com