Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV518X Datasheet(PDF) 5 Page - Supertex, Inc

Part # HV518X
Description  32-Channel Vacuum-Fluorescent Display Driver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV518X Datasheet(HTML) 5 Page - Supertex, Inc

  HV518X Datasheet HTML 1Page - Supertex, Inc HV518X Datasheet HTML 2Page - Supertex, Inc HV518X Datasheet HTML 3Page - Supertex, Inc HV518X Datasheet HTML 4Page - Supertex, Inc HV518X Datasheet HTML 5Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
1235 Bordeaux Drive, Sunnyvale, CA 94089
TEL: (408) 744-0100 • FAX: (408) 222-4895
www.supertex.com
12/13/010
©2001 Supertex Inc. All rights reserved. Unauthorized use or reproduction prohibited.
HV518
6
40
41
42
43
44
1
2
3
4
5
39 38 37 36 35 34 33 32 31 30 29
18
28
27
26
25
24
23
22
21
20
19
7
8
9
10 11 12 13 14 15 16 17
top view
1
20
21
40
top view
40-pin DIP
Pin Configurations
HV518
40 Pin Dual-In-Line Package
Pin
Function
Pin
Function
1VPP
21
Clock
2
Serial Out
22
LE
3HVOUT 32
23
HVOUT 16
4HVOUT 31
24
HVOUT 15
5HVOUT 30
25
HVOUT 14
6HVOUT 29
26
HVOUT 13
7HVOUT 28
27
HVOUT 12
8HVOUT 27
28
HVOUT 11
9HVOUT 26
29
HVOUT 10
10
HVOUT 25
30
HVOUT 9
11
HVOUT 24
31
HVOUT 8
12
HVOUT 23
32
HVOUT 7
13
HVOUT 22
33
HVOUT 6
14
HVOUT 21
34
HVOUT 5
15
HVOUT 20
35
HVOUT 4
16
HVOUT 19
36
HVOUT 3
17
HVOUT 18
37
HVOUT 2
18
HVOUT 17
38
HVOUT 1
19
Strobe
39
Data In
20
GND
40
VDD
HV518
44 Pin J-Lead Package
Pin
Function
Pin
Function
1V
PP
23
Clock
2
Serial Out
24
LE
3HV
OUT 32
25
HV
OUT 16
4HV
OUT 31
26
HV
OUT 15
5HV
OUT 30
27
HV
OUT 14
6
N/C
28
N/C
7HV
OUT 29
29
N/C
8HV
OUT 28
30
HV
OUT 13
9HV
OUT 27
31
HV
OUT 12
10
HV
OUT 26
32
HV
OUT 11
11
HV
OUT 25
33
HV
OUT 10
12
HV
OUT 24
34
HV
OUT 9
13
HV
OUT 23
35
HV
OUT 8
14
HV
OUT 22
36
HV
OUT 7
15
HV
OUT 21
37
HV
OUT 6
16
HV
OUT 20
38
HV
OUT 5
17
HV
OUT 19
39
HV
OUT 4
18
N/C
40
HV
OUT 3
19
HV
OUT 18
41
HV
OUT 2
20
HV
OUT 17
42
HV
OUT 1
21
Strobe
43
Data In
22
GND
44
V
DD
Package Outline


Similar Part No. - HV518X

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV518 SUTEX-HV518 Datasheet
772Kb / 8P
   32-Channel Vacuum-Fluorescent Display Driver
HV518P-G SUTEX-HV518P-G Datasheet
772Kb / 8P
   32-Channel Vacuum-Fluorescent Display Driver
HV518P-G SUTEX-HV518P-G Datasheet
885Kb / 8P
   32-Channel Vacuum-Fluorescent Display Driver
HV518PJ-G SUTEX-HV518PJ-G Datasheet
772Kb / 8P
   32-Channel Vacuum-Fluorescent Display Driver
HV518PJ-G SUTEX-HV518PJ-G Datasheet
885Kb / 8P
   32-Channel Vacuum-Fluorescent Display Driver
More results

Similar Description - HV518X

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV518 SUTEX-HV518_07 Datasheet
772Kb / 8P
   32-Channel Vacuum-Fluorescent Display Driver
HV518 SUTEX-HV518_13 Datasheet
885Kb / 8P
   32-Channel Vacuum-Fluorescent Display Driver
logo
Allegro MicroSystems
6118 ALLEGRO-6118 Datasheet
135Kb / 8P
   VACUUM FLUORESCENT DISPLAY DRIVER
logo
National Semiconductor ...
DS8881 NSC-DS8881 Datasheet
124Kb / 6P
   Vacuum Fluorescent Display Driver
logo
STMicroelectronics
STV7710 STMICROELECTRONICS-STV7710 Datasheet
121Kb / 19P
   Vacuum Fluorescent Display (VFD) Driver
logo
ON Semiconductor
CS1089 ONSEMI-CS1089 Datasheet
97Kb / 12P
   Vacuum Fluorescent Display Tube Driver
August, 2001 ??Rev. 9
logo
National Semiconductor ...
LM9022 NSC-LM9022 Datasheet
262Kb / 7P
   Vacuum Fluorescent Display Filament Driver
logo
ON Semiconductor
CS1087 ONSEMI-CS1087 Datasheet
115Kb / 12P
   Vacuum Fluorescent Display Tube Driver
August, 2001 ??Rev. 11
CS1088 ONSEMI-CS1088 Datasheet
71Kb / 8P
   Vacuum Fluorescent Display Tube Driver
August, 2001 ??Rev. 9
logo
National Semiconductor ...
LM9022 NSC-LM9022_05 Datasheet
654Kb / 7P
   Vacuum Fluorescent Display Filament Driver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com