Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z0103NN5AL2 Datasheet(PDF) 3 Page - STMicroelectronics

Part # Z0103NN5AL2
Description  1A TRIACS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

Z0103NN5AL2 Datasheet(HTML) 3 Page - STMicroelectronics

  Z0103NN5AL2 Datasheet HTML 1Page - STMicroelectronics Z0103NN5AL2 Datasheet HTML 2Page - STMicroelectronics Z0103NN5AL2 Datasheet HTML 3Page - STMicroelectronics Z0103NN5AL2 Datasheet HTML 4Page - STMicroelectronics Z0103NN5AL2 Datasheet HTML 5Page - STMicroelectronics Z0103NN5AL2 Datasheet HTML 6Page - STMicroelectronics Z0103NN5AL2 Datasheet HTML 7Page - STMicroelectronics Z0103NN5AL2 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Z01
Characteristics
Doc ID 7474 Rev 10
3/12
Table 3.
Static characteristics
Symbol
Test conditions
Value
Unit
VTM
(1)
1.
For both polarities of A2 referenced to A1.
ITM = 1.4 A, tp = 380 µs
Tj = 25 °C
MAX.
1.6
V
Vto
(1)
Threshold voltage
Tj = 125 °C
MAX.
0.95
V
Rd
(1)
Dynamic resistance
Tj = 125 °C
MAX.
400
m
Ω
IDRM
IRRM
VDRM = VRRM
Tj = 25 °C
MAX.
5µA
Tj = 125 °C
0.5
mA
Table 4.
Thermal resistances
Symbol
Parameter
Value
Unit
Rth(j-t)
Junction to tab (AC)
SOT-223
MAX.
25
°C/W
Rth(j-t)
Junction to tab (AC)
SMBflat-3L
14
Rth(j-I)
Junction to lead (AC)
TO-92
60
Rth(j-a)
Junction to ambient
S(1) = 5 cm²
SOT-223
60
SMBflat-3L
75
TO-92
150
1.
S = copper surface under tab.
Figure 1.
Maximum power dissipation
versus on-state rms current
(full cycle)
Figure 2.
On-state rms current versus lead
(TO-92) or tab (SOT-223, SMBflat-
3L) temperature (full cycle)
P(W)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0.00
0.25
0.50
0.75
1.00
1.25
1.50
I
(A)
T(RMS)
α=180 °
180°
0
2550
75
100
125
0.0
0.2
0.4
0.6
0.8
1.0
1.2
I
(A)
T(RMS)
SOT-223
TO-92
T or
(°C)
l
Ttab
SMBF3L


Similar Part No. - Z0103NN5AL2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
Z0103NN5AL2 STMICROELECTRONICS-Z0103NN5AL2 Datasheet
96Kb / 9P
   1 A Triacs
Z0103NN5AL2 STMICROELECTRONICS-Z0103NN5AL2 Datasheet
130Kb / 12P
   Standard 1A Triacs
More results

Similar Description - Z0103NN5AL2

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
Z0103MA TGS-Z0103MA Datasheet
153Kb / 1P
   1A TRIACS
logo
JIEJIE MICROELECTRONICS...
ACJT1 JIEJIE-ACJT1 Datasheet
376Kb / 5P
   1A TRIACs
JST131 JIEJIE-JST131 Datasheet
257Kb / 5P
   1A TRIACs
JST01 JIEJIE-JST01 Datasheet
416Kb / 4P
   1A TRIACs
logo
Unisonic Technologies
UZ0103 UTC-UZ0103 Datasheet
166Kb / 3P
   1A TRIACS
logo
Kersemi Electronic Co.,...
Z0103MN KERSEMI-Z0103MN Datasheet
1Mb / 10P
   Standard 1A Triacs
logo
STMicroelectronics
Z01 STMICROELECTRONICS-Z01 Datasheet
130Kb / 12P
   Standard 1A Triacs
logo
Nell Semiconductor Co.,...
1T06E-D NELLSEMI-1T06E-D Datasheet
469Kb / 5P
   Standard TRIACs, 1A
logo
First Components Intern...
FTC131 FCI-FTC131 Datasheet
189Kb / 4P
   1A 500V/600V BIDIRECTIONAL TRIACS
logo
NXP Semiconductors
BT137SE PHILIPS-BT137SE Datasheet
54Kb / 6P
   Triacs Triacs
October 1997 Rev 1.200
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com