Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV5622DJ Datasheet(PDF) 1 Page - Supertex, Inc

Part # HV5622DJ
Description  32-Channel Serial To Parallel Converter With Open Drain Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV5622DJ Datasheet(HTML) 1 Page - Supertex, Inc

  HV5622DJ Datasheet HTML 1Page - Supertex, Inc HV5622DJ Datasheet HTML 2Page - Supertex, Inc HV5622DJ Datasheet HTML 3Page - Supertex, Inc HV5622DJ Datasheet HTML 4Page - Supertex, Inc HV5622DJ Datasheet HTML 5Page - Supertex, Inc HV5622DJ Datasheet HTML 6Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
12/13/01
Supertex Inc. does not recommend the use of its products in life support applications and will not knowingly sell its products for use in such applications unless it receives an adequate "products liability
indemnification insurance agreement." Supertex does not assume responsibility for use of devices described and limits its liability to the replacement of devices determined to be defective due to
workmanship. No responsibility is assumed for possible omissions or inaccuracies. Circuitry and specifications are subject to change without notice. For the latest product specifications, refer to the
Supertex website: http://www.supertex.com. For complete liability information on all Supertex products, refer to the most current databook or to the Legal/Disclaimer page on the Supertex website.
Device
Recommended
44 J-Lead Quad
44 J-Lead Quad
44 Lead Quad
Die
Operating VPP max
Ceramic Chip Carrier
Plastic Chip Carrier
Plastic Gullwing
HV5522
220V
HV5522DJ
HV5522PJ
HV5522PG
HV5522X
HV5530
300V
HV5530DJ
HV5530PJ
HV5530PG
HV5530X
HV5622
220V
HV5622DJ
HV5622PJ
HV5622PG
HV5622X
HV5630
300V
HV5630DJ
HV5630PJ
HV5630PG
HV5630X
32-Channel Serial To Parallel Converter
With Open Drain Outputs
General Description
The HV55 and HV56 are low-voltage serial to high-voltage
parallel converters with open drain outputs. These devices have
been designed for use as drivers for AC-electroluminescent
displays. They can also be used in any application requiring
multiple output high voltage current sinking capabilities such as
driving inkjet and electrostatic print heads, plasma panels, vacuum
fluorescent, or large matrix LCD displays.
These devices consist of a 32-bit shift register, 32 latches, and
control logic to perform the polarity select and blanking of the
outputs. Data is shifted through the shift register on the high to low
transition of the clock. The HV55 shifts in the counterclockwise
direction when viewed from the top of the package, and the HV56
shifts in the clockwise direction. A data output buffer is provided
for cascading devices. This output reflects the current status of
the last bit of the shift register. Operation of the shift register is not
affected by the LE (latch enable), BL (blanking), or the POL
(polarity) inputs. Transfer of data from the shift register to the latch
occurs when the LE (latch enable) input is high. The data in the
latch is stored when LE is low.
Ordering Information
Package Options
Absolute Maximum Ratings
Supply voltage, VDD
1
-0.5V to +15V
Output voltage, V
PP
1
HV5530/HV5630
-0.5V to +315V
HV5522/HV5622
-0.5V to +230V
Logic input levels1
-0.5V to VDD + 0.5V
Ground current2
1.5A
Continuous total power dissipation3 Ceramic
1500mW
Plastic
1200mW
Operating temperature range
Ceramic -55°C to +125°C
Plastic
-40°C to +85°C
Storage temperature range
-65°C to +150°C
Lead temperature 1.6mm (1/16 inch)
260°C
from case for 10 seconds
Notes:
1. All voltages are referenced to VSS.
2. Duty cycle is limited by the total power dissipated in the package.
3. For operation above 25°C ambient derate linearly to maximum operating
temperature at 20°C for plastic and at 15mW/°C for ceramic.
Features
❏ Processed with HVCMOS® technology
❏ Sink current minimum 100mA
❏ Shift register speed 8MHz
❏ Polarity and Blanking inputs
❏ CMOS compatible inputs
❏ Forward and reverse shifting options
❏ Diode to V
PP allows efficient power recovery
❏ 44-lead ceramic surface mount package
❏ Hi-Rel processing available
HV5522/HV5530
HV5622/HV5630


Similar Part No. - HV5622DJ

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV5622DJ SUTEX-HV5622DJ Datasheet
951Kb / 8P
   32-Channel Serial To Parallel Converter With Open Drain Outputs
More results

Similar Description - HV5622DJ

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV5522 SUTEX-HV5522_13 Datasheet
812Kb / 8P
   32-Channel Serial to Parallel Converter With Open Drain Outputs
HV5622 SUTEX-HV5622_13 Datasheet
800Kb / 8P
   32-Channel Serial to Parallel Converter With Open Drain Outputs
HV5122 SUTEX-HV5122 Datasheet
451Kb / 6P
   32-Channel Serial To Parallel Converter With Open Drain Outputs
HV5522 SUTEX-HV5522_07 Datasheet
951Kb / 8P
   32-Channel Serial To Parallel Converter With Open Drain Outputs
HV5622PJ-G SUTEX-HV5622PJ-G Datasheet
468Kb / 6P
   32-Channel Serial To Parallel Converter With Open Drain Outputs
HV5122PJ-G SUTEX-HV5122PJ-G Datasheet
856Kb / 10P
   32-Channel Serial to Parallel Converter With Open Drain Outputs
HV5530PJ-G SUTEX-HV5530PJ-G Datasheet
690Kb / 8P
   32-Channel Serial to Parallel Converter With Open Drain Outputs
HV5530 SUTEX-HV5530_13 Datasheet
798Kb / 8P
   32-Channel Serial to Parallel Converter With Open Drain Outputs
HV5523 SUTEX-HV5523 Datasheet
734Kb / 6P
   32-Channel Serial To Parallel Converter With Open Drain Outputs
HV5630 SUTEX-HV5630_13 Datasheet
627Kb / 6P
   32-Channel Serial to Parallel Converter With Open Drain Outputs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com