Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV66PJ Datasheet(PDF) 6 Page - Supertex, Inc

Part # HV66PJ
Description  32-Channel LCD Driver with Separate Backplane Output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV66PJ Datasheet(HTML) 6 Page - Supertex, Inc

  HV66PJ Datasheet HTML 1Page - Supertex, Inc HV66PJ Datasheet HTML 2Page - Supertex, Inc HV66PJ Datasheet HTML 3Page - Supertex, Inc HV66PJ Datasheet HTML 4Page - Supertex, Inc HV66PJ Datasheet HTML 5Page - Supertex, Inc HV66PJ Datasheet HTML 6Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
1235 Bordeaux Drive, Sunnyvale, CA 94089
TEL: (408) 744-0100 • FAX: (408) 222-4895
www.supertex.com
02/06//02
©2002 Supertex Inc. All rights reserved. Unauthorized use or reproduction prohibited.
HV66
44 Pin J-Lead Package
Pin
Function
Pin
Function
1HVOUT 17/16
23
LE
2HVOUT 16/17
24
VDD
3HV
OUT 15/18
25
Clock
4HVOUT 14/19
26
DIR
5HVOUT 13/20
27
Data In
6HV
OUT 12/21
28
V
PP
7HVOUT 11/22
29
BP Out
8HVOUT 10/23
30
HVOUT 32/1
9HV
OUT 9/24
31
HV
OUT 31/2
10
HVOUT 8/25
32
HVOUT 30/3
11
HVOUT 7/26
33
HVOUT 29/4
12
HV
OUT 6/27
34
HV
OUT 28/5
13
HVOUT 5/28
35
HVOUT 27/6
14
HVOUT 4/29
36
HVOUT 26/7
15
HV
OUT 3/30
37
HV
OUT 25/8
16
HVOUT 2/31
38
HVOUT 24/9
17
HVOUT 1/32
39
HVOUT 23/10
18
Data Out
40
HV
OUT 22/11
19
GND
41
HVOUT 21/12
20
N/C
42
HVOUT 20/13
21
BL
43
HV
OUT 19/14
22
POL
44
HVOUT 18/15
Note:
1. Pin designation for DIR = H/L
Example: for DIR = H, Pin 1 = HVOUT 17
for DIR = L, Pin 1 = HVOUT 16
6
40
41
42
43
44
1
2
3
4
5
39 38 37 36 35 34 33 32 31 30 29
18
28
27
26
25
24
23
22
21
20
19
7
8
9
10 11 12 13 14 15 16 17
top view
44-pin PLCC
HV66
Pin Configuration
Package Outline


Similar Part No. - HV66PJ

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV66PJ SUTEX-HV66PJ Datasheet
557Kb / 8P
   32-Channel LCD Driver with Separate Backplane Output
HV66PJ-G SUTEX-HV66PJ-G Datasheet
761Kb / 7P
   32-Channel LCD Driver with Separate Backplane Output
HV66PJ-GM903 SUTEX-HV66PJ-GM903 Datasheet
761Kb / 7P
   32-Channel LCD Driver with Separate Backplane Output
More results

Similar Description - HV66PJ

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV66 SUTEX-HV66_13 Datasheet
761Kb / 7P
   32-Channel LCD Driver with Separate Backplane Output
HV66 SUTEX-HV66_07 Datasheet
557Kb / 8P
   32-Channel LCD Driver with Separate Backplane Output
HV6506 SUTEX-HV6506 Datasheet
73Kb / 5P
   32-Channel LCD Driver with Separate Backplane Output
logo
List of Unclassifed Man...
ILI6122 ETC1-ILI6122 Datasheet
1Mb / 57P
   1200-Output Channel TFT LCD Source Driver with TCON
logo
Dialog Semiconductor
IW7032 DIALOG-IW7032 Datasheet
1Mb / 31P
   32-Channel LED Driver for LCD Panel Backlighting
logo
Microchip Technology
AY0438-I MICROCHIP-AY0438-I Datasheet
154Kb / 11P
   32-Segment CMOS LCD Driver
1995-2002
AY0438 MICROCHIP-AY0438 Datasheet
148Kb / 11P
   32-Segment CMOS LCD Driver
1995 - 2002
AY0438 MICROCHIP-AY0438 Datasheet
84Kb / 11P
   32-Segment CMOS LCD Driver
03/01/02
logo
OKI electronic componet...
MSM5238 OKI-MSM5238 Datasheet
122Kb / 12P
   32-DOT LCD COMMON DRIVER
logo
Microchip Technology
AY0438 MICROCHIP-AY0438 Datasheet
84Kb / 11P
   32-Segment CMOS LCD Driver
03/01/02
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com