Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDT44PT Datasheet(PDF) 1 Page - Adam Technologies, Inc.

Part # HDT44PT
Description  HIGH DENSITY D-SUB STRAIGHT PCB TAIL
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAM-TECH [Adam Technologies, Inc.]
Direct Link  http://www.adam-tech.com
Logo ADAM-TECH - Adam Technologies, Inc.

HDT44PT Datasheet(HTML) 1 Page - Adam Technologies, Inc.

  HDT44PT Datasheet HTML 1Page - Adam Technologies, Inc. HDT44PT Datasheet HTML 2Page - Adam Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INTRODUCTION:
Adam Tech Straight PCB tail High Density D-Sub connectors are a
popular interface for many I/O applications. Offered in 15, 26, 44, 62
and 78 positions they are a good choice for a low cost industry
standard high density connection. Adam Tech connectors are
manufactured with precision stamped contacts offering a choice of
contact plating and a wide selection of mating and mounting options.
FEATURES:
High Density pin count in standard size shell
Industry standard compatibility
Durable metal shell design
Precision formed contacts
Variety of Mating and mounting options
MATING CONNECTORS:
Adam Tech high density D-Subminiatures and all industry standard
high density D-Subminiature connectors.
SPECIFICATIONS:
Material:
Standard insulator: PBT, 30% glass reinforced, rated UL94V-0
Optional Hi-Temp insulator: Nylon 6T rated UL94V-0
Insulator Colors: Black (White optional)
Contacts: Phosphor Bronze
Shell: Steel, Tin or Zinc plated
Hardware: Brass, Nickel plated
Contact Plating:
Gold Flash (15 and 30 µin Optional) over Nickel underplate overall.
Electrical:
Operating voltage: 250V AC / DC max.
Current rating: 5 Amps max.
Contact resistance: 20 m
Ω max. initial
Insulation resistance: 5000 M
Ω min.
Dielectric withstanding voltage: 1000V AC for 1 minute
Mechanical:
Insertion force: 0.75 lbs max
Extraction force: 0.44 lbs min
Temperature Rating:
Operating temperature: -65°C to +125°C
Soldering process temperature:
Standard insulator: 235°C
Hi-Temp insulator: 260°C
PACKAGING:
Anti-ESD plastic trays
APPROVALS AND CERTIFICATIONS:
UL Recognized File No. E224053
CSA Certified File No. LR1578596
Adam Technologies, Inc.
909 Rahway Avenue Union, New Jersey 07083 T: 908-687-5000 F: 908-687-5710 WWW.ADAM-TECH.COM
106
HIGH DENSITY D-SUB
STRAIGHT PCB TAIL
HDT SERIES
OPTIONS:
Add designator(s) to end of part number
WT= White color insulator
HT = Hi-Temp insulator for Hi-Temp soldering
processes up to 260°C
SL = Riveted #4-40 Clinch Nuts
JS = Riveted #4-40 Jackscrews
BL = Riveted #4-40 Internal Threaded Standoffs
with Boardlocks
EMI = Ferrite filtered version for EMI / RFI
suppression (Page 101)
ORDERING INFORMATION
HDT
15
ST
SERIES INDICATOR
HDT = High Density
D-Sub
POSITIONS
15, 26, 44, 62, 78
CONTACT TYPE
PT = Plug, Straight PCB Tail
ST = Socket, Straight PCB Tail
®
®
V
D E
UL
®
RoHS
COMPLIANT
2002 / 95 / EC
2002 / 95 / EC
Pb
RoHS
COMPLIANT


Similar Part No. - HDT44PT

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
HDT44PD ADAM-TECH-HDT44PD Datasheet
195Kb / 2P
   HIGH DENSITY D-SUB SOLDER CUP TERMINATION
HDT44PR ADAM-TECH-HDT44PR Datasheet
191Kb / 2P
   HIGH DENSITY D-SUB CRIMP AND POKE SYSTEM
More results

Similar Description - HDT44PT

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
DXXX-PT-3-MC-217 ADAM-TECH-DXXX-PT-3-MC-217 Datasheet
90Kb / 1P
   D-SUB PLUG STRAIGHT PCB TAIL STANDARD PROFILE
DB25-PE-1 ADAM-TECH-DB25-PE-1 Datasheet
121Kb / 1P
   D-SUBMINIATURE HIGH PROFILE STRAIGHT PCB TAIL
HDL15SLB ADAM-TECH-HDL15SLB Datasheet
218Kb / 2P
   HIGH DENSITY D-SUB RIGHT ANGLE PCB MOUNT
logo
Molex Electronics Ltd.
1731130141 MOLEX-1731130141 Datasheet
234Kb / 2P
   HPD HIGH DENSITY D-SUB, STRAIGHT PCB CONNECTOR, WITH MACHINED MALE CONTACTS
2017/06/07
logo
Assmann Electronics Inc...
A-HDF26AA-WP ASSMANN-A-HDF26AA-WP Datasheet
266Kb / 1P
   D-SUB, HIGH DENSITY
logo
Adam Technologies, Inc.
HDTXX-SD-SL ADAM-TECH-HDTXX-SD-SL Datasheet
90Kb / 1P
   D-SUB HIGH DENSITY
HDTXX-SD-MC ADAM-TECH-HDTXX-SD-MC Datasheet
90Kb / 1P
   D-SUB HIGH DENSITY
HDTXX-SD ADAM-TECH-HDTXX-SD Datasheet
89Kb / 1P
   D-SUB HIGH DENSITY
HDTXX-SD-JS ADAM-TECH-HDTXX-SD-JS Datasheet
90Kb / 1P
   D-SUB HIGH DENSITY
HDTXX-ST-SL ADAM-TECH-HDTXX-ST-SL Datasheet
104Kb / 1P
   D-SUB HIGH DENSITY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com