Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV7620DG Datasheet(PDF) 1 Page - Supertex, Inc

Part # HV7620DG
Description  40MHz, 32-Channel Serial to Parallel Converter with Push-Pull Outputs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV7620DG Datasheet(HTML) 1 Page - Supertex, Inc

  HV7620DG Datasheet HTML 1Page - Supertex, Inc HV7620DG Datasheet HTML 2Page - Supertex, Inc HV7620DG Datasheet HTML 3Page - Supertex, Inc HV7620DG Datasheet HTML 4Page - Supertex, Inc HV7620DG Datasheet HTML 5Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
02/96/022
Supertex Inc. does not recommend the use of its products in life support applications and will not knowingly sell its products for use in such applications unless it receives an adequate "products liability
indemnification insurance agreement." Supertex does not assume responsibility for use of devices described and limits its liability to the replacement of devices determined to be defective due to
workmanship. No responsibility is assumed for possible omissions or inaccuracies. Circuitry and specifications are subject to change without notice. For the latest product specifications, refer to the
Supertex website: http://www.supertex.com. For complete liability information on all Supertex products, refer to the most current databook or to the Legal/Disclaimer page on the Supertex website.
Ordering Information
Package Options
Device
64 Pin Plastic Gullwing
80-Lead Ceramic Gullwing
Die in Wafer Form
HV76
HV7620PG
HV7620DG
HV7620XW
General Description
The HV76 is a low-voltage serial to high-voltage parallel con-
verter with push-pull outputs. This device has been designed for
use as a driver for color AC plasma displays.
The device has 4 parallel 8-bit shift registers permitting data rate
4 times the speed of one. The data are clocked in simultaneously
on all four data inputs with a single clock. Data are shifted in on
a low to high transition of the clock. The latches and control logic
perform the output enable function.
The DIR pin causes clockwise (CW) shifting of the data when
connected to V
DD1, and counterclockwise (CCW) shifting when
connected to GND. Operation of the shift register is not affected
by the LE (latch enable) input. Transfer of data from the shift
registers to the latches occurs when the LE input is high. Data is
stored in the latches when LE is low. The current source on the
logic inputs provides active pull up when the input pins are open.
HV7620
40MHz, 32-Channel Serial to Parallel Converter
with Push-Pull Outputs
Absolute Maximum Ratings
Supply voltage1, V
DD1
-0.5V to +15V
Supply voltage1, V
DD2
-0.5V to +15V
Supply voltage1, V
PP
-0.5V to +225V
Logic input levels1
-2.0V to V
DD1+2.0V
Continuous total power dissipation2
Plastic
1200mW
Ceramic
1900mW
Operating temperature range
Plastic
-40°C to +85°C
Ceramic
-55°C to 125°C
Storage temperature range
-65°C to +150°C
Notes:
1. All voltages are referenced to GND.
2. For operation above 25°C ambient derate linearly to maximum operating
temperature at 20mW/°C for plastic and at 19mW/°C for ceramic.
Features
❏ Processed with HVCMOS® technology
❏ 5V CMOS logic and 12V supply rail
❏ Output voltage up to 200V
❏ Low power level shifting
❏ Source/sink current minimum 50mA
❏ 40MHz equivalent data rate
❏ Chip select
❏ Polarity function
❏ Forward and reverse shifting options (DIR pin)
❏ Latched outputs


Similar Part No. - HV7620DG

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
HV7620 MICROCHIP-HV7620 Datasheet
529Kb / 16P
   40 MHz 32-Channel Serial-to-Parallel Converter with Push-Pull Outputs
08/15/18
logo
Supertex, Inc
HV7620PG-G SUTEX-HV7620PG-G Datasheet
406Kb / 7P
   40MHz, 32-Channel Serial to Parallel Converter with Push-Pull Outputs
logo
Microchip Technology
HV7620PG-G MICROCHIP-HV7620PG-G Datasheet
529Kb / 16P
   40 MHz 32-Channel Serial-to-Parallel Converter with Push-Pull Outputs
08/15/18
logo
Supertex, Inc
HV7620 SUTEX-HV7620_13 Datasheet
406Kb / 7P
   40MHz, 32-Channel Serial to Parallel Converter with Push-Pull Outputs
More results

Similar Description - HV7620DG

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV7620 SUTEX-HV7620_13 Datasheet
406Kb / 7P
   40MHz, 32-Channel Serial to Parallel Converter with Push-Pull Outputs
HV5408PJ-B-G SUTEX-HV5408PJ-B-G Datasheet
999Kb / 12P
   32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV5308PG-B-G SUTEX-HV5308PG-B-G Datasheet
997Kb / 12P
   32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV9808 SUTEX-HV9808_14 Datasheet
481Kb / 7P
   32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV5308PJ-B-G SUTEX-HV5308PJ-B-G Datasheet
997Kb / 12P
   32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV5308B SUTEX-HV5308B Datasheet
462Kb / 6P
   32-Channel Serial To Parallel Converter With High Voltage Push-Pull Outputs
HV5308 SUTEX-HV5308 Datasheet
460Kb / 6P
   32-Channel Serial To Parallel Converter With High Voltage Push-Pull Outputs
HV57708 SUTEX-HV57708 Datasheet
465Kb / 5P
   32 MHz, 64-Channel Serial To Parallel Converter With Push-Pull Outputs
HV610 SUTEX-HV610 Datasheet
765Kb / 9P
   32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV9308 SUTEX-HV9308_13 Datasheet
643Kb / 7P
   32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com