Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV809X Datasheet(PDF) 2 Page - Supertex, Inc

Part # HV809X
Description  Off-Line High Voltage EL Lamp Driver
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV809X Datasheet(HTML) 2 Page - Supertex, Inc

  HV809X Datasheet HTML 1Page - Supertex, Inc HV809X Datasheet HTML 2Page - Supertex, Inc HV809X Datasheet HTML 3Page - Supertex, Inc HV809X Datasheet HTML 4Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
HV809
Symbol
Parameter
Min
Typ
Max
Units
Conditions
f
EL
V
A-B output drive frequency
320
400
480
Hz
R
EL-osc = 1.0MΩ, osc1 = GND,
CL = 350nF
0.8
1.0
1.2
KHz
R
EL-osc = 390KΩ, osc1 = GND,
CL = 150nF
t
r
Output rise time
180
250
µs
CL = 150nF, HV
IN = 170V
t
f
Output fall time
50
100
µs
CL = 150nF, HV
IN = 170V
AC Characteristics (Over recommended operating conditions unless otherwise specified, T
A = 25°C)
Symbol
Parameter
Min
Typ
Max
Units
Conditions
HV
IN
High voltage input
50
200
V
C
L
Load capacitance
350
nF
R
EL-osc = 1.0MΩ, HVIN = 170V
150
nF
REL-osc = 390KΩ, HVIN = 170V
T
A
Operating temperature
-25
85
°C
Recommended Operating Conditions
osc1
Outputs V
A and VB
GND
Enabled
VDD
Disabled
Function Table
Electrical Characteristics
Symbol
Parameter
Min
Typ
Max
Units
Conditions
IIN
High voltage supply current
70
mA
HVIN = 170V, REL = 1.0MΩ,
C
L = 350nF
9mA
HVIN = 170V, REL = 1.0MΩ,
C
L = 50nF
I
INQ
Quiescent supply current
400
µA
HVIN = 170V, REL-osc = 1.0MΩ,
osc1 = GND, No Load
100
µA
HV
IN = 170V, REL-osc = 1.0MΩ
osc1 = VDD, No Load
I
SINK
osc2 sink current
300
µAV
osc2 = 1.0V
I
SOURCE
osc2 source current
100
µAV
osc2 = VDD -1.0V
I
osc1
osc1 logic input leakage current
±10
µAV
osc1 = 0V and VDD
VH
osc1 hysteresis voltage
2.5
V
V
A-B
Min differential output voltage across lamp
400
V
HV
IN = 200V
V
DD
Internal supply voltage
8
10
12
V
No load on V
DD
IDD (OUT)
Maximum output VDD current
4
mA
For HV809K2,
∆V
DD = 1.0V
DC Characteristics (Over recommended operating conditions unless otherwise specified, T
A = 25°C)


Similar Part No. - HV809X

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV809 SUTEX-HV809 Datasheet
478Kb / 7P
   Off-Line, High Voltage EL Lamp Driver
HV809K2-G SUTEX-HV809K2-G Datasheet
478Kb / 7P
   Off-Line, High Voltage EL Lamp Driver
HV809K2-G SUTEX-HV809K2-G Datasheet
1Mb / 8P
   Off-Line, High Voltage EL Lamp Driver
HV809LG-G SUTEX-HV809LG-G Datasheet
478Kb / 7P
   Off-Line, High Voltage EL Lamp Driver
HV809LG-G SUTEX-HV809LG-G Datasheet
1Mb / 8P
   Off-Line, High Voltage EL Lamp Driver
More results

Similar Description - HV809X

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV809 SUTEX-HV809_07 Datasheet
478Kb / 7P
   Off-Line, High Voltage EL Lamp Driver
HV809 SUTEX-HV809_13 Datasheet
1Mb / 8P
   Off-Line, High Voltage EL Lamp Driver
logo
IMP, Inc
IMP803 IMP-IMP803 Datasheet
162Kb / 8P
   HIGH-VOLTAGE EL LAMP DRIVER
logo
Supertex, Inc
HV833 SUTEX-HV833_07 Datasheet
812Kb / 10P
   High Voltage EL Lamp Driver
HV8051 SUTEX-HV8051 Datasheet
53Kb / 4P
   High-Voltage EL Lamp Driver
logo
IMP, Inc
IMP528 IMP-IMP528 Datasheet
134Kb / 6P
   HIGH-VOLTAGE EL LAMP DRIVER
logo
Supertex, Inc
HV825 SUTEX-HV825 Datasheet
327Kb / 4P
   High Voltage EL Lamp Driver
HV803 SUTEX-HV803 Datasheet
80Kb / 8P
   High-Voltage EL Lamp Driver
HV823 SUTEX-HV823 Datasheet
391Kb / 8P
   High Voltage EL Lamp Driver
HV833 SUTEX-HV833_13 Datasheet
1,009Kb / 8P
   High Voltage EL Lamp Driver
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com