Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV832X Datasheet(PDF) 6 Page - Supertex, Inc

Part # HV832X
Description  Dual High Voltage, Low Noise EL Lamp Driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV832X Datasheet(HTML) 6 Page - Supertex, Inc

  HV832X Datasheet HTML 1Page - Supertex, Inc HV832X Datasheet HTML 2Page - Supertex, Inc HV832X Datasheet HTML 3Page - Supertex, Inc HV832X Datasheet HTML 4Page - Supertex, Inc HV832X Datasheet HTML 5Page - Supertex, Inc HV832X Datasheet HTML 6Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
HV832
1235 Bordeaux Drive, Sunnyvale, CA 94089
TEL: (408) 744-0100 • FAX: (408) 222-4895
www.supertex.com
12/13/01rev.8
©2001 Supertex Inc. All rights reserved. Unauthorized use or reproduction prohibited.
External Component Description
External Component
Selection Guide Line
Diode
Fast reverse recovery diode, IN914 or equivalent.
Cs Capacitor
0.003
µF to 0.1µF, 100V capacitor to GND is used to store the energy transferred from the inductor.
Lx Inductor
The inductor Lx is used to boost the low input voltage by inductive flyback. When the internal switch is on,
the inductor is being charged. When the internal switch is off, the charge stored in the inductor will be
transferred to the high voltage capacitor C
S. The energy stored in the capacitor is connected to the internal
H-bridge and therefore to the EL lamp. In general, smaller value inductors, which can handle more current,
are more suitable to drive larger size lamps.
Lamp
As the EL lamp size increases, more current will be drawn from the battery to maintain high voltage across
the EL lamp. The input power, (V
IN x IIN), will also increase. If the input power is greater than the power
dissipation of the package (300mW), an external resistor in series with one side of the lamp is recommended
to help reduce the package power dissipation.
Split Supply Configuration
The HV832 can also be used for handheld devices operating
from a battery where a regulated voltage is available. This is
shown in Figure 2. The regulated voltage can be used to run the
internal logic of the HV832. The amount of current necessary to
run the internal logic is 150
µA Max at a V
DD of 3.0V. Therefore,
the regulated voltage could easily provide the current without
being loaded down.
Figure 2: Split Supply
EL Lamp 1
+
_
CS
1
2
3
4
8
6
5
HV832MG
7
Battery Voltage=VIN
EL1
VDD
Control
GND
LX
CS
Com
EL2
Regulated Voltage=VDD
Logic Input Pulse
EL Lamp 2
LX
CIN


Similar Part No. - HV832X

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV832DB1 SUTEX-HV832DB1 Datasheet
445Kb / 2P
   Dual EL Lamp Driver
More results

Similar Description - HV832X

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV845DB1 SUTEX-HV845DB1 Datasheet
307Kb / 2P
   Low Noise, Dual EL Lamp Driver
HV845 SUTEX-HV845 Datasheet
423Kb / 6P
   Low Noise Dual EL Lamp Driver
HV843DB1 SUTEX-HV843DB1 Datasheet
319Kb / 2P
   Low Noise, Dual EL Lamp Driver
HV835 SUTEX-HV835 Datasheet
242Kb / 6P
   Low Noise Dual EL Lamp Driver
HV843 SUTEX-HV843 Datasheet
428Kb / 6P
   Low Noise Dual EL Lamp Driver
HV850MG-G SUTEX-HV850MG-G Datasheet
665Kb / 8P
   High Voltage, Low Noise, Inductorless EL Lamp Driver
HV857L SUTEX-HV857L_13 Datasheet
883Kb / 8P
   Low Noise, High Voltage EL Lamp Driver IC
HV852 SUTEX-HV852 Datasheet
465Kb / 6P
   High Voltage, Low Noise, Inductorless EL Lamp Driver
HV850 SUTEX-HV850 Datasheet
248Kb / 6P
   High Voltage Low Noise Inductorless EL Lamp Driver
HV857 SUTEX-HV857_07 Datasheet
552Kb / 9P
   Low Noise, High Voltage EL Lamp Driver IC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com