Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV833X Datasheet(PDF) 9 Page - Supertex, Inc

Part # HV833X
Description  High Voltage EL Lamp Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV833X Datasheet(HTML) 9 Page - Supertex, Inc

  HV833X Datasheet HTML 1Page - Supertex, Inc HV833X Datasheet HTML 2Page - Supertex, Inc HV833X Datasheet HTML 3Page - Supertex, Inc HV833X Datasheet HTML 4Page - Supertex, Inc HV833X Datasheet HTML 5Page - Supertex, Inc HV833X Datasheet HTML 6Page - Supertex, Inc HV833X Datasheet HTML 7Page - Supertex, Inc HV833X Datasheet HTML 8Page - Supertex, Inc HV833X Datasheet HTML 9Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
9
HV833
External Component Description
External Component
Selection Guide Line
Diode
Fast reverse recovery diode, 100V 1N4148 or equivalent.
Cs Capacitor
0.003µF to 0.1µF, 100V capacitor to GND is used to store the energy transferred from the inductor.
R
EL-osc
The EL lamp frequency is controlled via an external R
EL resistor connected between REL-osc and VDD of the
device. The lamp frequency increases as R
EL decreases. As the EL lamp frequency increases, the amount
of current drawn from the battery will increase and the output voltage V
CS will decrease. The color of the EL
lamp is dependent upon its frequency.
R
SW-osc
The switching frequency of the converter is controlled via an external resistor, R
SW between RSW-osc and VDD
of the device. The switching frequency increases as R
SW decreases. With a given inductor, as the switching
frequency increases, the amount of current drawn from the battery will decrease and the output voltage, V
CS,
will also decrease.
Lx Inductor
The inductor L
x is used to boost the low input voltage by inductive flyback.
When the internal switch is on,
the inductor is being charged. When the internal switch is off, the charge stored in the inductor will be
transferred to the high voltage capacitor C
S. The energy stored in the capacitor is connected to the internal
H-bridge and therefore to the EL lamp. In general, smaller value inductors, which can handle more current,
are more suitable to drive larger size lamps. As the inductor value decreases, the switching frequency of the
inductor (controlled by R
SW) should be increased to avoid saturation.
220µH Murata (LQH43MN221) inductors with 5.4Ω series DC resistance is typically recommended. For
inductors with thesame inductance value but with lower series DC resistance, lower R
SW value is needed to
prevent high current draw and inductor saturation.
Lamp
As the EL lamp size increases, more current will be drawn from the battery to maintain high voltage across
the EL lamp. The input power, (V
IN x IIN), will also increase. If the input power is greater than the power
dissipation of the package (300mW), an external resistor in series with one side of the lamp is recommended
to help reduce the package power dissipation.
Enable/Disable Configuration
The HV833 can be easily enabled and disabled via a logic control
signal on the R
SW and REL resistors as shown in the Typical
Application Circuit on the front page. The control signal can be
from a microprocessor. R
SW and REL are typically very high
values. Therefore, only 10’s of microamperes will be drawn from
the logic signal when it is at a logic high (enable) state. When
the microprocessor signal is high the device is enabled and when
the signal is low, it is disabled.
Split Supply Configuration for Battery
Voltages of Higher than 6.5V
The Typical Application Circuit on the first page can also be used
with high battery voltages such as 12V as long as the input
voltage, V
DD, to the HV833 device is within its specifications of
1.8V to 6.5V.
1235 Bordeaux Drive, Sunnyvale, CA 94089
TEL: (408) 744-0100 • FAX: (408) 222-4895
www.supertex.com
05/02/02rev.8
©2002 Supertex Inc. All rights reserved. Unauthorized use or reproduction prohibited.


Similar Part No. - HV833X

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV833 SUTEX-HV833 Datasheet
812Kb / 10P
   High Voltage EL Lamp Driver
HV833DB1 SUTEX-HV833DB1 Datasheet
38Kb / 2P
   EL Lamp Driver
HV833LG-G SUTEX-HV833LG-G Datasheet
673Kb / 5P
   High Voltage EL Lamp Driver IC
HV833MG SUTEX-HV833MG Datasheet
812Kb / 10P
   High Voltage EL Lamp Driver
HV833MG-G SUTEX-HV833MG-G Datasheet
812Kb / 10P
   High Voltage EL Lamp Driver
More results

Similar Description - HV833X

ManufacturerPart #DatasheetDescription
logo
IMP, Inc
IMP803 IMP-IMP803 Datasheet
162Kb / 8P
   HIGH-VOLTAGE EL LAMP DRIVER
logo
Supertex, Inc
HV833 SUTEX-HV833_07 Datasheet
812Kb / 10P
   High Voltage EL Lamp Driver
HV8051 SUTEX-HV8051 Datasheet
53Kb / 4P
   High-Voltage EL Lamp Driver
logo
IMP, Inc
IMP528 IMP-IMP528 Datasheet
134Kb / 6P
   HIGH-VOLTAGE EL LAMP DRIVER
logo
Supertex, Inc
HV825 SUTEX-HV825 Datasheet
327Kb / 4P
   High Voltage EL Lamp Driver
HV803 SUTEX-HV803 Datasheet
80Kb / 8P
   High-Voltage EL Lamp Driver
HV823 SUTEX-HV823 Datasheet
391Kb / 8P
   High Voltage EL Lamp Driver
HV833 SUTEX-HV833_13 Datasheet
1,009Kb / 8P
   High Voltage EL Lamp Driver
HV829A SUTEX-HV829A Datasheet
42Kb / 4P
   High Voltage EL Lamp Driver
HV826 SUTEX-HV826 Datasheet
334Kb / 6P
   High Voltage EL Lamp Driver
logo
Clare, Inc.
CPC6826 CLARE-CPC6826 Datasheet
821Kb / 12P
   High Voltage EL Lamp Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com