Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP2C20A8Q324C6N Datasheet(PDF) 4 Page - Altera Corporation

Part # EP2C20A8Q324C6N
Description  Cyclone II Device Family
Download  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2C20A8Q324C6N Datasheet(HTML) 4 Page - Altera Corporation

  EP2C20A8Q324C6N Datasheet HTML 1Page - Altera Corporation EP2C20A8Q324C6N Datasheet HTML 2Page - Altera Corporation EP2C20A8Q324C6N Datasheet HTML 3Page - Altera Corporation EP2C20A8Q324C6N Datasheet HTML 4Page - Altera Corporation EP2C20A8Q324C6N Datasheet HTML 5Page - Altera Corporation EP2C20A8Q324C6N Datasheet HTML 6Page - Altera Corporation EP2C20A8Q324C6N Datasheet HTML 7Page - Altera Corporation EP2C20A8Q324C6N Datasheet HTML 8Page - Altera Corporation EP2C20A8Q324C6N Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 168 page
background image
1–2
Altera Corporation
Cyclone II Device Handbook, Volume 1
February 2008
Features
DSP intellectual property (IP) cores
DSP Builder interface to The Mathworks Simulink and Matlab
design environment
DSP Development Kit, Cyclone II Edition
Cyclone II devices include a powerful FPGA feature set optimized for
low-cost applications including a wide range of density, memory,
embedded multiplier, and packaging options. Cyclone II devices support
a wide range of common external memory interfaces and I/O protocols
required in low-cost applications. Parameterizable IP cores from Altera
and partners make using Cyclone II interfaces and protocols fast and easy.
Features
The Cyclone II device family offers the following features:
High-density architecture with 4,608 to 68,416 LEs
M4K embedded memory blocks
Up to 1.1 Mbits of RAM available without reducing available
logic
4,096 memory bits per block (4,608 bits per block including 512
parity bits)
Variable port configurations of ×1, ×2, ×4, ×8, ×9, ×16, ×18, ×32,
and ×36
True dual-port (one read and one write, two reads, or two
writes) operation for ×1, ×2, ×4, ×8, ×9, ×16, and ×18 modes
Byte enables for data input masking during writes
Up to 260-MHz operation
Embedded multipliers
Up to 150 18- × 18-bit multipliers are each configurable as two
independent 9- × 9-bit multipliers with up to 250-MHz
performance
Optional input and output registers
Advanced I/O support
High-speed differential I/O standard support, including LVDS,
RSDS, mini-LVDS, LVPECL, differential HSTL, and differential
SSTL
Single-ended I/O standard support, including 2.5-V and 1.8-V,
SSTL class I and II, 1.8-V and 1.5-V HSTL class I and II, 3.3-V PCI
and PCI-X 1.0, 3.3-, 2.5-, 1.8-, and 1.5-V LVCMOS, and 3.3-, 2.5-,
and 1.8-V LVTTL
Peripheral Component Interconnect Special Interest Group (PCI
SIG) PCI Local Bus Specification, Revision 3.0 compliance for 3.3-V
operation at 33 or 66 MHz for 32- or 64-bit interfaces
PCI Express with an external TI PHY and an Altera PCI Express
×1 Megacore® function


Similar Part No. - EP2C20A8Q324C6N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2C20A ALTERA-EP2C20A Datasheet
2Mb / 182P
   Package Information Datasheet for Mature Altera Devices
EP2C20A ALTERA-EP2C20A Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C20AQ324C6ES ALTERA-EP2C20AQ324C6ES Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C20AQ324C6N ALTERA-EP2C20AQ324C6N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C20AQ324C7ES ALTERA-EP2C20AQ324C7ES Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
More results

Similar Description - EP2C20A8Q324C6N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2C15AF484C7N ALTERA-EP2C15AF484C7N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C5F256I8N ALTERA-EP2C5F256I8N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C20F484C6N ALTERA-EP2C20F484C6N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C5F256C7N ALTERA-EP2C5F256C7N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C5F256C6N ALTERA-EP2C5F256C6N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C8Q208C6 ALTERA-EP2C8Q208C6 Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C5Q208C8N ALTERA-EP2C5Q208C8N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP4CE115F29I7N ALTERA-EP4CE115F29I7N Datasheet
372Kb / 14P
   Cyclone IV FPGA Device Family
EP3C10U256C6N ALTERA-EP3C10U256C6N Datasheet
7Mb / 274P
   Cyclone III Device Family Overview
EP4CE10E22C8N ALTERA-EP4CE10E22C8N Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com