Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV9120 Datasheet(PDF) 7 Page - Supertex, Inc

Part # HV9120
Description  High-Voltage Current-Mode PWM Controller
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV9120 Datasheet(HTML) 7 Page - Supertex, Inc

  HV9120 Datasheet HTML 1Page - Supertex, Inc HV9120 Datasheet HTML 2Page - Supertex, Inc HV9120 Datasheet HTML 3Page - Supertex, Inc HV9120 Datasheet HTML 4Page - Supertex, Inc HV9120 Datasheet HTML 5Page - Supertex, Inc HV9120 Datasheet HTML 6Page - Supertex, Inc HV9120 Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
HV9120/HV9123
1
8
4
5
6
7
16
9
15
14
13
12
11
10
1
8
2
3
4
5
6
7
16
9
15
14
13
12
11
10
BIAS
FB
COMP
Reset
Shutdown
V
REF
Discharge
OSC In
Error Amplifier
The error amplifier in the HV912x is a true low-power differential
input operational amplifier intended for around-the-amplifier com-
pensation. It is of mixed CMOS-bipolar construction: A PMOS
input stage is used so the common-mode range includes ground
and the input impedance is very high. This is followed by bipolar
gain stages which provide high gain without the electrical noise of
all-MOS amplifiers. The amplifier is unity-gain stable.
Current Sense Comparators
The HV912x uses a true dual comparator system with indepen-
dent comparators for modulation and current limiting. This allows
the designer greater latitude in compensation design, as there are
no clamps (except ESD protection) on the compensation pin. Like
the error amplifier, the comparators are of low-noise BiCMOS
construction.
Remote Shutdown
The shutdown and reset pins of the HV912x can be used to
perform either latching or non-latching shutdown of a converter as
required. These pins have internal current source pull-ups so they
can be driven from open-drain logic. When not used they should
be left open, or connected to V
DD.
Output Buffer
The output buffer of the HV912x is of standard CMOS construc-
tion (P-channel pull-up, N-channel pull-down). Thus the body-
drain diodes of the output stage can be used for spike clipping if
necessary, and external Schottky diode clamping of the output is
not required.
Detailed Description (continued)
+V
IN
NC
NC
Sense
Output
–V
IN
V
DD
OSC Out
Pinout
16 Pin SOIC
top view
Note: Pins 2 and 3 are removed
16 Pin Dip Package
top view
BIAS
FB
COMP
Reset
Shutdown
VREF
Discharge
OSC In
+V
IN
Sense
Output
–V
IN
V
DD
OSC Out
19
20
1
2
3
18
17
16
15
14
13
12
11
10
9
4
5
6
7
8
FB
BIAS
NC
NC
+V
IN
NC
Discharge
OSC In
OSC Out
V
DD
20-pin PJ Package
top view
1235 Bordeaux Drive, Sunnyvale, CA 94089
TEL: (408) 744-0100 • FAX: (408) 222-4895
www.supertex.com
11/12/01
©2001 Supertex Inc. All rights reserved. Unauthorized use or reproduction prohibited.


Similar Part No. - HV9120

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9120 SUTEX-HV9120 Datasheet
960Kb / 11P
   High-Voltage, Current-Mode PWM Controller
logo
Microchip Technology
HV9120 MICROCHIP-HV9120 Datasheet
476Kb / 18P
   High-Voltage, Current-Mode, PWM Controller
07/14/15
logo
Supertex, Inc
HV9120NG-G SUTEX-HV9120NG-G Datasheet
960Kb / 11P
   High-Voltage, Current-Mode PWM Controller
logo
Microchip Technology
HV9120NG-G MICROCHIP-HV9120NG-G Datasheet
476Kb / 18P
   High-Voltage, Current-Mode, PWM Controller
07/14/15
HV9120NG-G-M901 MICROCHIP-HV9120NG-G-M901 Datasheet
476Kb / 18P
   High-Voltage, Current-Mode, PWM Controller
07/14/15
More results

Similar Description - HV9120

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9112 SUTEX-HV9112_07 Datasheet
705Kb / 8P
   High-Voltage Current-Mode PWM Controller
logo
Microchip Technology
HV9120 MICROCHIP-HV9120 Datasheet
476Kb / 18P
   High-Voltage, Current-Mode, PWM Controller
07/14/15
logo
Supertex, Inc
HV9120NG-G SUTEX-HV9120NG-G Datasheet
960Kb / 11P
   High-Voltage, Current-Mode PWM Controller
HV9110 SUTEX-HV9110 Datasheet
324Kb / 7P
   High-Voltage Current-Mode PWM Controller
HV9123 SUTEX-HV9123_14 Datasheet
649Kb / 11P
   High-Voltage,Current-Mode PWM Controller
HV9605C SUTEX-HV9605C Datasheet
312Kb / 5P
   High Voltage Current Mode PWM Controller
logo
Microchip Technology
HV9110 MICROCHIP-HV9110 Datasheet
620Kb / 18P
   High-Voltage Current-Mode PWM Controller
06/23/16
logo
Supertex, Inc
HV9110 SUTEX-HV9110_07 Datasheet
706Kb / 8P
   High-Voltage Current-Mode PWM Controller
HV9123NG-G SUTEX-HV9123NG-G Datasheet
951Kb / 11P
   High-Voltage, Current-Mode PWM Controller
HV9113 SUTEX-HV9113_07 Datasheet
706Kb / 8P
   High-Voltage Current-Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com