Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP2C8A15F324C6N Datasheet(PDF) 47 Page - Altera Corporation

Part # EP2C8A15F324C6N
Description  Cyclone II Device Family
Download  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2C8A15F324C6N Datasheet(HTML) 47 Page - Altera Corporation

Back Button EP2C8A15F324C6N Datasheet HTML 43Page - Altera Corporation EP2C8A15F324C6N Datasheet HTML 44Page - Altera Corporation EP2C8A15F324C6N Datasheet HTML 45Page - Altera Corporation EP2C8A15F324C6N Datasheet HTML 46Page - Altera Corporation EP2C8A15F324C6N Datasheet HTML 47Page - Altera Corporation EP2C8A15F324C6N Datasheet HTML 48Page - Altera Corporation EP2C8A15F324C6N Datasheet HTML 49Page - Altera Corporation EP2C8A15F324C6N Datasheet HTML 50Page - Altera Corporation EP2C8A15F324C6N Datasheet HTML 51Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 168 page
background image
Altera Corporation
2–35
February 2007
Cyclone II Device Handbook, Volume 1
Cyclone II Architecture
There is only one signa and one signb signal for each dedicated
multiplier. Therefore, all of the data A inputs feeding the same dedicated
multiplier must have the same sign representation. Similarly, all of the
data B inputs feeding the same dedicated multiplier must have the same
sign representation. The signa and signb signals can be changed
dynamically to modify the sign representation of the input operands at
run time. The multiplier offers full precision regardless of the sign
representation and can be registered using dedicated registers located at
the input register stage.
Multiplier Modes
Table 2–12 summarizes the different modes that the embedded
multipliers can operate in.
Table 2–12. Embedded Multiplier Modes
Multiplier Mode
Description
18-bit Multiplier
An embedded multiplier can be configured to support a
single 18 × 18 multiplier for operand widths up to 18 bits.
All 18-bit multiplier inputs and results can be registered
independently. The multiplier operands can accept
signed integers, unsigned integers, or a combination of
both.
9-bit Multiplier
An embedded multiplier can be configured to support
two 9 × 9 independent multipliers for operand widths up
to 9-bits. Both 9-bit multiplier inputs and results can be
registered independently. The multiplier operands can
accept signed integers, unsigned integers or a
combination of both.
There is only one signa signal to control the sign
representation of both data A inputs and one signb
signal to control the sign representation of both data B
inputs of the 9-bit multipliers within the same dedicated
multiplier.


Similar Part No. - EP2C8A15F324C6N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2C8A ALTERA-EP2C8A Datasheet
2Mb / 182P
   Package Information Datasheet for Mature Altera Devices
EP2C8A ALTERA-EP2C8A Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C8AQ324C6ES ALTERA-EP2C8AQ324C6ES Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C8AQ324C6N ALTERA-EP2C8AQ324C6N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C8AQ324C7ES ALTERA-EP2C8AQ324C7ES Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
More results

Similar Description - EP2C8A15F324C6N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2C15AF484C7N ALTERA-EP2C15AF484C7N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C5F256I8N ALTERA-EP2C5F256I8N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C20F484C6N ALTERA-EP2C20F484C6N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C5F256C7N ALTERA-EP2C5F256C7N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C5F256C6N ALTERA-EP2C5F256C6N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C8Q208C6 ALTERA-EP2C8Q208C6 Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C5Q208C8N ALTERA-EP2C5Q208C8N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP4CE115F29I7N ALTERA-EP4CE115F29I7N Datasheet
372Kb / 14P
   Cyclone IV FPGA Device Family
EP3C10U256C6N ALTERA-EP3C10U256C6N Datasheet
7Mb / 274P
   Cyclone III Device Family Overview
EP4CE10E22C8N ALTERA-EP4CE10E22C8N Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com