Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV9606 Datasheet(PDF) 6 Page - Supertex, Inc

Part # HV9606
Description  HV9606 Current-Mode PWM Controller with Supervisor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV9606 Datasheet(HTML) 6 Page - Supertex, Inc

  HV9606 Datasheet HTML 1Page - Supertex, Inc HV9606 Datasheet HTML 2Page - Supertex, Inc HV9606 Datasheet HTML 3Page - Supertex, Inc HV9606 Datasheet HTML 4Page - Supertex, Inc HV9606 Datasheet HTML 5Page - Supertex, Inc HV9606 Datasheet HTML 6Page - Supertex, Inc HV9606 Datasheet HTML 7Page - Supertex, Inc HV9606 Datasheet HTML 8Page - Supertex, Inc HV9606 Datasheet HTML 9Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
4/15/2002-R.L2
HV9606
Functional Description – Continued
Start-Up Regulator
The start-up regulator guarantees a maximum VIN pin leakage
current of 6
µA at 20V at the VIN pin while it is inhibited by the
START/STOP circuit. When the effective input voltage exceeds
the programmed START voltage, the regulator is turned on and
seeks to provide a nominal 2.9V at the VDD pin, which is the supply
voltage for all internal circuitry within the HV9606 except the
start/stop circuit. This regulator is capable of input voltages up to
250 Volts, which is the typical maximum arrester voltage limit used
to provide protection on telephone wires. Due to the high voltage
rating of the regulator the HV9606 can be used for applications
operating from rectified AC mains up to 140Vrms. The regulator
can supply a minimum of 5mA, which is sufficient to power the
internal circuitry and provide gate drive power for the external
MOSFET until the bootstrap circuit from the output of the PWM
drives the voltage on the VDD pin higher than the regulator set
point. This forces the regulator to turn off and reduce the input
current at the Vin pin to leakage levels. The VDD pin is typically
bypassed with a capacitor of at least 1
µF, which provides the peak
currents required by the voltage doubler and in turn the gate driver
for the external MOSFET.
For low power applications the circuit may be operated without
bootstrapping. Care should be taken to assure that the power
dissipation in the regulator does not become excessive, as it might
be if the input voltage is high and the gate drive energy required is
high (operating at high frequency).
Low voltage operation of the HV9606 is also possible by powering
VDD from supply voltages of 2.9V to 5.5V. In these applications the
Vin, START and STOP pins should be connected to SGND pin.
When powering only via VDD, the START/STOP control is not
available and the startup regulator circuit is not used.
VDD Under Voltage Lockout
To guarantee correct operation, internal circuitry is held reset by an
under voltage lockout (VDD UVLO) until the regulator output voltage
is at least 100mV below the startup regulator set point.
To
guarantee stable starting the VDD UVLO has a hysteresis of
100mV.
Oscillator
The oscillator circuit operates at twice the PWM output frequency.
The frequency can be programmed in the range of 30kHz to
800kHz by means of a single resistor connected from the RT pin to
SGND. For a given frequency the value of the resistor can be
calculated using the following equation:
RT = [(1 / fOSC) –1x10
-7] / 42.6x10-12
Synchronization
The SYNC pin is an input/output (I/O) port to a unique fault tolerant
peer-to-peer and/or to master clock synchronization circuit. For
synchronization the SYNC pins of multiple HV9606 based
converters can be connected together and may also be connected
to the open drain/collector output of an external master clock.
When connected in this manner the oscillators will lock to the
device with the highest operating frequency. The LOW duty cycle
of an external master clock should not exceed 50%.
When
synchronized in this manner, a permanent logic HIGH or LOW
condition on the SYNC pin will result in a loss of synchronization,
but the HV9606 based converters will continue to operate at their
individually set operating frequency. For this reason the SYNC pin
is considered fault tolerant, since loss of synchronization will not
result in total system failure.
Depending on the cumulative parasitic capacitance on the SYNC
pin when connected in the above manner a pull up resistor may be
required from the SYNC pin to the VDD pin on each HV9606 based
DC/DC converter circuit. The value of the resistor will depend on
the cumulative parasitic capacitance and operating frequency.
Voltage Doubler
The HV9606 can operate on internal voltages ranging from 2.9V to
5.5V.
It may be difficult to find power MOSFETs capable of
operating with such low gate drive voltages. For this reason the
HV9606 incorporates a voltage doubler circuit that generates a
voltage on the VX2 pin that is approximately two times the VDD
voltage. This circuit uses capacitive charge transfer methods and
requires the connection of a capacitor (typically 0.01
µF) between
the CA and CB pins as well as an energy storage capacitor
(typically 0.1
µF) connected from the VX2 pin to PGND pin. The
voltage doubler operates at the PWM output frequency.
The gate driver output on the GATE pin operates from the VX2
voltage, logic level (5Volt) gate power MOSFETs may be used
when VDD is bootstrapped at 3.3V or standard (10V) gate
MOSFETs may be used when VDD is bootstrapped at 5V.
VX2 Under Voltage Lockout
To guarantee that sufficient gate drive voltage is available, an
under voltage lockout circuit (VX2 UVLO) monitors the VX2
voltage. If the VX2 voltage drops below 4.5V the gate driver output
of the PWM circuit is inhibited to prevent damage to the power
MOSFET. This under voltage lockout has a hysteresis of 400mV
to prevent spurious operation.
Band Gap Reference
The operating limits of all internal circuits, except the
START/STOP circuit, are based on the
!1% tolerance band gap
reference voltage available on the REF pin.
It is capable of
delivering 100
µA for use by external circuitry without degrading the
reference.
A bypass capacitor of at least 0.1
µF should be
connected from the REF pin to SGND pin.
Supertex, Inc. 1235 Bordeaux Drive, Sunnyvale, CA 94089 TEL: (408) 744-0100 FAX: (408) 222-4895 www.supertex.com


Similar Part No. - HV9606

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9606DB1 SUTEX-HV9606DB1 Datasheet
147Kb / 4P
   Current-Mode PWM Multiple Output Flyback Converter
More results

Similar Description - HV9606

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LW4933 ETC-LW4933 Datasheet
243Kb / 6P
   POWER SUPPLY SUPERVISOR WITH PWM CONTROLLER
Rev.A1.0
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP3842C BCDSEMI-AP3842C Datasheet
359Kb / 14P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1843 TI-UC1843 Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
UC2846J TI-UC2846J Datasheet
463Kb / 8P
[Old version datasheet]   Current Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com