Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV9605CNG Datasheet(PDF) 3 Page - Supertex, Inc

Part # HV9605CNG
Description  High Voltage Current Mode PWM Controller
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV9605CNG Datasheet(HTML) 3 Page - Supertex, Inc

  HV9605CNG Datasheet HTML 1Page - Supertex, Inc HV9605CNG Datasheet HTML 2Page - Supertex, Inc HV9605CNG Datasheet HTML 3Page - Supertex, Inc HV9605CNG Datasheet HTML 4Page - Supertex, Inc HV9605CNG Datasheet HTML 5Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Status Output
I
SINK
Output current sinking
5.0
10
mA
V
STATUS = 2.0V
ISOURCE
Output current sourcing
5.0
10
15
µA
V
STATUS(HIGH)
High output voltage
V
DD-0.2
V
DD
V
No load
V
STATUS(LOW)
Low output voltage
1.0
2.0
V
Sinking 5mA
0.02
0.04
V
Sinking 100
µA
tR
Rise time
1.0
5.0
msec
4.7nF From Status to GND
Error Amplifier
VFB
Feedback voltage
1.238
1.250
1.263
V
REF shorted to NI, FB
shorted to Comp, T
A = 25°C
IFB or INI
Input bias current
25
200
nA
VFB = 3.0V, VNI = 2.5V
V
OS
Input offset voltage
5.0
25
mV
V
CM
Common mode input range
0
V
DD-1
V
AVOL
Open loop voltage gain
65
90
dB
BW
Unity gain bandwidth
1.0
1.5
MHz
I
SOURCE
Output current sourcing
-2
-1
mA
V
FB < VNI
ISINK
Output current sinking
2
4
mA
VFB > VNI
PSRR
Power supply rejection
50
72
dB
4.5V < V
DD < 5.5V, f=1KHz
Reference
V
REF
Reference output voltage
1.225
1.250
1.275
V
T
A = 25°C
V
REF
Load regulation
1.0
5.0
mV
0 < I
REF < 0.3mA
V
REF
Line regulation
2.0
5.0
mV
4.5V < V
DD < 5.5V
V
REF
Reference output voltage
1.207
1.250
1.293
V
-40
°C < T
A < 85°C
Long term stability
3.0
mV
T
A = 125°C, 1000hrs
I
REF(SHORT)
Short circuit current
0.5
1.0
mA
V
REF = SGND
PWM
D
MAX
Maximum duty cycle
49.0
49.9
%
f
OUT = 20KHz
D
MIN
Minimum duty cycle
0
%
Minimum pulse width before pulse drop out
80
125
nsec
Current Sensing
V
CS
Usable control current sense range
V
CS (limit)
V
V
CS (LIMIT)
Current limit threshold
0.6
0.7
0.8
V
tDELAY
Current limit delay to output
90
120
nsec
VCS = 1.5V
Electrical Characteristics (continued)
Symbol
Parameters
Min
Typ
Max
Unit
Conditions
HV9605C


Similar Part No. - HV9605CNG

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9605 SUTEX-HV9605 Datasheet
33Kb / 5P
   High Voltage Current Mode PWM Controller for ISDN Equipment
HV9605NG SUTEX-HV9605NG Datasheet
33Kb / 5P
   High Voltage Current Mode PWM Controller for ISDN Equipment
HV9605P SUTEX-HV9605P Datasheet
33Kb / 5P
   High Voltage Current Mode PWM Controller for ISDN Equipment
HV9605X SUTEX-HV9605X Datasheet
33Kb / 5P
   High Voltage Current Mode PWM Controller for ISDN Equipment
More results

Similar Description - HV9605CNG

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9112 SUTEX-HV9112_07 Datasheet
705Kb / 8P
   High-Voltage Current-Mode PWM Controller
logo
Microchip Technology
HV9120 MICROCHIP-HV9120 Datasheet
476Kb / 18P
   High-Voltage, Current-Mode, PWM Controller
07/14/15
logo
Supertex, Inc
HV9120NG-G SUTEX-HV9120NG-G Datasheet
960Kb / 11P
   High-Voltage, Current-Mode PWM Controller
HV9110 SUTEX-HV9110 Datasheet
324Kb / 7P
   High-Voltage Current-Mode PWM Controller
HV9123 SUTEX-HV9123_14 Datasheet
649Kb / 11P
   High-Voltage,Current-Mode PWM Controller
logo
Microchip Technology
HV9110 MICROCHIP-HV9110 Datasheet
620Kb / 18P
   High-Voltage Current-Mode PWM Controller
06/23/16
logo
Supertex, Inc
HV9120 SUTEX-HV9120 Datasheet
325Kb / 7P
   High-Voltage Current-Mode PWM Controller
HV9110 SUTEX-HV9110_07 Datasheet
706Kb / 8P
   High-Voltage Current-Mode PWM Controller
HV9123NG-G SUTEX-HV9123NG-G Datasheet
951Kb / 11P
   High-Voltage, Current-Mode PWM Controller
HV9113 SUTEX-HV9113_07 Datasheet
706Kb / 8P
   High-Voltage Current-Mode PWM Controller
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com