Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV9112X Datasheet(PDF) 1 Page - Supertex, Inc

Part # HV9112X
Description  High-Voltage Current-Mode PWM Controller
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV9112X Datasheet(HTML) 1 Page - Supertex, Inc

  HV9112X Datasheet HTML 1Page - Supertex, Inc HV9112X Datasheet HTML 2Page - Supertex, Inc HV9112X Datasheet HTML 3Page - Supertex, Inc HV9112X Datasheet HTML 4Page - Supertex, Inc HV9112X Datasheet HTML 5Page - Supertex, Inc HV9112X Datasheet HTML 6Page - Supertex, Inc HV9112X Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
General Description
The Supertex HV9110 through HV9113 are a series of BiCMOS/
DMOS single-output, pulse width modulator ICs intended for use
in high-speed high-efficiency switchmode power supplies. They
provide all the functions necessary to implement a single-switch
current-mode PWM, in any topology, with a minimum of external
parts.
Because they utilize Supertex’s proprietary BiCMOS/DMOS tech-
nology, they require less than one tenth of the operating power of
conventional bipolar PWM ICs, and can operate at more than
twice their switching frequency. Dynamic range for regulation is
also increased, to approximately 8 times that of similar bipolar
parts. They start directly from any DC input voltages between 10
and 120VDC, requiring no external power resistor. The output
stage is push-pull CMOS and thus requires no clamping diodes
for protection, even when significant lead length exists between
the output and the external MOSFET. The clock frequency is set
with a single external resistor.
Accessory functions are included to permit fast remote shutdown
(latching or nonlatching) and undervoltage shutdown.
For similar ICs intended to operate directly from up to 450VDC
input, please consult the data sheet for the HV9120/9123.
Ordering Information
+V
IN
Feedback
Max
Package Options
Min
Max
Accuracy
Duty Cycle
10V
120V
<
± 1%
49%
HV9110P
HV9110PJ
HV9110NG
HV9110X
9.0V
80V
± 2%
49%
HV9112P
HV9112PJ
HV9112NG
HV9112X
10V
120V
<
± 1%
99%
HV9113P
HV9113PJ
HV9113NG
HV9113X
Standard temperature range for all parts is industrial (-40
° to +85°C).
Absolute Maximum Ratings
+V
IN, Input Voltage
HV9110/9113
120V
HV9112
80V
V
DD, Logic Voltage
15.5V
Logic Linear Input, FB and
Sense Input Voltage
-0.3V to V
DD+0.3V
Storage Temperature
-65
°C to 150°C
Power Dissipation, SOIC
750mW
Power Dissipation, Plastic DIP
1000mW
Power Dissipation PLCC
1400mW
High-Voltage Current-Mode PWM Controller
Features
❏ 10 to 120V input range
❏ Current-mode control
❏ High efficiency
❏ Up to 1.0MHz internal oscillator
❏ Internal start-up circuit
❏ Low internal noise
Applications
❏ DC/DC converters
❏ Distributed power systems
❏ ISDN equipment
❏ PBX systems
❏ Modems
14 Pin
20 Pin
14 Pin
Die
Plastic DIP
Plastic PLCC
Narrow Body SOIC
For detailed circuit and application information, please refer
to application notes AN-H13 and AN-H21 to AN-H24.
HV9110
HV9112
HV9113
11/12/01
Supertex Inc. does not recommend the use of its products in life support applications and will not knowingly sell its products for use in such applications unless it receives an adequate "products liability
indemnification insurance agreement." Supertex does not assume responsibility for use of devices described and limits its liability to the replacement of devices determined to be defective due to
workmanship. No responsibility is assumed for possible omissions or inaccuracies. Circuitry and specifications are subject to change without notice. For the latest product specifications, refer to the
Supertex website: http://www.supertex.com. For complete liability information on all Supertex products, refer to the most current databook or to the Legal/Disclaimer page on the Supertex website.


Similar Part No. - HV9112X

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9112 SUTEX-HV9112 Datasheet
705Kb / 8P
   High-Voltage Current-Mode PWM Controller
logo
Microchip Technology
HV9112 MICROCHIP-HV9112 Datasheet
620Kb / 18P
   High-Voltage Current-Mode PWM Controller
06/23/16
logo
Supertex, Inc
HV9112NG-G SUTEX-HV9112NG-G Datasheet
705Kb / 8P
   High-Voltage Current-Mode PWM Controller
logo
Microchip Technology
HV9112NG-G MICROCHIP-HV9112NG-G Datasheet
620Kb / 18P
   High-Voltage Current-Mode PWM Controller
06/23/16
logo
Supertex, Inc
HV9112 SUTEX-HV9112_07 Datasheet
705Kb / 8P
   High-Voltage Current-Mode PWM Controller
More results

Similar Description - HV9112X

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9112 SUTEX-HV9112_07 Datasheet
705Kb / 8P
   High-Voltage Current-Mode PWM Controller
logo
Microchip Technology
HV9120 MICROCHIP-HV9120 Datasheet
476Kb / 18P
   High-Voltage, Current-Mode, PWM Controller
07/14/15
logo
Supertex, Inc
HV9120NG-G SUTEX-HV9120NG-G Datasheet
960Kb / 11P
   High-Voltage, Current-Mode PWM Controller
HV9123 SUTEX-HV9123_14 Datasheet
649Kb / 11P
   High-Voltage,Current-Mode PWM Controller
HV9605C SUTEX-HV9605C Datasheet
312Kb / 5P
   High Voltage Current Mode PWM Controller
logo
Microchip Technology
HV9110 MICROCHIP-HV9110 Datasheet
620Kb / 18P
   High-Voltage Current-Mode PWM Controller
06/23/16
logo
Supertex, Inc
HV9120 SUTEX-HV9120 Datasheet
325Kb / 7P
   High-Voltage Current-Mode PWM Controller
HV9110 SUTEX-HV9110_07 Datasheet
706Kb / 8P
   High-Voltage Current-Mode PWM Controller
HV9123NG-G SUTEX-HV9123NG-G Datasheet
951Kb / 11P
   High-Voltage, Current-Mode PWM Controller
HV9113 SUTEX-HV9113_07 Datasheet
706Kb / 8P
   High-Voltage Current-Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com